Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LHL06G1R0M Datasheet(PDF) 1 Page - Taiyo Yuden (U.S.A.), Inc

Part # LHL06G1R0M
Description  RADIAL LEADED INDUCTORS
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TAIYO-YUDEN [Taiyo Yuden (U.S.A.), Inc]
Direct Link  http://www.t-yuden.com/
Logo TAIYO-YUDEN - Taiyo Yuden (U.S.A.), Inc

LHL06G1R0M Datasheet(HTML) 1 Page - Taiyo Yuden (U.S.A.), Inc

  LHL06G1R0M Datasheet HTML 1Page - Taiyo Yuden (U.S.A.), Inc LHL06G1R0M Datasheet HTML 2Page - Taiyo Yuden (U.S.A.), Inc LHL06G1R0M Datasheet HTML 3Page - Taiyo Yuden (U.S.A.), Inc LHL06G1R0M Datasheet HTML 4Page - Taiyo Yuden (U.S.A.), Inc LHL06G1R0M Datasheet HTML 5Page - Taiyo Yuden (U.S.A.), Inc LHL06G1R0M Datasheet HTML 6Page - Taiyo Yuden (U.S.A.), Inc LHL06G1R0M Datasheet HTML 7Page - Taiyo Yuden (U.S.A.), Inc LHL06G1R0M Datasheet HTML 8Page - Taiyo Yuden (U.S.A.), Inc LHL06G1R0M Datasheet HTML 9Page - Taiyo Yuden (U.S.A.), Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 26 page
background image
形名表記法 ORDERING CODE
用途 APPLICATIONS
特長 FEATURES
308
LH L Q
7
6
5
4
3
2
1
ZZZ
0 8TB 101K
Y
LHL08
∼LHL16シリーズはケースfLHFGGGBBはベースgタイプであるの
で、基板上での自立安定性に優れる
Y
小電流用にはLAV35/LHL06が対応
Y
大電流用にはLHLC06/LHLZ06/LHL08/LHL10/LHL13/LHL16/LHFGGGBB
が対応
Y
LHFGGGBB
以外は自動挿入対応
Y
LHFP13/15BB
は大電流用の磁気シールドタイプ
Y
The LHL08~LHL16 series radial inductors are encapsulated in a resin hous-
ing which adds to the stability of the mounted part on a printed circuit
board.
Y
The LAV35 and LHL06 series are for small current applications.
Y
The LHLC06/LHLZ06/LHL08/LHL10/LHL13/LHL16/LHFGGGBB series are
for high current applications.
Y
All items can be packaged for automatic insertion except the LHFGGGBB
type.
Y
The LHFP13/15BB series are shielded type for high current applications.
Y
Ideal for use as a power choke coil in general household appliances (TV
sets, video appliances, etc.) and industrial equipment
Y
Can also be used as a peaking coil in filtering applications
ラジアルリードインダクタ
RADIAL LEADED INDUCTORS
Y
一般民生fテレビ、ビデオ等の家電g、産機用機器の電源用チョークコイル
Y
各種フィルタ用ピーキングコイル
LA
アキシャルインダクタ
LH
ラジアルインダクタ
1
形式
2
5
公称インダクタンス hAHi
OPERATING TEMP.
K
25VJ105C
(製品自己発熱含む)
f
Including self-generated heatg
LA
Axial inductor
LH
Radial inductor
1
Type
  
5
Nominal InductancefAHg
example
1R0
1.0
150
15
102
1000
6
インダクタンス許容差hLi
J
M
5
K
M
10
M
M
20
N
M
30
7
当社管理記号
3
外形寸法 hmm 以下 i
FQ
単品のみ
FP
磁気シールドタイプ単品
LQ
テーピング対応品
L C
大電流タイプ
  L Z  大電流、低 RDC タイプ
VQ
ラジアルフォーミング
QW
スペース
形状記号
2
06
L06 6.8, LC06 7.5, LZ06 7.8
08
9.0
10
11.0
13
LHL 14.0, LHFP 14.5
15
LHF 18.0, LHFP 16.0
16
17.0
35
6.0fLAVg
6
Inductance Tolerances (%)
J
M
5
K
M
10
M
M
20
N
M
30
FQ
Bulk only
FP
Shielded type Bulk only
LQ
Standard type Taping available
LC
High current type
LZ
High current, low RDC type
 VQ
Radial formed lead
QW
Blank space
2
  
7
Internal code
QQQ
標準品
QW
スペース
4
包装
BB
単品 fLHFg
NB
単品 fLHLg
TB
つづら折りテーピング fLHLg
VB
つづら折りテーピング fLAVg
1R0
1.0
150
15
102
1000
3
External dimensionshmm maxi
06
L06 6.8, LC06 7.5, LZ06 7.8
08
9.0
10
11.0
13
14.0
15
18.0
16
17.0
35
6.0fLAVg
4
Packaging Code
BB
BulkfLHFg
NB
BulkfLHLg
TB
Ammo packagingfLHLg
VB
Ammo packagingfLAVg
FR=
小数点
FR=Decimal point
Configuration
QQQ
Standard product
QW
Blank space


Similar Part No. - LHL06G1R0M

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
LHL06TB222J ETC2-LHL06TB222J Datasheet
544Kb / 26P
   RADIAL LEADED INDUCTORS
More results

Similar Description - LHL06G1R0M

ManufacturerPart #DatasheetDescription
logo
Taiyo Yuden (U.S.A.), I...
LHL13TB332J TAIYO-YUDEN-LHL13TB332J Datasheet
522Kb / 20P
   RADIAL LEADED INDUCTORS
LHL08TB272J TAIYO-YUDEN-LHL08TB272J Datasheet
137Kb / 1P
   Radial Leaded Inductors
LHL08TB331K TAIYO-YUDEN-LHL08TB331K Datasheet
137Kb / 1P
   Radial Leaded Inductors
LHL08TB390K TAIYO-YUDEN-LHL08TB390K Datasheet
137Kb / 1P
   Radial Leaded Inductors
LHLP12NB330M TAIYO-YUDEN-LHLP12NB330M Datasheet
137Kb / 1P
   Radial Leaded Inductors
LHL08TB470K TAIYO-YUDEN-LHL08TB470K Datasheet
137Kb / 1P
   Radial Leaded Inductors
LHL08TB820K TAIYO-YUDEN-LHL08TB820K Datasheet
137Kb / 1P
   Radial Leaded Inductors
LHL08TB822J TAIYO-YUDEN-LHL08TB822J Datasheet
137Kb / 1P
   Radial Leaded Inductors
LHL10TB120K TAIYO-YUDEN-LHL10TB120K Datasheet
137Kb / 1P
   Radial Leaded Inductors
logo
List of Unclassifed Man...
LHL06TB222J ETC2-LHL06TB222J Datasheet
544Kb / 26P
   RADIAL LEADED INDUCTORS
logo
Taiyo Yuden (U.S.A.), I...
LHLP16NB102K TAIYO-YUDEN-LHLP16NB102K Datasheet
137Kb / 1P
   Radial Leaded Inductors
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com