Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SG217K Datasheet(PDF) 3 Page - Microsemi Corporation

Part # SG217K
Description  1.5A Three Terminal Adj. Voltage Regulator
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

SG217K Datasheet(HTML) 3 Page - Microsemi Corporation

  SG217K Datasheet HTML 1Page - Microsemi Corporation SG217K Datasheet HTML 2Page - Microsemi Corporation SG217K Datasheet HTML 3Page - Microsemi Corporation SG217K Datasheet HTML 4Page - Microsemi Corporation SG217K Datasheet HTML 5Page - Microsemi Corporation SG217K Datasheet HTML 6Page - Microsemi Corporation SG217K Datasheet HTML 7Page - Microsemi Corporation SG217K Datasheet HTML 8Page - Microsemi Corporation SG217K Datasheet HTML 9Page - Microsemi Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
SG117 / 217 / 317 / 117A / 217A / 317A
Microsemi
Integrated Products Division
11861 Western Avenue, Garden Grove, CA. 92841, 714-898-8121, Fax: 714-893-2570
Page 3
Copyright
© 1994
Rev. 1.3, 2006-02-08
1.5A Three Terminal Adj. Voltage Regulator
TM
®
RECOMM END E D O P ERATING CONDITIONS
SGx17x
Parameter
Min
Typ
Max
Units
Input Voltage Range
VOUT + 3.5
37
V
Operating Junction Temperature Range
SG117A / SG117
-55
150
°C
Operating Junction Temperature Range
SG217A / SG217
-25
150
°C
Operating Junction Temperature Range
SG317A / SG317
0
125
°C
Note 2: Range Over which the device is functional.
Note 3: These ratings are applicable for junction temperatures of less than 150°C
ELECTRICAL CHA RACTERISTICS
Unless otherwise specified, these specifications apply over the full operating ambient temperature for the SG117A / SG117 with -55°C <
TA < 125°C, the SG217A / SG217 with -25°C < TA < 85°C, and the SG317A / SG317 with 0°C < TA < 70°C, VIN – VOUT = 5.0V and for
IOUT = 500mA (K,R, G, and IG) and IOUT = 100mA (T, F, and L packages). Although power dissipation is internally limited, these
specifications are applicable for power dissipations of 2W for the T and L packages, and 20W for the K, R, G, and IG packages. IMAX is
1.5A for the K, R, G, and IG packages and 500m for the T, F, and L packages. Low duty cycle pulse testing techniques are used which
maintains junction and case temperatures equal to the ambient temperature.
SG117A / SG217A
SG117 / SG217
Units
Parameter
Test Conditions
Min
Typ
Max
Min
Typ
Max
Reference Voltage
IOUT = 10mA, TA = 25°C
1.238 1.250 1.262
V
3V < (VIN – VOUT ) < 40V, P < PMAX
10mA < IOUT < IMAX
1.225 1.250 1.270
1.20
1.25
1.30
V
Line Regulation (Note 4)
3V < (VIN – VOUT) < 40V, IL = 10mA
TA = 25°C
0.005
0.01
0.1
0.02
%/V
TA = TMIN to TMAX
0.01
0.02
0.02
0.05
%/V
Load Regulation (Note 4)
10mA < IOUT < IMAX
VOUT < 5V, TA = 25°C
5
15
5
15
mV
VOUT > 5V, TA =25°C
0.1
0.3
0.1
0.3
%
VOUT < 5V
20
50
20
50
mV
VOUT > 5V
0.3
1
0.3
1
%
Thermal Regulation (Note 5)
TA = 25°C, 20ms pulse
0.002
0.02
0.03
0.07
%/W
VOUT = 10V, f = 120Hz
CADJ = 1µF, TA = 25°C
65
65
dB
CADJ = 10µF
66
80
66
80
dB
Adjust Pin Current
50
100
50
100
µA
Adjust Pin Current Change
10mA < IOUT < IMAX, 2.5V < (VIN – VOUT) < 40V
0.2
5
0.2
5
µA
Minimum Load Current
(VIN – VOUT) = 40V
3.5
5
3.5
5
mA
Current Limit
(VIN – VOUT) < 15V
K, P, R, G, IG Packages
1.5
2.2
1.5
2.2
A
T, L Packages
0.5
0.8
0.5
0.8
A
(VIN – VOUT) = 40V, TJ = 25°C
K, P, R, G, IG Packages
0.3
0.4
0.3
0.4
A
T, L Packages
0.15
0.2
0.15
0.2
A
Temperature Stability (Note 5)
1
2
1
%
Long Term Stability (Note 5)
TA = 125°C, 1000 Hours
0.3
1
0.3
1
%
RMS Output Noise (% of VOUT)
TA = 25°C, 10Hz < f < 10kHz (Note 5)
0.001
0.001
%


Similar Part No. - SG217K

ManufacturerPart #DatasheetDescription
logo
Micro Electronics
SG217K MICRO-ELECTRONICS-SG217K Datasheet
263Kb / 8P
   1.5 AMP THREE TERMINAL ADJUSTABLE VOLTAGE REGULATOR
logo
Microsemi Corporation
SG217K MICROSEMI-SG217K Datasheet
359Kb / 9P
   1.5A Three Terminal Adj. Voltage Regulator
More results

Similar Description - SG217K

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
7703401YA MICROSEMI-7703401YA Datasheet
365Kb / 9P
   1.5A Three Terminal Adj. Voltage Regulator
SG117AHV MICROSEMI-SG117AHV Datasheet
455Kb / 13P
   1.5A Three Terminal Adj. Voltage Regulator
SG117 MICROSEMI-SG117_06 Datasheet
359Kb / 9P
   1.5A Three Terminal Adj. Voltage Regulator
7703401ZA MICROSEMI-7703401ZA Datasheet
365Kb / 9P
   TM 1.5A Three Terminal Adj. Voltage Regulator
logo
TOKO, Inc
TK116XXU TOKO-TK116XXU Datasheet
78Kb / 14P
   THREE-TERMINAL VOLTAGE REGULATOR
logo
Guilin Strong Micro-Ele...
GM6202 GSME-GM6202 Datasheet
972Kb / 3P
   Three-terminal Voltage Regulator
logo
Guangdong Kexin Industr...
78L05-23 KEXIN-78L05-23 Datasheet
417Kb / 1P
   Three-Terminal Voltage Regulator
78L03 KEXIN-78L03 Datasheet
365Kb / 1P
   Three-Terminal Voltage Regulator
LM79L09 KEXIN-LM79L09 Datasheet
63Kb / 1P
   Three-terminal Voltage Regulator
logo
Galaxy Semi-Conductor H...
BL79LXX BILIN-BL79LXX Datasheet
192Kb / 10P
   Three-terminal voltage regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com