Electronic Components Datasheet Search |
|
A0408835 Datasheet(PDF) 9 Page - List of Unclassifed Manufacturers |
|
A0408835 Datasheet(HTML) 9 Page - List of Unclassifed Manufacturers |
9 / 14 page COMMERCIAL NETWORKING — OPT IC AL FIBE R 16.12 For more information, contact Belden T echnical Support: 1-800-BELDEN-1 • www .belden.com Fiber Express Patch Panels Rack Mount Patch Panels Fiber Express Rack Mount Patch Panel 1U and 2U The Fiber Express 1U and 2U Rack Mount Patch Panels are equipped with a special hinge that allows easy access to the rear of the patch panel without disturbing the optical fiber cable. A specially designed front panel allows connector protection and easy routing of optical fiber patch cords. The Fiber Express Rack Mount Patch Panels are also compatible with our 203 mm (8 in.) Splice Organizer Trays. This allows the optical fiber cable to be either terminated with fiber single-ended patch cords or field-installable connectors. The patch panels can be used with ST Compatible, SC, 568SC, FC, LC or MT-RJ adapters strips (ordered separately). The Fiber Express 1U Rack Mount Patch Panel is a low-cost, compact assembly designed for interconnection or splicing of optical fiber cables, from 12 up to 48 fibers if MT-RJ or LC double density adapter strips are used. The low-profile design minimizes rack space to only 45 mm (1.75 in.). An optional smoked Plexiglass front cover is also available. The Fiber Express 2U Rack Mount Patch Panel offers a high fiber capacity, 96 fibers if using double density MT-RJ or LC adapter strips. The Fiber Express 2U comes equipped with a smoked Plexiglass front cover that protects fiber connections while allowing for quick visual inspection. Fiber Express Rack Mount Patch Panel 3U The Fiber Express 3U Rack Mount Patch Panel can accommodate up to 96 optical fiber connections using MT-RJ or LC connectors. The connector panel is mounted on a sliding drawer for easy access to the back side (cable side) of the panel. The Fiber Express 3U Rack Mount Patch Panel can be used with either optical fiber single-ended patch cords or field-installable connectors. If optical single-ended patch cords are to be used, organizer trays are easily accessible via the removable front access pull-out drawer. (Trays must be ordered separately.) The Fiber Express 3U Rack Mount Patch Panel is a compact cross-connect assembly for the termination of optical fiber cables. The low-profile design minimizes required rack space to 127 mm (5 in.). It is compatible with ST Compatible, SC, 568SC, MT-RJ, LC and FC adapters strips (ordered separately). Fiber Express Rack Mount Patch Panel 4U The Fiber Express 4U Rack Mount Patch Panel is an economical solution for the protection of optical fiber terminations and splices, up to 192 optical fibers if using MT-RJ or LC connectors. The connector panel, accepting the Universal Adapter Strips, is located inside the enclosure and swings out (left or right) to give easy access to the cable and splices. The Fiber Express 4U Rack Mount Patch Panel is a compact Cross-Connect enclosure for the cross- connection, interconnection or splicing of optical fiber cables. The low-profile design minimizes required rack space to 178 mm (7 in.). It can be used with ST Compatible, SC, 568SC, MT-RJ, LC and FC adapters strips (ordered separately). Belden Part Number Description Fiber Express Patch Panels Fiber Express Rack Mount Patch Panel 1U* Gray AX100042 Black AX100041 Fiber Express Rack Mount Patch Panel 2U* Gray AX100069 Black AX100068 Fiber Express Rack Mount Patch Panel 3U Gray AX100078 Black AX100077 Fiber Express Rack Mount Patch Panel 4U Gray AX100115 Black AX100116 If Single-ended patch cords are to be spliced to the fiber cable, don’t forget to order Splice Organizer Trays or Kits. Both these, and the Universal Adapter Strips can be ordered in the Fiber Express Accessories section. *IMPORTANT: The Fiber Express 1U accepts two (2) 203 mm (8 in.) splice trays. The 2U accepts four (4) 203 mm (8 in.) splice trays. These products are in the process of being assessed for RoHS compliance. Please check our Web Site for the most current RoHS status. AX100041 Fiber Express, 12/24 Port (1U) Rack Mount Patch Panel AX100069 Fiber Express, 24/48 Port (2U) Rack Mount Patch Panel AX100078 Fiber Express (3U) Rack Mount Patch Panel AX100115 Fiber Express, 48/96 Port (4U) Rack Mount Patch Panel |
Similar Part No. - A0408835 |
|
Similar Description - A0408835 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |