Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LHL06G391K Datasheet(PDF) 8 Page - Taiyo Yuden (U.S.A.), Inc

Part # LHL06G391K
Description  RADIAL LEADED INDUCTORS
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TAIYO-YUDEN [Taiyo Yuden (U.S.A.), Inc]
Direct Link  http://www.t-yuden.com/
Logo TAIYO-YUDEN - Taiyo Yuden (U.S.A.), Inc

LHL06G391K Datasheet(HTML) 8 Page - Taiyo Yuden (U.S.A.), Inc

Back Button LHL06G391K Datasheet HTML 4Page - Taiyo Yuden (U.S.A.), Inc LHL06G391K Datasheet HTML 5Page - Taiyo Yuden (U.S.A.), Inc LHL06G391K Datasheet HTML 6Page - Taiyo Yuden (U.S.A.), Inc LHL06G391K Datasheet HTML 7Page - Taiyo Yuden (U.S.A.), Inc LHL06G391K Datasheet HTML 8Page - Taiyo Yuden (U.S.A.), Inc LHL06G391K Datasheet HTML 9Page - Taiyo Yuden (U.S.A.), Inc LHL06G391K Datasheet HTML 10Page - Taiyo Yuden (U.S.A.), Inc LHL06G391K Datasheet HTML 11Page - Taiyo Yuden (U.S.A.), Inc LHL06G391K Datasheet HTML 12Page - Taiyo Yuden (U.S.A.), Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 26 page
background image
315
5
アイテム一覧 PART NUMBERS
LHL13G100K
10.0
140.0
19.0
0.023
4.5
LHL13G150K
15.0
12.0
0.028
4.0
LHL13G220K
22.0
100.0
7.6
0.035
3.4
LHL13G330K
33.0
6.9
0.043
3.2
2.52
LHL13G470K
47.0
70.0
5.6
0.052
2.8
LHL13G680K
68.0
4.4
0.070
2.4
LHL13G101K
100.0
M
10L
50.0
3.3
0.12
2.0
LHL13G151K
150.0
2.6
0.19
1.5
LHL13G221K
220.0
40.0
2.2
0.23
1.3
0.796
LHL13G331K
330.0
1.8
0.35
1.1
LHL13G471K
470.0
30.0
1.5
0.43
0.90
LHL13G681K
680.0
1.2
0.61
0.80
LHL13G102J
1000.0
1.0
1.2
0.60
LHL13G152J
1500.0
0.83
1.8
0.45
LHL13G222J
2200.0
40.0
0.70
2.2
0.40
0.252
LHL13G332J
3300.0
M
5L
0.60
3.4
0.33
LHL13G472J
4700.0
0.43
4.7
0.28
LHL13G682J
6800.0
30.0
0.38
5.6
0.25
LHL13G103J
10000.0
70.0
0.30
10
0.19
LHL13
LHL16G470K
47.0
70.0
4.5
0.046
3.7
2.52
LHL16G680K
68.0
3.9
0.054
3.3
LHL16G101K
100.0
2.7
0.077
2.9
LHL16G151K
150.0
60.0
2.3
0.11
2.4
LHL16G221K
220.0
M
10L
1.9
0.15
2.0
0.796
LHL16G331K
330.0
40.0
1.6
0.21
1.5
LHL16G471K
470.0
30.0
1.4
0.28
1.3
LHL16G681K
680.0
1.2
0.35
1.1
LHL16G102J
1000.0
0.84
0.74
0.86
LHL16G152J
1500.0
0.69
0.93
0.75
LHL16G222J
2200.0
20.0
0.56
1.4
0.60
0.252
LHL16G332J
3300.0
0.49
2.2
0.50
LHL16G472J
4700.0
M
5L
0.41
2.6
0.40
LHL16G682J
6800.0
0.35
3.9
0.33
LHL16G103J
10000.0
70.0
0.26
7.3
0.25
LHL16
形名のGには包装記号fTBDテーピング, NBD単品gが入ります。
G
Please specify the packaging code.fTB
DTaping, NBDBulkg
形名のGには包装記号fTBDテーピング, NBD単品gが入ります。
G
Please specify the packaging code.fTB
DTaping, NBDBulkg
L:1kHz
Q:0.0796MHz
L:1KHz
Q:0.0796MHz
公  称
インダクタンス
Inductance
[AH]
形  名
Ordering code
測 定
周波数
Measuring
frequency
h
MHzi
定格電流
Rated
current
h
Ai
f
max.g
直流抵抗
DC
Resistance
hEi
f
max.g
自己共振
周波 数
Self-resonant
frequency
h
MHzi
f
min.g
Q
f
min.g
インダクタンス
許容差
Inductance
Tolerance
公  称
インダクタンス
Inductance
[AH]
形  名
Ordering code
測 定
周波数
Measuring
frequency
h
MHzi
定格電流
Rated
current
h
Ai
f
max.g
直流抵抗
DC
Resistance
hEi
f
max.g
自己共振
周波 数
Self-resonant
frequency
h
MHzi
f
min.g
Q
f
min.g
インダクタンス
許容差
Inductance
Tolerance


Similar Part No. - LHL06G391K

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
LHL06TB222J ETC2-LHL06TB222J Datasheet
544Kb / 26P
   RADIAL LEADED INDUCTORS
More results

Similar Description - LHL06G391K

ManufacturerPart #DatasheetDescription
logo
Taiyo Yuden (U.S.A.), I...
LHL13TB332J TAIYO-YUDEN-LHL13TB332J Datasheet
522Kb / 20P
   RADIAL LEADED INDUCTORS
LHL08TB272J TAIYO-YUDEN-LHL08TB272J Datasheet
137Kb / 1P
   Radial Leaded Inductors
LHL08TB331K TAIYO-YUDEN-LHL08TB331K Datasheet
137Kb / 1P
   Radial Leaded Inductors
LHL08TB390K TAIYO-YUDEN-LHL08TB390K Datasheet
137Kb / 1P
   Radial Leaded Inductors
LHLP12NB330M TAIYO-YUDEN-LHLP12NB330M Datasheet
137Kb / 1P
   Radial Leaded Inductors
LHL08TB470K TAIYO-YUDEN-LHL08TB470K Datasheet
137Kb / 1P
   Radial Leaded Inductors
LHL08TB820K TAIYO-YUDEN-LHL08TB820K Datasheet
137Kb / 1P
   Radial Leaded Inductors
LHL08TB822J TAIYO-YUDEN-LHL08TB822J Datasheet
137Kb / 1P
   Radial Leaded Inductors
LHL10TB120K TAIYO-YUDEN-LHL10TB120K Datasheet
137Kb / 1P
   Radial Leaded Inductors
logo
List of Unclassifed Man...
LHL06TB222J ETC2-LHL06TB222J Datasheet
544Kb / 26P
   RADIAL LEADED INDUCTORS
logo
Taiyo Yuden (U.S.A.), I...
LHLP16NB102K TAIYO-YUDEN-LHLP16NB102K Datasheet
137Kb / 1P
   Radial Leaded Inductors
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com