Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FOD617CSD Datasheet(PDF) 4 Page - Fairchild Semiconductor

Part # FOD617CSD
Description  FOD814 Series, FOD817 Series FOD814 Series, FOD817 Series Phototransistor Optocouplers
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FOD617CSD Datasheet(HTML) 4 Page - Fairchild Semiconductor

  FOD617CSD Datasheet HTML 1Page - Fairchild Semiconductor FOD617CSD Datasheet HTML 2Page - Fairchild Semiconductor FOD617CSD Datasheet HTML 3Page - Fairchild Semiconductor FOD617CSD Datasheet HTML 4Page - Fairchild Semiconductor FOD617CSD Datasheet HTML 5Page - Fairchild Semiconductor FOD617CSD Datasheet HTML 6Page - Fairchild Semiconductor FOD617CSD Datasheet HTML 7Page - Fairchild Semiconductor FOD617CSD Datasheet HTML 8Page - Fairchild Semiconductor FOD617CSD Datasheet HTML 9Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
©2006 Fairchild Semiconductor Corporation
www.fairchildsemi.com
FOD814 Series, FOD817 Series Rev. 1.1.5
4
Electrical Characteristics (T
A = 25°C Unless otherwise specified.) (Continued)
Isolation Characteristics
*Typical values at TA = 25°C
Notes:
1. Current Transfer Ratio (CTR) = IC/IF x 100%.
2. For test circuit setup and waveforms, refer to page 7.
3. For this test, Pins 1 and 2 are common, and Pins 3 and 4 are common.
Symbol
Characteristic
Device
Test Conditions
Min.
Typ.*
Max.
Units
VISO
Input-Output Isolation
Voltage(3)
FOD814,
FOD817
f = 60Hz, t = 1 min,
II-O ≤ 2µA
5000
Vac(rms)
RISO
Isolation Resistance
FOD814,
FOD817
VI-O = 500VDC
5x1010
1x1011
CISO
Isolation Capacitance
FOD814,
FOD817
VI-O = 0, f = 1 MHz
0.6
1.0
pf


Similar Part No. - FOD617CSD

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FOD617C FAIRCHILD-FOD617C Datasheet
578Kb / 12P
   4-Pin Phototransistor Optocouplers
More results

Similar Description - FOD617CSD

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FOD817A3SD FAIRCHILD-FOD817A3SD Datasheet
723Kb / 12P
   FOD814 Series, FOD817 Series 4-Pin High Operating Temperature Phototransistor Optocouplers
FOD817A3S FAIRCHILD-FOD817A3S Datasheet
723Kb / 12P
   FOD814 Series, FOD817 Series 4-Pin High Operating Temperature Phototransistor Optocouplers
CNY17-1 FAIRCHILD-CNY17-1 Datasheet
575Kb / 14P
   Phototransistor Optocouplers
H11AG1SD FAIRCHILD-H11AG1SD Datasheet
146Kb / 8P
   PHOTOTRANSISTOR OPTOCOUPLERS
H11AV1-M FAIRCHILD-H11AV1-M Datasheet
530Kb / 10P
   PHOTOTRANSISTOR OPTOCOUPLERS
H11AV1 FAIRCHILD-H11AV1 Datasheet
534Kb / 10P
   PHOTOTRANSISTOR OPTOCOUPLERS
logo
QT Optoelectronics
CNY17-1 QT-CNY17-1 Datasheet
546Kb / 5P
   PHOTOTRANSISTOR OPTOCOUPLERS
logo
Fairchild Semiconductor
MCT2 FAIRCHILD-MCT2 Datasheet
619Kb / 15P
   PHOTOTRANSISTOR OPTOCOUPLERS
logo
QT Optoelectronics
MCT2200 QT-MCT2200 Datasheet
402Kb / 4P
   PHOTOTRANSISTOR OPTOCOUPLERS
MOC8111 QT-MOC8111 Datasheet
434Kb / 5P
   PHOTOTRANSISTOR OPTOCOUPLERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com