Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LHL08G6R8M Datasheet(PDF) 10 Page - Taiyo Yuden (U.S.A.), Inc

Part # LHL08G6R8M
Description  RADIAL LEADED INDUCTORS
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TAIYO-YUDEN [Taiyo Yuden (U.S.A.), Inc]
Direct Link  http://www.t-yuden.com/
Logo TAIYO-YUDEN - Taiyo Yuden (U.S.A.), Inc

LHL08G6R8M Datasheet(HTML) 10 Page - Taiyo Yuden (U.S.A.), Inc

Back Button LHL08G6R8M Datasheet HTML 6Page - Taiyo Yuden (U.S.A.), Inc LHL08G6R8M Datasheet HTML 7Page - Taiyo Yuden (U.S.A.), Inc LHL08G6R8M Datasheet HTML 8Page - Taiyo Yuden (U.S.A.), Inc LHL08G6R8M Datasheet HTML 9Page - Taiyo Yuden (U.S.A.), Inc LHL08G6R8M Datasheet HTML 10Page - Taiyo Yuden (U.S.A.), Inc LHL08G6R8M Datasheet HTML 11Page - Taiyo Yuden (U.S.A.), Inc LHL08G6R8M Datasheet HTML 12Page - Taiyo Yuden (U.S.A.), Inc LHL08G6R8M Datasheet HTML 13Page - Taiyo Yuden (U.S.A.), Inc LHL08G6R8M Datasheet HTML 14Page - Taiyo Yuden (U.S.A.), Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 26 page
background image
317
5
LHFP13BB100M
10A
0.024
22.0
4.4
LHFP13BB150M
15A
M
20
0.030
16.0
4.0
LHFP13BB220M
22A
0.033
9.7
3.6
LHFP13BB330M
33A
0.040
7.6
3.2
LHFP13BB470K
47A
0.058
4.4
2.6
LHFP13BB680K
68A
0.10
4.2
1.9
LHFP13BB101K
100A
0.15
2.6
1.6
LHFP13BB151K
150A
0.19
2.0
1.4
LHFP13BB221K
220A
0.30
1.7
1.1
LHFP13BB331K
330A
1kHz
0.49
1.3
0.84
LHFP13BB471K
470A
M
10
0.58
1.1
0.77
LHFP13BB681K
680A
0.93
0.90
0.60
LHFP13BB102K
1.0m
1.4
0.78
0.50
LHFP13BB152K
1.5m
2.3
0.50
0.38
LHFP13BB222K
2.2m
2.9
0.42
0.34
LHFP13BB332K
3.3m
4.2
0.38
0.28
LHFP13BB472K
4.7m
6.2
0.28
0.23
LHFP13BB682K
6.8m
9.7
0.22
0.18
LHFP13BB103K
10m
12.0
0.19
0.16
LHFP13BB
公  称
インダクタンス
Nominal
Inductance
[H]
形  名
Ordering code
定格電流
Rated
current
h
Ai
f
max.g
直流抵抗
DC
Resistance
hEi
f
max.g
自己共振
周波 数
Self-resonant
frequency
h
MHzi
f
min.g
インダクタンス
許容差
Inductance
Tolerance
[L]
L
測定
周波数
L Measuring
frequency
アイテム一覧 PART NUMBERS
LHFP15BB
LHFP15BB470K
47A
0.044
8.5
3.3
LHFP15BB680K
68A
0.055
3.8
2.9
LHFP15BB101K
100A
0.075
2.4
2.5
LHFP15BB151K
150A
0.13
2.0
1.9
LHFP15BB221K
220A
0.20
1.3
1.6
LHFP15BB331K
330A
0.30
0.93
1.3
LHFP15BB471K
470A
0.36
0.87
1.1
LHFP15BB681K
680A
1kHz
M
10
0.56
0.66
0.90
LHFP15BB102K
1.0m
0.70
0.55
0.80
LHFP15BB152K
1.5m
1.2
0.44
0.62
LHFP15BB222K
2.2m
1.9
0.33
0.50
LHFP15BB332K
3.3m
2.3
0.28
0.45
LHFP15BB472K
4.7m
3.5
0.23
0.36
LHFP15BB682K
6.8m
5.4
0.16
0.28
LHFP15BB103K
10m
6.7
0.14
0.25
公  称
インダクタンス
Nominal
Inductance
[H]
形  名
Ordering code
定格電流
Rated
current
h
Ai
f
max.g
直流抵抗
DC
Resistance
hEi
f
max.g
自己共振
周波 数
Self-resonant
frequency
h
MHzi
f
min.g
インダクタンス
許容差
Inductance
Tolerance
[L]
L
測定
周波数
L Measuring
frequency


Similar Part No. - LHL08G6R8M

ManufacturerPart #DatasheetDescription
logo
Taiyo Yuden (U.S.A.), I...
LHL08 TAIYO-YUDEN-LHL08 Datasheet
677Kb / 20P
   RADIAL LEADED INDUCTORS
LHL08100K TAIYO-YUDEN-LHL08100K Datasheet
522Kb / 20P
   RADIAL LEADED INDUCTORS
LHL08100K TAIYO-YUDEN-LHL08100K Datasheet
522Kb / 20P
   RADIAL LEADED INDUCTORS
LHL08100K TAIYO-YUDEN-LHL08100K Datasheet
502Kb / 21P
   RADIAL LEADED INDUCTORS
LHL08100K TAIYO-YUDEN-LHL08100K Datasheet
677Kb / 20P
   RADIAL LEADED INDUCTORS
More results

Similar Description - LHL08G6R8M

ManufacturerPart #DatasheetDescription
logo
Taiyo Yuden (U.S.A.), I...
LHL13TB332J TAIYO-YUDEN-LHL13TB332J Datasheet
522Kb / 20P
   RADIAL LEADED INDUCTORS
LHL08TB272J TAIYO-YUDEN-LHL08TB272J Datasheet
137Kb / 1P
   Radial Leaded Inductors
LHL08TB331K TAIYO-YUDEN-LHL08TB331K Datasheet
137Kb / 1P
   Radial Leaded Inductors
LHL08TB390K TAIYO-YUDEN-LHL08TB390K Datasheet
137Kb / 1P
   Radial Leaded Inductors
LHLP12NB330M TAIYO-YUDEN-LHLP12NB330M Datasheet
137Kb / 1P
   Radial Leaded Inductors
LHL08TB470K TAIYO-YUDEN-LHL08TB470K Datasheet
137Kb / 1P
   Radial Leaded Inductors
LHL08TB820K TAIYO-YUDEN-LHL08TB820K Datasheet
137Kb / 1P
   Radial Leaded Inductors
LHL08TB822J TAIYO-YUDEN-LHL08TB822J Datasheet
137Kb / 1P
   Radial Leaded Inductors
LHL10TB120K TAIYO-YUDEN-LHL10TB120K Datasheet
137Kb / 1P
   Radial Leaded Inductors
logo
List of Unclassifed Man...
LHL06TB222J ETC2-LHL06TB222J Datasheet
544Kb / 26P
   RADIAL LEADED INDUCTORS
logo
Taiyo Yuden (U.S.A.), I...
LHLP16NB102K TAIYO-YUDEN-LHLP16NB102K Datasheet
137Kb / 1P
   Radial Leaded Inductors
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com