Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LLS1K392MELB Datasheet(PDF) 5 Page - Nichicon corporation

Part # LLS1K392MELB
Description  ALUMINUM ELECTROLYTIC CAPACITORS
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NICHICON [Nichicon corporation]
Direct Link  http://www.nichicon-us.com
Logo NICHICON - Nichicon corporation

LLS1K392MELB Datasheet(HTML) 5 Page - Nichicon corporation

  LLS1K392MELB Datasheet HTML 1Page - Nichicon corporation LLS1K392MELB Datasheet HTML 2Page - Nichicon corporation LLS1K392MELB Datasheet HTML 3Page - Nichicon corporation LLS1K392MELB Datasheet HTML 4Page - Nichicon corporation LLS1K392MELB Datasheet HTML 5Page - Nichicon corporation  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
CAT.8100Y
68
82
100
120
150
180
220
270
330
390
470
560
680
20
× 25
20
× 30
22
× 25
20
× 30
22
× 25
20
× 35
22
× 30
25
× 25
20
× 40
22
× 35
25
× 30
22
× 40
25
× 30
30
× 25
22
× 45
25
× 35
30
× 30
25
× 40
30
× 30
25
× 45
30
× 35
35
× 30
30
× 40
35
× 35
30
× 45
35
× 35
30
× 50
35
× 40
35
× 50
0750
0820
0840
0950
0950
1070
1090
1130
1220
1240
1270
1410
1440
1520
1580
1640
1660
1790
1820
2000
2050
2050
2260
2280
2510
2510
2850
2850
3100
0.15
0.15
0.15
0.15
0.15
0.15
0.15
0.15
0.15
0.15
0.15
0.15
0.15
0.15
0.15
0.15
0.15
0.15
0.15
0.15
0.15
0.15
0.15
0.15
0.15
0.15
0.15
0.15
0.15
0.49
0.54
0.54
0.60
0.60
0.65
0.65
0.65
0.73
0.73
0.73
0.80
0.80
0.80
0.88
0.88
0.88
0.98
0.98
1.08
1.08
1.08
1.18
1.18
1.30
1.30
1.41
1.41
1.56
LLS2G680MELY
LLS2G820MELY
LLS2G820MELZ
LLS2G101MELY
LLS2G101MELZ
LLS2G121MELY
LLS2G121MELZ
LLS2G121MELA
LLS2G151MELY
LLS2G151MELZ
LLS2G151MELA
LLS2G181MELZ
LLS2G181MELA
LLS2G181MELB
LLS2G221MELZ
LLS2G221MELA
LLS2G221MELB
LLS2G271MELA
LLS2G271MELB
LLS2G331MELA
LLS2G331MELB
LLS2G331MELC
LLS2G391MELB
LLS2G391MELC
LLS2G471MELB
LLS2G471MELC
LLS2G561MELB
LLS2G561MELC
LLS2G681MELC
400V (2G)
Rated
ripple
(mA)
tan
δ
Leakage
Current
(mA)
Code
Size
φD × L(mm)
Cap.
(µF)
56
68
82
100
120
150
180
220
270
330
390
470
560
20
× 25
20
× 30
22
× 25
20
× 35
22
× 25
20
× 35
22
× 30
25
× 25
20
× 40
22
× 35
25
× 30
30
× 25
22
× 40
25
× 30
30
× 25
22
× 45
25
× 35
30
× 30
25
× 40
30
× 30
35
× 25
30
× 35
35
× 30
30
× 40
35
× 35
30
× 45
35
× 40
35
× 45
35
× 50
0610
0710
0710
0800
0860
0880
0950
0970
0990
1070
1090
1120
1180
1250
1290
1320
1400
1450
1590
1640
1590
1890
1900
2120
2150
2350
2380
2680
2880
0.20
0.20
0.20
0.20
0.20
0.20
0.20
0.20
0.20
0.20
0.20
0.20
0.20
0.20
0.20
0.20
0.20
0.20
0.20
0.20
0.20
0.20
0.20
0.20
0.20
0.20
0.20
0.20
0.20
0.47
0.52
0.52
0.57
0.57
0.63
0.63
0.63
0.69
0.69
0.69
0.69
0.77
0.77
0.77
0.85
0.85
0.85
0.94
0.94
0.94
1.04
1.04
1.15
1.15
1.25
1.25
1.37
1.50
LLS2W560MELY
LLS2W680MELY
LLS2W680MELZ
LLS2W820MELY
LLS2W820MELZ
LLS2W101MELY
LLS2W101MELZ
LLS2W101MELA
LLS2W121MELY
LLS2W121MELZ
LLS2W121MELA
LLS2W121MELB
LLS2W151MELZ
LLS2W151MELA
LLS2W151MELB
LLS2W181MELZ
LLS2W181MELA
LLS2W181MELB
LLS2W221MELA
LLS2W221MELB
LLS2W221MELC
LLS2W271MELB
LLS2W271MELC
LLS2W331MELB
LLS2W331MELC
LLS2W391MELB
LLS2W391MELC
LLS2W471MELC
LLS2W561MELC
450V (2W)
Rated
ripple
(mA)
tan
δ
Leakage
Current
(mA)
Code
Size
φD × L(mm)
Cap.
(µF)
120
150
180
220
270
330
390
470
560
680
820
1000
20
× 30
22
× 25
20
× 30
22
× 30
25
× 25
20
× 35
22
× 30
25
× 25
22
× 35
25
× 30
30
× 25
22
× 40
25
× 35
30
× 25
22
× 45
25
× 35
30
× 30
25
× 40
30
× 35
35
× 30
25
× 50
30
× 35
35
× 30
30
× 40
35
× 35
30
× 50
35
× 40
35
× 45
35
× 50
0960
1040
1100
1200
1220
1240
1340
1370
1470
1530
1540
1700
1730
1800
1870
1970
2030
2140
2230
2300
2550
2530
2550
2730
2750
3150
3150
3470
3600
0.15
0.15
0.15
0.15
0.15
0.15
0.15
0.15
0.15
0.15
0.15
0.15
0.15
0.15
0.15
0.15
0.15
0.15
0.15
0.15
0.15
0.15
0.15
0.15
0.15
0.15
0.15
0.15
0.15
0.61
0.61
0.68
0.68
0.68
0.75
0.75
0.75
0.83
0.83
0.83
0.92
0.92
0.92
1.01
1.01
1.01
1.10
1.10
1.10
1.21
1.21
1.21
1.32
1.32
1.46
1.46
1.60
1.77
LLS2V121MELY
LLS2V121MELZ
LLS2V151MELY
LLS2V151MELZ
LLS2V151MELA
LLS2V181MELY
LLS2V181MELZ
LLS2V181MELA
LLS2V221MELZ
LLS2V221MELA
LLS2V221MELB
LLS2V271MELZ
LLS2V271MELA
LLS2V271MELB
LLS2V331MELZ
LLS2V331MELA
LLS2V331MELB
LLS2V391MELA
LLS2V391MELB
LLS2V391MELC
LLS2V471MELA
LLS2V471MELB
LLS2V471MELC
LLS2V561MELB
LLS2V561MELC
LLS2V681MELB
LLS2V681MELC
LLS2V821MELC
LLS2V102MELC
350V (2V)
Rated
ripple
(mA)
tan
δ
Leakage
Current
(mA)
Code
Size
φD × L(mm)
Cap.
(µF)
LS
series
ALUMINUM ELECTROLYTIC CAPACITORS
Dimensions
Rated ripple current (mArms) at 85°C 120Hz


Similar Part No. - LLS1K392MELB

ManufacturerPart #DatasheetDescription
logo
Nichicon corporation
LLS1K392MELB NICHICON-LLS1K392MELB Datasheet
76Kb / 5P
   ALUMINUM ELECTROLYTIC CAPACITORS
LLS1K392MELB NICHICON-LLS1K392MELB Datasheet
76Kb / 5P
   ALUMINUM ELECTROLYTIC CAPACITORS
LLS1K392MELB NICHICON-LLS1K392MELB Datasheet
102Kb / 6P
   ALUMINUM ELECTROLYTIC CAPACITORS
More results

Similar Description - LLS1K392MELB

ManufacturerPart #DatasheetDescription
logo
EPCOS
B43081A1226M000 EPCOS-B43081A1226M000 Datasheet
354Kb / 15P
   Aluminum electrolytic capacitors
B43254A1227M000 EPCOS-B43254A1227M000 Datasheet
653Kb / 14P
   Aluminum electrolytic capacitors
B43501A1227M000 EPCOS-B43501A1227M000 Datasheet
1,016Kb / 21P
   Aluminum electrolytic capacitors
B41853A5108A000 EPCOS-B41853A5108A000 Datasheet
545Kb / 27P
   Aluminum electrolytic capacitors
B43510A3687M000 EPCOS-B43510A3687M000_08 Datasheet
830Kb / 19P
   Aluminum electrolytic capacitors
logo
Suntan Capacitors
TS13CA SUNTAN-TS13CA Datasheet
210Kb / 2P
   ALUMINUM ELECTROLYTIC CAPACITORS
TS13C4 SUNTAN-TS13C4 Datasheet
391Kb / 3P
   ALUMINUM ELECTROLYTIC CAPACITORS
logo
EPCOS
B41252A3109M000 EPCOS-B41252A3109M000_1 Datasheet
327Kb / 19P
   Aluminum electrolytic capacitors
logo
Nichicon corporation
UWZ0J220MCL NICHICON-UWZ0J220MCL Datasheet
101Kb / 2P
   ALUMINUM ELECTROLYTIC CAPACITORS
UVK0J102MDD NICHICON-UVK0J102MDD Datasheet
101Kb / 2P
   ALUMINUM ELECTROLYTIC CAPACITORS
UUL0J220MCL NICHICON-UUL0J220MCL Datasheet
46Kb / 2P
   ALUMINUM ELECTROLYTIC CAPACITORS
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com