Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NPIM85A100MTRQYF Datasheet(PDF) 1 Page - NIC-Components Corp.

Part # NPIM85A100MTRQYF
Description  NPIM Shielded Power Inductors
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NIC [NIC-Components Corp.]
Direct Link  http://www.niccomp.com
Logo NIC - NIC-Components Corp.

NPIM85A100MTRQYF Datasheet(HTML) 1 Page - NIC-Components Corp.

  NPIM85A100MTRQYF Datasheet HTML 1Page - NIC-Components Corp. NPIM85A100MTRQYF Datasheet HTML 2Page - NIC-Components Corp. NPIM85A100MTRQYF Datasheet HTML 3Page - NIC-Components Corp. NPIM85A100MTRQYF Datasheet HTML 4Page - NIC-Components Corp. NPIM85A100MTRQYF Datasheet HTML 5Page - NIC-Components Corp. NPIM85A100MTRQYF Datasheet HTML 6Page - NIC-Components Corp. NPIM85A100MTRQYF Datasheet HTML 7Page - NIC-Components Corp. NPIM85A100MTRQYF Datasheet HTML 8Page - NIC-Components Corp. NPIM85A100MTRQYF Datasheet HTML 9Page - NIC-Components Corp. Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
1
NIC COMPONENTS CORP. www.niccomp.com www.lowESR.com
www.RFpassives.com
www.SMTmagnetics.com
®
SPECIFICATIONS SUBJECT TO CHANGE
NPIM__A Series
NPIM Shielded Power Inductors
FEATURES
• SHIELDED POWER INDUCTOR
• HIGH TEMPERATURE (+150°C)
• HIGH CURRENT AND LOW DCR
• LOW NOISE GAPLESS CONSTRUCTION
• AEC-Q200 QUALIFIED
*
CHARACTERISTICS (53 ~ 106)
*See Part Number System for Details
RoHS
Compliant
includes all homogeneous materials
Case Code
63A
64A
75A
85A
105A
104AL
Inductance Range (μH)
0.68, 1.0
10
4.7 ~ 48
2.5 ~ 47
2.5 ~ 22
0.68, 1.0
Operating Temperature Range
-40°C ~ +150°C (Including Self-Heating)
Inductance Tolerance
±20% (M)
Operating Voltage
**
35Vop max.
NPIM 75A 4R7 M TR Q Y F
RoHS Compliant
Q = AEC Q-200 Qualified
TR = Tape & Reel Packaging
Tolerance: M = 20%
Inductance Value Code: First two characters
are signficant figures, 3rd character is multiplier, "R" = decimal point
Size Code
Series
PART NUMBER SYSTEM
"Y" denotes suitable for automotive equipment, sourced to special
production and inspection at TS-16949 certified production site.
Test Item
Test Method & Conditions
Specification
High Temperature Endurance
Temperature: 150°C ± 2°C (including self-heating)
Applied current: DC 1.0A
Duration: 2,000 hours
Inductance: Within ±10% of initial value
DC Resistance: Within ±5% of intial value
Physical: Coils shall not have any abnormality in
appearance and construction.
Heat Resistance
Temperature: 150°C ± 2°C
Duration: 2,000 hours
Damp Heat (Loaded)
Temperature/Humidity: 85°C ± 2°C/85%RH
Applied current: DC 1.0A
Duration: 2,000 hours
Moisture Resistance
Temperature/Humidity: 85°C ± 2°C/85%RH
Duration: 2,000 hours
Cold Resistance
Temperature: -40“C ± 2°C
Duration: 2,000 hours
Thermal Shock
Temperature: -40“C ± 2°C 10 min., 5 ~ 35°C 0 ~ 5min.,
150°C ± 2°C 10 min.
Duration: 2,000 cycles
Vibration Resisitance
Frequency: Log sweep 10 ~ 55 ~ 10Hz/1 min.
Amplitude: 1.5mm max in 3 directions (2 hours each)
Duration: 6 hours total
No disconnection of coils or mechanical damage.
*NPIM_A series meets the testing requirements of AEC-Q200 Table 5, contact NIC for test data.
Designed for Automotive
Applicatiions
**Please contact NIC for the operating voltage for individual items.


Similar Part No. - NPIM85A100MTRQYF

ManufacturerPart #DatasheetDescription
logo
NIC-Components Corp.
NPIM85A100MTRQYF NIC-NPIM85A100MTRQYF Datasheet
863Kb / 12P
   NPIM Shielded Power Inductors
More results

Similar Description - NPIM85A100MTRQYF

ManufacturerPart #DatasheetDescription
logo
NIC-Components Corp.
NPIM_A NIC-NPIM_A Datasheet
863Kb / 12P
   NPIM Shielded Power Inductors
NPIM_C NIC-NPIM_C Datasheet
121Kb / 4P
   NPIM Shielded Power Inductors
NPIM-P NIC-NPIM-P Datasheet
421Kb / 9P
   NPIM Shielded Power Inductors
NPIM_P NIC-NPIM_P Datasheet
466Kb / 11P
   NPIM Shielded Power Inductors
NPIM-B NIC-NPIM-B Datasheet
324Kb / 14P
   NPIM Shielded Power Inductors
NPIM-C NIC-NPIM-C Datasheet
126Kb / 4P
   NPIM Shielded Power Inductors
NPIM_Z NIC-NPIM_Z Datasheet
466Kb / 6P
   NPIM Shielded Power Inductors
NPIM_B NIC-NPIM_B Datasheet
338Kb / 14P
   NPIM Shielded Power Inductors
NPIM_L NIC-NPIM_L Datasheet
3Mb / 9P
   NPIM Shielded Power Inductors
NPIM_PA NIC-NPIM_PA Datasheet
365Kb / 8P
   NPIM Shielded Power Inductors
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com