Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NPIS64H270MTRF Datasheet(PDF) 10 Page - NIC-Components Corp.

Part # NPIS64H270MTRF
Description  NPIS Shielded Power Inductors
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NIC [NIC-Components Corp.]
Direct Link  http://www.niccomp.com
Logo NIC - NIC-Components Corp.

NPIS64H270MTRF Datasheet(HTML) 10 Page - NIC-Components Corp.

Back Button NPIS64H270MTRF Datasheet HTML 4Page - NIC-Components Corp. NPIS64H270MTRF Datasheet HTML 5Page - NIC-Components Corp. NPIS64H270MTRF Datasheet HTML 6Page - NIC-Components Corp. NPIS64H270MTRF Datasheet HTML 7Page - NIC-Components Corp. NPIS64H270MTRF Datasheet HTML 8Page - NIC-Components Corp. NPIS64H270MTRF Datasheet HTML 9Page - NIC-Components Corp. NPIS64H270MTRF Datasheet HTML 10Page - NIC-Components Corp. NPIS64H270MTRF Datasheet HTML 11Page - NIC-Components Corp. NPIS64H270MTRF Datasheet HTML 12Page - NIC-Components Corp.  
Zoom Inzoom in Zoom Outzoom out
 10 / 12 page
background image
10
NIC COMPONENTS CORP. www.niccomp.com www.lowESR.com
www.RFpassives.com
www.SMTmagnetics.com
®
Specifications are subject to change
Part Number
Standard Values - Case Size 29 (12.5 x 12.5 x 10.0)
Inductance Value
(μH)
Tolerances (%)
Test Conditions
DC Resistance
(Ω)
Isat
(A)
Irms
(A)
NPIS29H1R0YTRNF
1.0
30% (Y)
100k, 0.1V
5.5mΩ
19.9
11.6
NPIS29H1R8YTRNF
1.8
30% (Y)
100k, 0.1V
6.5mΩ
13.4
11
NPIS29H2R5YTRNF
2.5
30% (Y)
100k, 0.1V
8mΩ
12.16
10.3
NPIS29H3R5YTRNF
3.5
30% (Y)
100k, 0.1V
9.7mΩ
12
8.7
NPIS29H4R7YTRNF
4.7
30% (Y)
100k, 0.1V
11mΩ
11
8.4
NPIS29H5R8YTRNF
5.8
30% (Y)
100k, 0.1V
11.3mΩ
10.5
7.6
NPIS29H6R8_TRNF
6.8
30% (Y), 20% (M)
100k, 0.1V
11.5mΩ
10
7.1
NPIS29H7R5_TRNF
7.5
30% (Y), 20% (M)
100k, 0.1V
14mΩ
8.48
6.8
NPIS29H100_TRNF
10
30% (Y), 20% (M)
100k, 0.1V
17mΩ
8.2
6.95
NPIS29H120_TRNF
12
30% (Y), 20% (M)
100k, 0.1V
18.5mΩ
7.04
6.2
NPIS29H150_TRNF
15
30% (Y), 20% (M)
100k, 0.1V
25mΩ
5.8
5.22
NPIS29H220_TRNF
22
30% (Y), 20% (M)
100k, 0.1V
29mΩ
5.12
4.95
NPIS29H330_TRNF
33
30% (Y), 20% (M)
100k, 0.1V
53mΩ
4.25
3.6
NPIS29H470_TRNF
47
30% (Y), 20% (M)
100k, 0.1V
63mΩ
3.6
3.45
NPIS29H560_TRNF
56
30% (Y), 20% (M)
100k, 0.1V
68mΩ
2.85
2.95
NPIS29H680_TRNF
68
30% (Y), 20% (M)
100k, 0.1V
93mΩ
2.76
2.85
NPIS29H820_TRNF
82
30% (Y), 20% (M)
100k, 0.1V
99mΩ
2.62
2.6
NPIS29H101MTRNF
100
20% (M)
100k, 0.1V
0.126Ω
2.31
2.45
NPIS29H121MTRNF
120
20% (M)
100k, 0.1V
0.154Ω
2.05
2.2
NPIS29H151MTRNF
150
20% (M)
100k, 0.1V
0.174Ω
1.8
1.9
NPIS29H181MTRNF
180
20% (M)
100k, 0.1V
0.191Ω
1.66
1.86
NPIS29H221MTRNF
220
20% (M)
100k, 0.1V
0.246Ω
1.64
1.72
NPIS29H331MTRNF
330
20% (M)
100k, 0.1V
0.386Ω
1.28
1.28
NPIS29H471MTRNF
470
20% (M)
100k, 0.1V
0.471Ω
1.06
1.25
NPIS29H561MTRNF
560
20% (M)
100k, 0.1V
0.65Ω
1.01
0.98
NPIS29H681MTRNF
680
20% (M)
100k, 0.1V
0.73Ω
0.83
0.96
NPIS29H821MTRNF
820
20% (M)
100k, 0.1V
0.824Ω
0.81
0.94
NPIS29H102MTRNF
1000
20% (M)
100k, 0.1V
1.22Ω
0.7
0.78
NPIS29H122MTRNF
1200
20% (M)
100k, 0.1V
1.33Ω
0.64
0.79
NPIS29H152MTRNF
1500
20% (M)
100k, 0.1V
1.99Ω
0.56
0.58
NPIS29H182MTRNF
1800
20% (M)
100k, 0.1V
2.18Ω
0.48
0.54
NPIS29H222MTRNF
2200
20% (M)
100k, 0.1V
2.58Ω
0.43
0.52
NPIS29H332MTRNF
3300
20% (M)
100k, 0.1V
4.6Ω
0.3
0.4
NPIS__H Series
NPIS Shielded Power Inductors
Irms specification is based on +40°C temperature rise. Isat specification is based -25% inductance change.


Similar Part No. - NPIS64H270MTRF

ManufacturerPart #DatasheetDescription
logo
NIC-Components Corp.
NPIS64H NIC-NPIS64H Datasheet
397Kb / 12P
   NPIS Shielded Power Inductors
More results

Similar Description - NPIS64H270MTRF

ManufacturerPart #DatasheetDescription
logo
NIC-Components Corp.
NPIS-A NIC-NPIS-A Datasheet
91Kb / 4P
   NPIS Shielded Power Inductors
NPIS64D330MTRF NIC-NPIS64D330MTRF Datasheet
139Kb / 14P
   NPIS Shielded Power Inductors
NPIS_D NIC-NPIS_D Datasheet
133Kb / 14P
   NPIS Shielded Power Inductors
NPIS_F NIC-NPIS_F Datasheet
44Kb / 4P
   NPIS Shielded Power Inductors
NPIS_P NIC-NPIS_P Datasheet
73Kb / 4P
   NPIS Shielded Power Inductors
NPIS_R NIC-NPIS_R Datasheet
101Kb / 4P
   NPIS Shielded Power Inductors
NPIS_L NIC-NPIS_L Datasheet
116Kb / 6P
   NPIS Shielded Power Inductors
NPIS_LP NIC-NPIS_LP Datasheet
230Kb / 7P
   NPIS Shielded Power Inductors
NPIS_LA NIC-NPIS_LA Datasheet
359Kb / 7P
   NPIS Shielded Power Inductors
NPIS_LS NIC-NPIS_LS Datasheet
2Mb / 17P
   NPIS Shielded Power Inductors
NPIS-E NIC-NPIS-E Datasheet
122Kb / 15P
   NPIS Shielded Power Inductors
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com