Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NPIS24D5R6YTRF Datasheet(PDF) 5 Page - NIC-Components Corp.

Part # NPIS24D5R6YTRF
Description  NPIS Shielded Power Inductors
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NIC [NIC-Components Corp.]
Direct Link  http://www.niccomp.com
Logo NIC - NIC-Components Corp.

NPIS24D5R6YTRF Datasheet(HTML) 5 Page - NIC-Components Corp.

  NPIS24D5R6YTRF Datasheet HTML 1Page - NIC-Components Corp. NPIS24D5R6YTRF Datasheet HTML 2Page - NIC-Components Corp. NPIS24D5R6YTRF Datasheet HTML 3Page - NIC-Components Corp. NPIS24D5R6YTRF Datasheet HTML 4Page - NIC-Components Corp. NPIS24D5R6YTRF Datasheet HTML 5Page - NIC-Components Corp. NPIS24D5R6YTRF Datasheet HTML 6Page - NIC-Components Corp. NPIS24D5R6YTRF Datasheet HTML 7Page - NIC-Components Corp. NPIS24D5R6YTRF Datasheet HTML 8Page - NIC-Components Corp. NPIS24D5R6YTRF Datasheet HTML 9Page - NIC-Components Corp. Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 14 page
background image
5
NIC COMPONENTS CORP. www.niccomp.com www.lowESR.com
www.RFpassives.com
www.SMTmagnetics.com
®
NPIS__D Series
NPIS Shielded Power Inductors
Part Number
Standard Values - Case Size 36 (4.2 x 4.2 x 2.1mm)
Inductance Value (
μH)
Test Conditions (L)
DC Resistance (
Ω)
DC Current Isat/Irms (Amps)
NPIS36D1R5YTRF
1.5 ± 30%*
100KHz, 0.3V
0.052
1.55
NPIS36D2R2YTRF
2.2 ± 30%*
100KHz, 0.3V
0.072
1.2
NPIS36D3R0YTRF
3.0 ± 30%*
100KHz, 0.3V
0.069
1.6
NPIS36D3R3YTRF
3.3 ± 30%*
100KHz, 0.3V
0.085
1.1
NPIS38D4R7YTRF
4.7 ± 30%*
100KHz, 0.3V
0.1075
1.35
NPIS36D6R8YTRF
6.8 ± 30%*
100KHz, 0.3V
0.15
1.1
NPIS36D100MTRF
10 ± 20%
1KHz, 0.3V
0.205
0.9
NPIS36D150MTRF
15 ± 20%
1KHz, 0.3V
0.301
0.75
NPIS36D220MTRF
22 ± 20%
1KHz, 0.3V
0.424
0.6
NPIS36D330MTRF
33 ± 20%
1KHz, 0.3V
0.64
0.45
NPIS36D470MTRF
47 ± 20%
1KHz, 0.3V
0.964
0.35
Part Number
Standard Values - Case Size 38 (4.2 x 4.2 x 3.2mm)
Inductance Value (
μH)
Test Conditions (L)
DC Resistance (
Ω)
DC Current Isat/Irms (Amps)
NPIS39D3R3YTRF
3.3 ± 30%*
100KHz, 0.3V
0.0721
2
NPIS39D4R7YTRF
4.7 ± 30%*
100KHz, 0.3V
0.0883
1.65
NPIS39D6R8YTRF
6.8 ± 30%*
100KHz, 0.3V
0.119
1.24
NPIS39D100MTRF
10 ± 20%
1KHz, 0.3V
0.145
1.05
NPIS39D150MTRF
15 ± 20%
1KHz, 0.3V
0.213
0.9
NPIS39D220MTRF
22 ± 20%
1KHz, 0.3V
0.335
0.76
NPIS39D330MTRF
33 ± 20%
1KHz, 0.3V
0.481
0.58
NPIS39D470MTRF
47 ± 20%
1KHz, 0.3V
0.599
0.48
Irms/Isat specification is based on +40°C temperature rise or -35% inductance change whichever is less.
*Also available in ± 20% tolerance (M)
Irms/Isat specification is based on +40°C temperature rise or -35% inductance change whichever is less.
*Also available in ± 20% tolerance (M)


Similar Part No. - NPIS24D5R6YTRF

ManufacturerPart #DatasheetDescription
logo
NIC-Components Corp.
NPIS24D NIC-NPIS24D Datasheet
139Kb / 14P
   NPIS Shielded Power Inductors
More results

Similar Description - NPIS24D5R6YTRF

ManufacturerPart #DatasheetDescription
logo
NIC-Components Corp.
NPIS-A NIC-NPIS-A Datasheet
91Kb / 4P
   NPIS Shielded Power Inductors
NPIS64D330MTRF NIC-NPIS64D330MTRF Datasheet
139Kb / 14P
   NPIS Shielded Power Inductors
NPIS_D NIC-NPIS_D Datasheet
133Kb / 14P
   NPIS Shielded Power Inductors
NPIS_F NIC-NPIS_F Datasheet
44Kb / 4P
   NPIS Shielded Power Inductors
NPIS_P NIC-NPIS_P Datasheet
73Kb / 4P
   NPIS Shielded Power Inductors
NPIS_R NIC-NPIS_R Datasheet
101Kb / 4P
   NPIS Shielded Power Inductors
NPIS_L NIC-NPIS_L Datasheet
116Kb / 6P
   NPIS Shielded Power Inductors
NPIS_LP NIC-NPIS_LP Datasheet
230Kb / 7P
   NPIS Shielded Power Inductors
NPIS_LA NIC-NPIS_LA Datasheet
359Kb / 7P
   NPIS Shielded Power Inductors
NPIS_LS NIC-NPIS_LS Datasheet
2Mb / 17P
   NPIS Shielded Power Inductors
NPIS-E NIC-NPIS-E Datasheet
122Kb / 15P
   NPIS Shielded Power Inductors
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com