Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NPIS32L3R3MTRF Datasheet(PDF) 6 Page - NIC-Components Corp.

Part # NPIS32L3R3MTRF
Description  NPIS Shielded Power Inductors
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NIC [NIC-Components Corp.]
Direct Link  http://www.niccomp.com
Logo NIC - NIC-Components Corp.

NPIS32L3R3MTRF Datasheet(HTML) 6 Page - NIC-Components Corp.

  NPIS32L3R3MTRF Datasheet HTML 1Page - NIC-Components Corp. NPIS32L3R3MTRF Datasheet HTML 2Page - NIC-Components Corp. NPIS32L3R3MTRF Datasheet HTML 3Page - NIC-Components Corp. NPIS32L3R3MTRF Datasheet HTML 4Page - NIC-Components Corp. NPIS32L3R3MTRF Datasheet HTML 5Page - NIC-Components Corp. NPIS32L3R3MTRF Datasheet HTML 6Page - NIC-Components Corp.  
Zoom Inzoom in Zoom Outzoom out
 6 / 6 page
background image
6
®
NIC COMPONENTS CORP. www.niccomp.com
www.lowESR.com
www.RFpassives.com
www.SMTmagnetics.com
Case Size
Reel Qty
CARRIER TAPE DIMENSIONS (mm)
WA0
B0
Co
K0
Po
t
NPIS32L
2,000
8.0 ± 0.30
3.3 ± 0.10
3.3 ± 0.10
3.5 ± 0.10
1.6 ± 0.10
4.0 ± 0.10
0.3 ± 0.03
Case
Size
Tape
Width
REEL DIMENSIONS (mm)
A(mm)
B(mm)
C(mm)
D(mm)
NPIS32L
8.0
9.0 ± 1.5
58 ± 2.0
13.5 ± 0.2
178 ± 2.0
B
C
D
A
W
Co
Ao
Po
Ko
1.5mm ± 0.1
4.0mm
±0.1
1.75mm
±0.1
t
Bo
NPIS Shielded Power Inductors
NPIS_L Series
REFLOW SOLDERING PROFILE
Soldering 260°C max.
10 seconds max.
Gradual Cool
120 ± 30 sec.
50
100
150
200
250
300
Pre-Heat
150°C ~ 190°C
Time above 240°C
20 ~ 60 seconds max.
30
60
90 120 150 180 210 240 270 300
Time - Seconds


Similar Part No. - NPIS32L3R3MTRF

ManufacturerPart #DatasheetDescription
logo
NIC-Components Corp.
NPIS32L NIC-NPIS32L Datasheet
116Kb / 6P
   NPIS Shielded Power Inductors
NPIS32LA NIC-NPIS32LA Datasheet
359Kb / 7P
   NPIS Shielded Power Inductors
NPIS32LP NIC-NPIS32LP Datasheet
230Kb / 7P
   NPIS Shielded Power Inductors
NPIS32LS NIC-NPIS32LS Datasheet
2Mb / 17P
   NPIS Shielded Power Inductors
NPIS32LS100MTRF NIC-NPIS32LS100MTRF Datasheet
1Mb / 17P
   NPIS Shielded Power Inductors
More results

Similar Description - NPIS32L3R3MTRF

ManufacturerPart #DatasheetDescription
logo
NIC-Components Corp.
NPIS-A NIC-NPIS-A Datasheet
91Kb / 4P
   NPIS Shielded Power Inductors
NPIS64D330MTRF NIC-NPIS64D330MTRF Datasheet
139Kb / 14P
   NPIS Shielded Power Inductors
NPIS_D NIC-NPIS_D Datasheet
133Kb / 14P
   NPIS Shielded Power Inductors
NPIS_F NIC-NPIS_F Datasheet
44Kb / 4P
   NPIS Shielded Power Inductors
NPIS_P NIC-NPIS_P Datasheet
73Kb / 4P
   NPIS Shielded Power Inductors
NPIS_R NIC-NPIS_R Datasheet
101Kb / 4P
   NPIS Shielded Power Inductors
NPIS_L NIC-NPIS_L Datasheet
116Kb / 6P
   NPIS Shielded Power Inductors
NPIS_LP NIC-NPIS_LP Datasheet
230Kb / 7P
   NPIS Shielded Power Inductors
NPIS_LA NIC-NPIS_LA Datasheet
359Kb / 7P
   NPIS Shielded Power Inductors
NPIS_LS NIC-NPIS_LS Datasheet
2Mb / 17P
   NPIS Shielded Power Inductors
NPIS-E NIC-NPIS-E Datasheet
122Kb / 15P
   NPIS Shielded Power Inductors
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com