Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NLQ45K471TRF Datasheet(PDF) 3 Page - NIC-Components Corp.

Part # NLQ45K471TRF
Description  Wirewound Chip Inductors
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NIC [NIC-Components Corp.]
Direct Link  http://www.niccomp.com
Logo NIC - NIC-Components Corp.

NLQ45K471TRF Datasheet(HTML) 3 Page - NIC-Components Corp.

  NLQ45K471TRF Datasheet HTML 1Page - NIC-Components Corp. NLQ45K471TRF Datasheet HTML 2Page - NIC-Components Corp. NLQ45K471TRF Datasheet HTML 3Page - NIC-Components Corp. NLQ45K471TRF Datasheet HTML 4Page - NIC-Components Corp.  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
3
NIC COMPONENTS CORP. www.niccomp.com www.lowESR.com
www.RFpassives.com
www.SMTmagnetics.com
®
Specifications are subject to change
Part Number
STaNDaRD VaLuES - CaSE SIZE 45 (4.5 x 3.2 x 2.6mm)
Inductance Value
(µH)
DC Resistance
(Ω)
Irms
(mA)
SRF
(MHz) min.
Test Frequency
NLQ45M1R0TRF
1.0 ± 20%
0.08
1080
100
1MHz
NLQ45M1R5TRF
1.5 ± 20%
0.09
1000
85
NLQ45M2R2TRF
2.2 ± 20%
0.11
900
60
NLQ45M3R3TRF
3.3 ± 20%
0.14
800
47
NLQ45M4R7TRF
4.7 ± 20%
0.15
750
43
NLQ45M6R8TRF
6.8 ± 20%
0.20
720
30
NLQ45K100TRF
10 ± 10%
0.24
650
23
NLQ45K150TRF
15 ± 10%
0.32
570
20
NLQ45K220TRF
22 ± 10%
0.60
420
15
NLQ45K330TRF
33 ± 10%
1.00
310
12
NLQ45K470TRF
47 ± 10%
1.10
280
10
NLQ45K680TRF
68 ± 10%
1.70
220
8.4
NLQ45K101TRF
100 ± 10%
2.20
190
6.8
NLQ45K151TRF
150 ± 10%
3.50
130
5.5
NLQ45K221TRF
220 ± 10%
4.00
110
4.5
NLQ45K331TRF
330 ± 10%
6.80
100
3.6
NLQ45K471TRF
470 ± 10%
8.50
90
3.0
1KHz
Wirewound Chip Inductors
NLQ Series
Case Size
LaND PaTTERN DIMENSIONS (mm)
L
G
H
NLQ25
2.5
0.9
2.0
NLQ32
3.2
1.0
1.6
NLQ35
3.2
1.0
2.5
NLQ45
4.5
1.5
3.2
L
H
G
60 sec.
260°C max.
5 ~ 10 sec. max.
150°C
REFLOW SOLDERING PROFILE
25°C


Similar Description - NLQ45K471TRF

ManufacturerPart #DatasheetDescription
logo
TOKO, Inc
LLQ1608 TOKO-LLQ1608 Datasheet
377Kb / 2P
   Wirewound Chip Inductors
logo
Superworld Electronics
SCI0805HQ SUPERWORLD-SCI0805HQ_15 Datasheet
205Kb / 4P
   WIREWOUND CHIP INDUCTORS
SCI0805LP SUPERWORLD-SCI0805LP_15 Datasheet
206Kb / 4P
   WIREWOUND CHIP INDUCTORS
SDI565047 SUPERWORLD-SDI565047_15 Datasheet
126Kb / 4P
   WIREWOUND CHIP INDUCTORS
SCI0402S SUPERWORLD-SCI0402S Datasheet
278Kb / 7P
   WIREWOUND CHIP INDUCTORS
SCI0603S SUPERWORLD-SCI0603S Datasheet
279Kb / 7P
   WIREWOUND CHIP INDUCTORS
SDI321618 SUPERWORLD-SDI321618 Datasheet
304Kb / 7P
   WIREWOUND CHIP INDUCTORS
SCI0402S SUPERWORLD-SCI0402S_10 Datasheet
329Kb / 8P
   WIREWOUND CHIP INDUCTORS
SCI1008S SUPERWORLD-SCI1008S_10 Datasheet
318Kb / 8P
   WIREWOUND CHIP INDUCTORS
SCI0805S SUPERWORLD-SCI0805S_10 Datasheet
331Kb / 8P
   WIREWOUND CHIP INDUCTORS
SCI1008LP SUPERWORLD-SCI1008LP_10 Datasheet
301Kb / 7P
   WIREWOUND CHIP INDUCTORS
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com