Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NRCAS Datasheet(PDF) 3 Page - NIC-Components Corp.

Part # NRCAS
Description  Sulfur Resistant Thick Film Chip Resistors
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NIC [NIC-Components Corp.]
Direct Link  http://www.niccomp.com
Logo NIC - NIC-Components Corp.

NRCAS Datasheet(HTML) 3 Page - NIC-Components Corp.

  NRCAS Datasheet HTML 1Page - NIC-Components Corp. NRCAS Datasheet HTML 2Page - NIC-Components Corp. NRCAS Datasheet HTML 3Page - NIC-Components Corp. NRCAS Datasheet HTML 4Page - NIC-Components Corp. NRCAS Datasheet HTML 5Page - NIC-Components Corp.  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
3
NIC COMPONENTS CORP. www.niccomp.com www.lowESR.com
www.RFpassives.com
www.SMTmagnetics.com
SPECIFICATIONS ARE SUBJECT TO CHANGE
CONSTRUCTION
Alumina Substrate
Resistive Layer RuO2/Ag
1st Overcoat (Glass)
2nd Overcoat (Epoxy)
Bottom Electrode Base (Ag)
Top Electrode Base (Ag-Pd)
Edge Electrode Base (NiCr)
Barrier Layer (Ni)
Finish Layer (Sn)
Sulfur Resistant Thick Film Chip Resistors
NRC-AS Series
Item
Specification
Test Method
±0.5% & ±1%
tolerance
±5%
tolerance
Zero Ohm
Jumper
Temperature Coefficient
of Resistance
As
specified
-55°C ~ +125°C, +25°C reference point
Short Time Overload
∆R ±1% +0.05W
∆R ±2% +0.05W
50mW
RCWV x 2.5 or Max Overloading Voltage for 5 Seconds
Insulation Resistance
>10GΩ
Maximum Overload Voltage for 1 Minute
Load Life
∆R ±2% +0.10W
∆R ±3% +0.10W
100mW
Max. WV +70°C, 1.5 hours ON, 0.5 hours OFF
Total time 1,000
Damp Heat (with load)
∆R ±2% +0.10W
∆R ±3% +0.10W
100mW
+40°C, 90% ~ 95% RH, Max. WV 1.5 hours ON, 0.5 hours OFF
Total time 1,000
Resistance to Dry Heat
∆R ±1% +0.05W ∆R ±1.5% +0.05W
50mW
+125°C or +155°C for 1000 hours
Temperature Cycling
∆R ±0.5% +0.05W ∆R ±1% +0.05W
50mW
-55°C to +125°C or +155°C, 5 cycles
Bending Strength
∆R ±1% +0.05W
∆R ±2% +0.05W
50mW
Bending amplitude 3mm (2mm for 2010 & 2512)
One bend for 5 seconds
Resistance to Soldering
Heat
∆R ±0.5% +0.05W ∆R ±1% +0.05W
50mW
260°C ±5°C for 10 seconds
Sulfur Test
∆R ±0.5% +0.05W ∆R ±0.5% +0.05W
50mW
1,000ppm H2S, +50°C ± 2°C, 91 ~ 93% RH
for 1,000 hours (no power)
Leaching Test
Individual leaching are < 5%
Total leaching area < 10%
+260°C for 30 seconds
PART NUMBER SYSTEM (E-96 VALUES)
NRC-AS 12 F 1002 TR QY F
RoHS compliant
Tape & Reel Packaging
Resistance Code: First 2 figures are significant,
3rd digit is the multiplier, “R”
indicates a decimal point.
Tolerance Code: F = ±1%
Case Size
Series
"QY" denotes optional AEC Q-200 qualified parts suitable for
automotive equipment, sourced to special production and inspection
at TS-16949 certified production site
PART NUMBER SYSTEM - AUTOMOTIVE OPTION


Similar Part No. - NRCAS

ManufacturerPart #DatasheetDescription
logo
NIC-Components Corp.
NRCA NIC-NRCA Datasheet
107Kb / 5P
   Thick Film Chip Resistors
NRCA12F1000TR10QYF NIC-NRCA12F1000TR10QYF Datasheet
107Kb / 5P
   Thick Film Chip Resistors
NRCA12F1001TR10QYF NIC-NRCA12F1001TR10QYF Datasheet
107Kb / 5P
   Thick Film Chip Resistors
NRCA12F1002TR10QYF NIC-NRCA12F1002TR10QYF Datasheet
107Kb / 5P
   Thick Film Chip Resistors
NRCA12F1003TR10QYF NIC-NRCA12F1003TR10QYF Datasheet
107Kb / 5P
   Thick Film Chip Resistors
More results

Similar Description - NRCAS

ManufacturerPart #DatasheetDescription
logo
Bourns Electronic Solut...
CR0402-AS BOURNS-CR0402-AS Datasheet
406Kb / 2P
   Sulfur-Resistant Thick Film Chip Resistors
CR0603-AS BOURNS-CR0603-AS Datasheet
412Kb / 2P
   Sulfur-Resistant Thick Film Chip Resistors
logo
Vishay Siliconix
RCAE3 VISHAY-RCAE3_V01 Datasheet
160Kb / 10P
   Sulfur Resistant Thick Film Chip Resistors
01-Jan-2022
logo
NIC-Components Corp.
NRCS NIC-NRCS Datasheet
112Kb / 4P
   Sulfur Resistant Thick Film Chip Resistors
logo
Vishay Siliconix
RCA-AUE4 VISHAY-RCA-AUE4 Datasheet
122Kb / 8P
   Sulfur Resistant, Gold Terminated Thick Film Chip Resistors
RCA-IFE3 VISHAY-RCA-IFE3_V01 Datasheet
132Kb / 10P
   Sulfur Resistant, Pulse Proof Thick Film Chip Resistors
01-Jan-2022
RCA-IFE3 VISHAY-RCA-IFE3 Datasheet
135Kb / 10P
   Sulfur Resistant, Pulse Proof Thick Film Chip Resistors
RCA-LSE3 VISHAY-RCA-LSE3 Datasheet
155Kb / 10P
   Sulfur Resistant, Long Side Termination Thick Film Chip Resistors
logo
Bourns Electronic Solut...
CAY10-AS BOURNS-CAY10-AS Datasheet
582Kb / 3P
   Sulfur-Resistant Thick Film Chip Arrays
logo
Vishay Siliconix
RCA-LSE3 VISHAY-RCA-LSE3_V01 Datasheet
155Kb / 10P
   Sulfur Resistant, Long Side Termination Thick Film Chip Resistors
01-Jan-2022
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com