Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NPIS32L220MTRF Datasheet(PDF) 3 Page - NIC-Components Corp.

Part # NPIS32L220MTRF
Description  NPIS Shielded Power Inductors
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NIC [NIC-Components Corp.]
Direct Link  http://www.niccomp.com
Logo NIC - NIC-Components Corp.

NPIS32L220MTRF Datasheet(HTML) 3 Page - NIC-Components Corp.

  NPIS32L220MTRF Datasheet HTML 1Page - NIC-Components Corp. NPIS32L220MTRF Datasheet HTML 2Page - NIC-Components Corp. NPIS32L220MTRF Datasheet HTML 3Page - NIC-Components Corp. NPIS32L220MTRF Datasheet HTML 4Page - NIC-Components Corp. NPIS32L220MTRF Datasheet HTML 5Page - NIC-Components Corp. NPIS32L220MTRF Datasheet HTML 6Page - NIC-Components Corp.  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
3
®
NIC COMPONENTS CORP. www.niccomp.com
www.lowESR.com
www.RFpassives.com
www.SMTmagnetics.com
Part Number
STANDARD VALUES - CASE SIZE (4.0 x 4.0 x 1.2mm)
Inductance Value
(
μH)
DC Resistance
(
Ω) ±20%
DC Current
Isat (Amps)
DC Current
Irms (Amps)
Test Frequency
NPIS42L1R0YTRF
1.0 ± 30%
0.06
2.50
1.50
100KHz
NPIS42L2R2MTRF
2.2 ± 20%
0.09
1.65
1.20
NPIS42L3R3MTRF
3.3 ± 20%
0.13
1.20
0.98
NPIS42L4R7MTRF
4.7 ± 20%
0.14
1.05
0.96
NPIS42L6R8MTRF
6.8 ± 20%
0.18
0.90
0.84
NPIS42L100MTRF
10 ± 20%
0.24
0.74
0.77
NPIS42L150MTRF
15 ± 20%
0.40
0.56
0.60
NPIS42L220MTRF
22 ± 20%
0.48
0.51
0.54
NPIS42L330MTRF
33 ± 20%
0.81
0.40
0.42
NPIS42L470MTRF
47 ± 20%
1.00
0.35
0.37
NPIS_l Series
NPIS Shielded Power Inductors
Maximum +40°C temperature rise at Irms. Maximum -30% inductance change at Isat.
Maximum +40°C temperature rise at Irms. Maximum -30% inductance change at Isat.
Maximum +40°C temperature rise at Irms. Maximum -30% inductance change at Isat.
Part Number
STANDARD VALUES - CASE SIZE (4.0 x 4.0 x 1.8mm)
Inductance Value
(
μH)
DC Resistance
(
Ω) ±20%
DC Current
Isat (Amps)
DC Current
Irms (Amps)
Test Frequency
NPIS48L1R0YTRF
1.0 ± 30%
0.03
4.00
1.83
100KHz
NPIS48L2R2MTRF
2.2 ± 20%
0.06
2.70
1.44
NPIS48L3R3MTRF
3.3 ± 20%
0.07
2.00
1.23
NPIS48L4R7MTRF
4.7 ± 20%
0.09
1.70
1.20
NPIS48L6R8MTRF
6.8 ± 20%
0.11
1.45
1.06
NPIS48L100MTRF
10 ± 20%
0.18
1.20
0.84
NPIS48L150MTRF
15 ± 20%
0.25
0.94
0.65
NPIS48L220MTRF
22 ± 20%
0.36
0.80
0.59
NPIS48L330MTRF
33 ± 20%
0.53
0.65
0.49
NPIS48L470MTRF
47 ± 20%
0.65
0.57
0.42
NPIS48L680MTRF
68 ± 20%
1.00
0.47
0.32
NPIS48L101MTRF
100 ± 20%
1.50
0.40
0.27
NPIS48L151MTRF
150 ± 20%
2.50
0.31
0.22
NPIS48L221MTRF
220 ± 20%
4.00
0.27
0.17
Part Number
STANDARD VALUES - CASE SIZE (6.0 x 6.0 x 1.2mm)
Inductance Value
(
μH)
DC Resistance
(
Ω) ±20%
DC Current
Isat (Amps)
DC Current
Irms (Amps)
Test Frequency
NPIS62L2R5YTRF
2.5 ± 30%
0.090
2.10
1.60
100KHz
NPIS62L4R0YTRF
4.0 ± 30%
0.105
1.80
1.57
NPIS62L5R3MTRF
5.3 ± 20%
0.125
1.50
1.40
NPIS62L6R8MTRF
6.8 ± 20%
0.165
1.30
1.18
NPIS62L100MTRF
10 ± 20%
0.235
1.00
1.00
NPIS62L150MTRF
15 ± 20%
0.33
0.80
0.79
NPIS62L220MTRF
22 ± 20%
0.53
0.76
0.63
NPIS62L330MTRF
33 ± 20%
0.70
0.59
0.53
NPIS62L470MTRF
47 ± 20%
1.05
0.52
0.46
NPIS62L680MTRF
68 ± 20%
1.35
0.44
0.41
NPIS62L101MTRF
100 ± 20%
2.18
0.35
0.32


Similar Part No. - NPIS32L220MTRF

ManufacturerPart #DatasheetDescription
logo
NIC-Components Corp.
NPIS32L NIC-NPIS32L Datasheet
116Kb / 6P
   NPIS Shielded Power Inductors
NPIS32LA NIC-NPIS32LA Datasheet
359Kb / 7P
   NPIS Shielded Power Inductors
NPIS32LP NIC-NPIS32LP Datasheet
230Kb / 7P
   NPIS Shielded Power Inductors
NPIS32LS NIC-NPIS32LS Datasheet
2Mb / 17P
   NPIS Shielded Power Inductors
NPIS32LS100MTRF NIC-NPIS32LS100MTRF Datasheet
1Mb / 17P
   NPIS Shielded Power Inductors
More results

Similar Description - NPIS32L220MTRF

ManufacturerPart #DatasheetDescription
logo
NIC-Components Corp.
NPIS-A NIC-NPIS-A Datasheet
91Kb / 4P
   NPIS Shielded Power Inductors
NPIS64D330MTRF NIC-NPIS64D330MTRF Datasheet
139Kb / 14P
   NPIS Shielded Power Inductors
NPIS_D NIC-NPIS_D Datasheet
133Kb / 14P
   NPIS Shielded Power Inductors
NPIS_F NIC-NPIS_F Datasheet
44Kb / 4P
   NPIS Shielded Power Inductors
NPIS_P NIC-NPIS_P Datasheet
73Kb / 4P
   NPIS Shielded Power Inductors
NPIS_R NIC-NPIS_R Datasheet
101Kb / 4P
   NPIS Shielded Power Inductors
NPIS_L NIC-NPIS_L Datasheet
116Kb / 6P
   NPIS Shielded Power Inductors
NPIS_LP NIC-NPIS_LP Datasheet
230Kb / 7P
   NPIS Shielded Power Inductors
NPIS_LA NIC-NPIS_LA Datasheet
359Kb / 7P
   NPIS Shielded Power Inductors
NPIS_LS NIC-NPIS_LS Datasheet
2Mb / 17P
   NPIS Shielded Power Inductors
NPIS-E NIC-NPIS-E Datasheet
122Kb / 15P
   NPIS Shielded Power Inductors
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com