Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NRB-XL6R8M200V8X9F Datasheet(PDF) 5 Page - NIC-Components Corp.

Part # NRB-XL6R8M200V8X9F
Description  Miniature Aluminum Electrolytic Cap ac it ors
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NIC [NIC-Components Corp.]
Direct Link  http://www.niccomp.com
Logo NIC - NIC-Components Corp.

NRB-XL6R8M200V8X9F Datasheet(HTML) 5 Page - NIC-Components Corp.

  NRB-XL6R8M200V8X9F Datasheet HTML 1Page - NIC-Components Corp. NRB-XL6R8M200V8X9F Datasheet HTML 2Page - NIC-Components Corp. NRB-XL6R8M200V8X9F Datasheet HTML 3Page - NIC-Components Corp. NRB-XL6R8M200V8X9F Datasheet HTML 4Page - NIC-Components Corp. NRB-XL6R8M200V8X9F Datasheet HTML 5Page - NIC-Components Corp.  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
5
NIC COMPONENTS CORP. www.niccomp.com www.lowESR.com
www.RFpassives.com
www.SMTmagnetics.com
SPECIFICATIONS ARE SUBJECT TO CHANGE
RADIAL TAPED PACKAGING
Ammo Box (Tape & Box) TB, TBF1, TBST
Box quantity
Ammo Box Dimensions (mm)
Scored corner
Label
-
Case Size
Q'ty per Box
(pcs)
6.3x11
2,000
8x9
1,000
8x11.5
1,000
10x9
500
10x12.5
500
10x16
500
10x20
500
12.5.x20
500
12.5x25
500
Taping Dimensions (mm)
NOTE: ANODE (+) LEAD FEEDS OFF FIRST.
FOR OPTION OF NEGATIVE (_) LEAD FIRST,
SPECIFY “TBN”.
Case Dia.
(D
φ)
10
12.5
Case Size
All
All
Dim.
d
φ ±0.05
0.6
0.6
H ±0.75
19.0
19.0
F +0.8 ~ -0.2
5.0
5.0
P ±1.0
25.4*
P
0
12.7 ±0.2
P
1
3.85
P
2
6.35 ±1.0
W
18.0 ±0.5
W
0
11.5 min
W
1
9.0 ±0.5
W
2
0 ~ 2.5
H
0
16.0 ±0.5
I
1.0 max.
D
0
φ
4.0 ±0.2
Δh
0 ±1.0 (at top of can)
t
0.7 ±0.2 (not including lead)
*Optional Taping Specifications
10mm diameter available with P dim. = 12.7mm
(P/N Suffix: TB12.7MMP)
12.5mm diameter available with P dim. = 15mm, P1= 5.0mm,
P0 = 15.0mm & P2 = 7.5mm (P/N Suffix: TB15MMP)
STANDARD RADIAL TAPING (5mm LEAD SPACING, STRAIGHT LEADS) TB
1max
t
Δ
P
2
P
P
1
w
2
w
0
w
1.0
P
0
F
S ∅D
0
∅d
W
1
H
NRB-XL Series
Miniature Aluminum Electrolytic Capacitors


Similar Part No. - NRB-XL6R8M200V8X9F

ManufacturerPart #DatasheetDescription
logo
NIC-Components Corp.
NRB-XF100M450V10X16F NIC-NRB-XF100M450V10X16F Datasheet
99Kb / 3P
   Miniature Aluminum Electrolytic Cap ac it ors
NRB-XF101M160V12.5X20F NIC-NRB-XF101M160V12.5X20F Datasheet
99Kb / 3P
   Miniature Aluminum Electrolytic Cap ac it ors
NRB-XF101M160V18X16F NIC-NRB-XF101M160V18X16F Datasheet
99Kb / 3P
   Miniature Aluminum Electrolytic Cap ac it ors
NRB-XF101M250V16X20F NIC-NRB-XF101M250V16X20F Datasheet
99Kb / 3P
   Miniature Aluminum Electrolytic Cap ac it ors
NRB-XF120M400V10X16F NIC-NRB-XF120M400V10X16F Datasheet
99Kb / 3P
   Miniature Aluminum Electrolytic Cap ac it ors
More results

Similar Description - NRB-XL6R8M200V8X9F

ManufacturerPart #DatasheetDescription
logo
NIC-Components Corp.
NREJL NIC-NREJL Datasheet
89Kb / 3P
   Miniature Aluminum Electrolytic Cap ac it ors
NRSG NIC-NRSG_14 Datasheet
106Kb / 6P
   Miniature Aluminum Electrolytic Cap ac it ors
NRBXG NIC-NRBXG Datasheet
107Kb / 4P
   Miniature Aluminum Electrolytic Cap ac it ors
NRBXG NIC-NRBXG_14 Datasheet
107Kb / 4P
   Miniature Aluminum Electrolytic Cap ac it ors
NRBXY NIC-NRBXY_14 Datasheet
98Kb / 3P
   Miniature Aluminum Electrolytic Cap ac it ors
NRBKQ NIC-NRBKQ_14 Datasheet
99Kb / 3P
   Miniature Aluminum Electrolytic Cap ac it ors
NRBXF NIC-NRBXF_14 Datasheet
99Kb / 3P
   Miniature Aluminum Electrolytic Cap ac it ors
NREJL NIC-NREJL_14 Datasheet
100Kb / 3P
   Miniature Aluminum Electrolytic Cap ac it ors
NRSJ NIC-NRSJ_14 Datasheet
96Kb / 2P
   Miniature Aluminum Electrolytic Cap ac it ors
NRBKQ NIC-NRBKQ Datasheet
99Kb / 3P
   Miniature Aluminum Electrolytic Cap ac it ors
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com