Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NPIM145CR47MTRF Datasheet(PDF) 2 Page - NIC-Components Corp.

Part # NPIM145CR47MTRF
Description  NPIM Shielded Power Inductors
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NIC [NIC-Components Corp.]
Direct Link  http://www.niccomp.com
Logo NIC - NIC-Components Corp.

NPIM145CR47MTRF Datasheet(HTML) 2 Page - NIC-Components Corp.

  NPIM145CR47MTRF Datasheet HTML 1Page - NIC-Components Corp. NPIM145CR47MTRF Datasheet HTML 2Page - NIC-Components Corp. NPIM145CR47MTRF Datasheet HTML 3Page - NIC-Components Corp. NPIM145CR47MTRF Datasheet HTML 4Page - NIC-Components Corp.  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
2
NIC COMPONENTS CORP. www.niccomp.com www.lowESR.com
www.RFpassives.com
www.SMTmagnetics.com
®
Specifications are subject to change
Part Number
STANDARD VALUES - CASE SIZE 104C
Inductance Value
(
μH)
DC Resistance
(m
Ω)
DC Current
Irms (Amps)
DC Current
Isat (Amps)
Test
Frequency
NPIM104CR68MTRF
0.68
2.7
22
39
100KHz
NPIM104CR88MTRF
0.88
3.0
20
38
NPIM104C1R5MTRF
1.5
4.2
16
33
NPIM104C2R2MTRF
2.2
7.0
12
27
Maximum +40°C temperature rise at Irms. Typical -20% inductance change at Isat.
NPIM__C Series
NPIM Shielded Power Inductors
Part Number
STANDARD VALUES - CASE SIZE 42C ( 4.15 X 4.0 X 1.8mm)
Inductance Value
(
μH)
DC Resistance
(m
Ω)
DC Current
Irms (Amps)
DC Current
Isat (Amps)
Test
Frequency
NPIM42CR10MTRF
0.1
5.0
11
30
100KHz
NPIM42CR22MTRF
0.22
8.0
9
17
NPIM42CR47MTRF
0.47
15.5
6
11.5
NPIM42C1R0MTRF
1.0
36
3.8
8.5
Maximum +40°C temperature rise at Irms. Typical -20% inductance change at Isat.
Contact NIC for
NPIM42C Performance Curves
Part Number
STANDARD VALUES - CASE SIZE 74 (6.95 X 6.6 X 2.8mm)
Inductance Value
(
μH)
DC Resistance
(m
Ω)
DC Current
Irms (Amps)
DC Current
Isat (Amps)
Test
Frequency
NPIM74CR10MTRF
0.1
1.7
32.5
60
100KHz
NPIM74CR20MTRF
0.2
3
24
41
NPIM74CR22MTRF
0.22
2.8
23
40
NPIM74CR33MTRF
0.33
3.9
20
30
NPIM74CR47MTRF
0.47
4.2
17.5
26
NPIM74CR56MTRF
0.56
5
16.5
25.5
NPIM74CR68MTRF
0.68
5.5
15.5
25
NPIM74CR75MTRF
0.75
6.2
14
24.5
NPIM74CR82MTRF
0.82
8
13
24
NPIM74C1R0MTRF
1.0
10
11
22
NPIM74C1R2MTRF
1.2
12
10
20
NPIM74C1R5MTRF
1.5
15
9
18
NPIM74C2R0MTRF
2.0
18
8.2
14
NPIM74C2R2MTRF
2.2
20
8
14
NPIM74C2R5MTRF
2.5
22
7
14
NPIM74C3R3MTRF
3.3
30
6
13.5
NPIM74C4R7MTRF
4.7
40
5.5
10
NPIM74C6R8MTRF
6.8
60
4.5
8
Maximum +40°C temperature rise at Irms. Typical -20% inductance change at Isat
Contact NIC for
NPIM74C Performance Curves
Contact NIC for
NPIM104C Performance Curves


Similar Part No. - NPIM145CR47MTRF

ManufacturerPart #DatasheetDescription
logo
NIC-Components Corp.
NPIM145CR47MTRF NIC-NPIM145CR47MTRF Datasheet
121Kb / 4P
   NPIM Shielded Power Inductors
More results

Similar Description - NPIM145CR47MTRF

ManufacturerPart #DatasheetDescription
logo
NIC-Components Corp.
NPIM_A NIC-NPIM_A Datasheet
863Kb / 12P
   NPIM Shielded Power Inductors
NPIM_C NIC-NPIM_C Datasheet
121Kb / 4P
   NPIM Shielded Power Inductors
NPIM-A NIC-NPIM-A Datasheet
814Kb / 11P
   NPIM Shielded Power Inductors
NPIM-P NIC-NPIM-P Datasheet
421Kb / 9P
   NPIM Shielded Power Inductors
NPIM_P NIC-NPIM_P Datasheet
466Kb / 11P
   NPIM Shielded Power Inductors
NPIM-B NIC-NPIM-B Datasheet
324Kb / 14P
   NPIM Shielded Power Inductors
NPIM_Z NIC-NPIM_Z Datasheet
466Kb / 6P
   NPIM Shielded Power Inductors
NPIM_B NIC-NPIM_B Datasheet
338Kb / 14P
   NPIM Shielded Power Inductors
NPIM_L NIC-NPIM_L Datasheet
3Mb / 9P
   NPIM Shielded Power Inductors
NPIM_PA NIC-NPIM_PA Datasheet
365Kb / 8P
   NPIM Shielded Power Inductors
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com