Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NPIS16R682MTRF Datasheet(PDF) 2 Page - NIC-Components Corp.

Part # NPIS16R682MTRF
Description  NPIS Shielded Power Inductors
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NIC [NIC-Components Corp.]
Direct Link  http://www.niccomp.com
Logo NIC - NIC-Components Corp.

NPIS16R682MTRF Datasheet(HTML) 2 Page - NIC-Components Corp.

  NPIS16R682MTRF Datasheet HTML 1Page - NIC-Components Corp. NPIS16R682MTRF Datasheet HTML 2Page - NIC-Components Corp. NPIS16R682MTRF Datasheet HTML 3Page - NIC-Components Corp. NPIS16R682MTRF Datasheet HTML 4Page - NIC-Components Corp.  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
2
NIC COMPONENTS CORP. www.niccomp.com www.lowESR.com
www.RFpassives.com
www.SMTmagnetics.com
®
NPIS 16 R 102 K TR F
Termination Finish:
F = RoHS Compliant (100%Sn)
Packaging: TR = Tape & Reel
Inductance Tolerance Code: K=10%, L=15%M=±20%
Inductance Code (
μH): 1st two digits are significant,
3rd digit is multiplier for values from 10
μH and up.
Construction Code (see drawing for details)
Size Code (see table for details)
Series
PART NUMBER SYSTEM
NPIS__R Series
Part Number
STANDARD VALUES - CASE SIZE 16 (4.45 x 6.6 x 2.92mm)
Inductance Value
(μH)
SRF (Typical)
MHz
DC Resistance
(
Ω)
DC Current
Isat/Irms (Amps)
Test Frequency
NPIS16R1R0MTRF
1.0±20%
250
0.040
3.0
100KHz
NPIS16R1R5MTRF
1.5±20%
125
0.045
2.3
NPIS16R2R2MTRF
2.2±20%
120
0.050
1.8
NPIS16R3R3MTRF
3.3±20%
120
0.055
1.6
NPIS16R4R7MTRF
4.7±20%
105
0.060
1.4
NPIS16R6R8MTRF
6.8±20%
50
0.065
1.2
NPIS16R100MTRF
10±20%
38
0.075
1.0
NPIS16R150MTRF
15±20%
33
0.090
0.80
NPIS16R220MTRF
22±20%
25
0.110
0.70
NPIS16R330MTRF
33±20%
20
0.190
0.60
NPIS16R470MTRF
47±20%
20
0.230
0.50
NPIS16R680MTRF
68±20%
15
0.290
0.40
NPIS16R101MTRF
100±20%
10
0.480
0.30
NPIS16R151MTRF
150±20%
9.0
0.590
0.26
NPIS16R221MTRF
220±20%
6.0
0.770
0.22
NPIS16R331MTRF
330±20%
5.0
1.40
0.20
NPIS16R471MTRF
470±20%
4.0
1.80
0.19
NPIS16R681MTRF
680±20%
3.0
2.20
0.16
NPIS16R102MTRF
1000±20%
2.0
3.40
0.15
NPIS16R152MTRF
1500±20%
2.0
4.20
0.12
NPIS16R222MTRF
2200±20%
2.0
8.50
0.10
NPIS16R332MTRF
3300±20%
1.0
11.0
0.08
NPIS16R472MTRF
4700±20%
1.0
13.9
0.06
NPIS16R682MTRF
6800±20%
1.0
25.0
0.04
NPIS16R103MTRF
10000±20%
0.8
32.8
0.02
NPIS Shielded Power Inductors
Maximum +30°C temperature rise at Irms. Typical -30% inductance change at Isat.


Similar Part No. - NPIS16R682MTRF

ManufacturerPart #DatasheetDescription
logo
NIC-Components Corp.
NPIS103F NIC-NPIS103F Datasheet
44Kb / 4P
   NPIS Shielded Power Inductors
NPIS103F100MTRF NIC-NPIS103F100MTRF Datasheet
49Kb / 4P
   NPIS Shielded Power Inductors
NPIS103F150MTRF NIC-NPIS103F150MTRF Datasheet
49Kb / 4P
   NPIS Shielded Power Inductors
NPIS103F220MTRF NIC-NPIS103F220MTRF Datasheet
49Kb / 4P
   NPIS Shielded Power Inductors
NPIS103F330MTRF NIC-NPIS103F330MTRF Datasheet
49Kb / 4P
   NPIS Shielded Power Inductors
More results

Similar Description - NPIS16R682MTRF

ManufacturerPart #DatasheetDescription
logo
NIC-Components Corp.
NPIS-A NIC-NPIS-A Datasheet
91Kb / 4P
   NPIS Shielded Power Inductors
NPIS64D330MTRF NIC-NPIS64D330MTRF Datasheet
139Kb / 14P
   NPIS Shielded Power Inductors
NPIS_D NIC-NPIS_D Datasheet
133Kb / 14P
   NPIS Shielded Power Inductors
NPIS_F NIC-NPIS_F Datasheet
44Kb / 4P
   NPIS Shielded Power Inductors
NPIS_P NIC-NPIS_P Datasheet
73Kb / 4P
   NPIS Shielded Power Inductors
NPIS_R NIC-NPIS_R Datasheet
101Kb / 4P
   NPIS Shielded Power Inductors
NPIS_L NIC-NPIS_L Datasheet
116Kb / 6P
   NPIS Shielded Power Inductors
NPIS_LP NIC-NPIS_LP Datasheet
230Kb / 7P
   NPIS Shielded Power Inductors
NPIS_LA NIC-NPIS_LA Datasheet
359Kb / 7P
   NPIS Shielded Power Inductors
NPIS_LS NIC-NPIS_LS Datasheet
2Mb / 17P
   NPIS Shielded Power Inductors
NPIS-E NIC-NPIS-E Datasheet
122Kb / 15P
   NPIS Shielded Power Inductors
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com