Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ST4ETA202 Datasheet(PDF) 2 Page - Vishay Siliconix

Part # ST4ETA202
Description  Surface Mount Cermet Trimmers (single turn)
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

ST4ETA202 Datasheet(HTML) 2 Page - Vishay Siliconix

  ST4ETA202 Datasheet HTML 1Page - Vishay Siliconix ST4ETA202 Datasheet HTML 2Page - Vishay Siliconix ST4ETA202 Datasheet HTML 3Page - Vishay Siliconix ST4ETA202 Datasheet HTML 4Page - Vishay Siliconix ST4ETA202 Datasheet HTML 5Page - Vishay Siliconix ST4ETA202 Datasheet HTML 6Page - Vishay Siliconix ST4ETA202 Datasheet HTML 7Page - Vishay Siliconix ST4ETA202 Datasheet HTML 8Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
Document Number: 58010
For technical questions contact: copalsupport@vishay.com
www.vishay.com
Revision: 06-Mar-06
2
ST-4
Surface Mount Cermet Trimmers (single turn)
Vishay
Unless otherwise specified, tolerance: ± 0.3 (Unit: mm)
ST-4A, 4EA
Top adjustment
ST-4B, 4EB
Top adjustment
ST-4C, 4EC
Top adjustment
*: Note the terminal position.
2
0.6 W × 2.3 L× 0.5 D
Resistance code & Production date code
Lead (Pb)-free Identification mark
5
2.3
t = 0.15
1.2
2.35
2 - 0.8
3
1
5
2.3
1.2
2.35
2 - 0.8
2
Resistance code & Production date code
t = 0.15
3
1
0.6 W × 2.3 L× 0.5 D
5
4 ± 1
3 - 0.6
2.54
2
Resistance code & Production date code
t = 0.15
3
1
2.3
0.6 W × 2.3 L× 0.5 D
Lead (Pb)-free Identification mark
CW rotation
1
2
3
ST-4G, 4EG
Side adjustment
5
4.5
2.35
2 - 0.8
1.2
2
Resistance code & Production date code
t = 0.15
3
1
0.6 W × 2.3 L × 0.5 D
Lead-free Identification mark
Lead (Pb)-free Identification mark
DIMENSIONS in millimeters
OUTLINE DIMENSIONS
Specifications are subject to change without notice. Specifications in this catalog are for reference. The formal specification sheets will be
submitted upon request.


Similar Part No. - ST4ETA202

ManufacturerPart #DatasheetDescription
logo
Copal Electronics
ST4ETA103 COPAL-ST4ETA103 Datasheet
133Kb / 6P
   SURFACE MOUNT CERMET TRIMMERS (SINGLE TURN)
More results

Similar Description - ST4ETA202

ManufacturerPart #DatasheetDescription
logo
Copal Electronics
ST-4 COPAL-ST-4 Datasheet
133Kb / 6P
   SURFACE MOUNT CERMET TRIMMERS (SINGLE TURN)
logo
List of Unclassifed Man...
ST32ETG200 ETC2-ST32ETG200 Datasheet
133Kb / 6P
   SURFACE MOUNT CERMET TRIMMERS (SINGLE TURN)
logo
Vishay Siliconix
ST-4 VISHAY-ST-4 Datasheet
181Kb / 8P
    Surface Mount Cermet Trimmers (single turn)
Revision: 06-Mar-06
logo
List of Unclassifed Man...
ST-4EB503 ETC2-ST-4EB503 Datasheet
173Kb / 6P
   SURFACE MOUNT CERMET TRIMMERS (SINGLE TURN)
logo
Copal Electronics
ST4ETA103 COPAL-ST4ETA103 Datasheet
133Kb / 6P
   SURFACE MOUNT CERMET TRIMMERS (SINGLE TURN)
logo
List of Unclassifed Man...
ST32ETA103 ETC2-ST32ETA103 Datasheet
133Kb / 6P
   SURFACE MOUNT CERMET TRIMMERS (SINGLE TURN)
ST-4ETD102 ETC2-ST-4ETD102 Datasheet
173Kb / 6P
   SURFACE MOUNT CERMET TRIMMERS (SINGLE TURN)
ST-4ETA102 ETC1-ST-4ETA102 Datasheet
173Kb / 6P
   SURFACE MOUNT CERMET TRIMMERS (SINGLE TURN)
logo
Copal Electronics
ST32EA100 COPAL-ST32EA100 Datasheet
121Kb / 6P
   SURFACE MOUNT CERMET TRIMMERS (SINGLE TURN)
ST-2 COPAL-ST-2 Datasheet
86Kb / 5P
   SURFACE MOUNT CERMET TRIMMERS (SINGLE TURN)
logo
Vishay Siliconix
ST-32 VISHAY-ST-32 Datasheet
383Kb / 7P
   Surface Mount Cermet Trimmers (single turn)
Revision: 06-Mar-06
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com