Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NPI31W680MTRF Datasheet(PDF) 4 Page - NIC-Components Corp.

Part # NPI31W680MTRF
Description  NPI Power Inductors
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NIC [NIC-Components Corp.]
Direct Link  http://www.niccomp.com
Logo NIC - NIC-Components Corp.

NPI31W680MTRF Datasheet(HTML) 4 Page - NIC-Components Corp.

  NPI31W680MTRF Datasheet HTML 1Page - NIC-Components Corp. NPI31W680MTRF Datasheet HTML 2Page - NIC-Components Corp. NPI31W680MTRF Datasheet HTML 3Page - NIC-Components Corp. NPI31W680MTRF Datasheet HTML 4Page - NIC-Components Corp.  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
4
NIC COMPONENTS CORP. www.niccomp.com www.lowESR.com
www.RFpassives.com
www.SMTmagnetics.com
®
Specifications are subject to change
NPI Power Inductors
NPI__W Series
Tape Width
REEL DIMENSIONS (mm)
A(mm)
B(mm)
C(mm)
D(mm)
16mm
16.5±0.1
100±1
13±0.5
330
24mm
24.5±0.1
32mm
32.5±0.1
Size
REEL QUANTITY PER CASE SIZE
NPI16W
NPI22W
NPI31W
NPI34W
NPI52W
Quantity per reel
2500
1000
500
225
250
Tape Width
16mm
24mm
24mm
32mm
32mm
Case Size
TAPING DIMENSIONS (mm)
Ao
Bo
Co
Ko
W
Po
NPI16W
4.60
6.70
4.25
3.20
12.0
8.0
NPI31W
10.00 13.50 11.50
5.60
24.0
12.0
NPI34W
10.00 13.50 11.50
11.6
24.0
20.0
NPI52W
15.40 18.70 14.25
7.60
32.0
20.0
W
Co
Ao
Po
Ko
Bo
1.5mm ± 0.1
4.0mm
0.5mm ± 0.05
1.75mm
±0.1
B
C
D
A
REFLOW SOLDERING PROFILE
Soldering 260°C max.
5 seconds max.
Cool Down
60 ~ 120 sec.
25
50
100
150
200
250
300
Pre-Heat
150°C ~ 180°C
Time above 230°C
30 seconds max.
30
60
90 120 150 180 210 240 270 300
Time - Seconds


Similar Part No. - NPI31W680MTRF

ManufacturerPart #DatasheetDescription
logo
NIC-Components Corp.
NPI31W680MTRF NIC-NPI31W680MTRF Datasheet
190Kb / 5P
   NPI Power Inductors
More results

Similar Description - NPI31W680MTRF

ManufacturerPart #DatasheetDescription
logo
NIC-Components Corp.
NPI_W NIC-NPI_W Datasheet
190Kb / 5P
   NPI Power Inductors
NPI_P NIC-NPI_P Datasheet
184Kb / 4P
   NPI Power Inductors
NPI_C NIC-NPI_C Datasheet
301Kb / 9P
   NPI Power Inductors
NPI-C NIC-NPI-C Datasheet
241Kb / 9P
   NPI Power Inductors
NPI-L NIC-NPI-L Datasheet
186Kb / 3P
   NPI Power Inductors
NPI-P NIC-NPI-P Datasheet
183Kb / 4P
   NPI Power Inductors
NPI_LS NIC-NPI_LS Datasheet
116Kb / 11P
   NPI Unshielded Power Inductors
NPI-LS NIC-NPI-LS Datasheet
121Kb / 11P
   NPI Unshielded Power Inductors
logo
Filtran LTD
8401-XXX FILTRAN-8401-XXX Datasheet
21Kb / 1P
   Inductors SMT Power Inductors
logo
Sumida Corporation
CMD89 SUMIDA-CMD89 Datasheet
235Kb / 1P
   POWER INDUCTORS
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com