Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AX102415 Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # AX102415
Description  Keystone Multimedia Modules
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

AX102415 Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  AX102415 Datasheet HTML 1Page - List of Unclassifed Manufacturers AX102415 Datasheet HTML 2Page - List of Unclassifed Manufacturers AX102415 Datasheet HTML 3Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
For More Information
For any other product information call:
1-800-BELDEN-1 or visit us at
www.Belden.com
All information is subject to change
without notice, since Belden reserves
the right to change its products as progress
in engineering and manufacturing methods
or other circumstances may warrant.
COPPERMedia
2
DATASheet
1-800-BELDEN-1
www.belden.com
Keystone Multimedia Modules
Ordering Information
DETAIL
COLOR
ORDERING NUMBER
Keystone LC Duplex Module
LC Duplex Multimode
Almond
AX102415
LC Duplex Multimode
White
AX102416
LC Duplex Multimode
Black
AX102417
LC Duplex Singlemode
Almond
AX102419
LC Duplex Singlemode
White
AX102420
LC Duplex Singlemode
Black
AX102421
Installation tips
> Verify clearance space before inserting into
mounting hardware
> Label each port carefully for future
reference and ease of administration
> Angled faceplates are recommended for
outlets using fiber connectors. If jacketed
fiber cable is used inside the plates,
connectors shall be on the bottom row
Packaging
> 10 units in a clear plastic bag
DETAIL
COLOR
ORDERING NUMBER
Keystone ST-Compatible Module
ST-Compatible Mutlimode/Singlemode
Almond
AX102242
ST-Compatible Mutlimode/Singlemode
White
AX102243
ST-Compatible Mutlimode/Singlemode
Black
AX102244
DETAIL
COLOR
ORDERING NUMBER
Keystone Video F Coaxial Module
Coaxial Video F
Almond
AX102258
Coaxial Video F
White
AX102259
Coaxial Video F
Black
AX102260
DETAIL
COLOR
ORDERING NUMBER
Keystone Blank Module
Blank
Almond
AX102261
Blank
White
AX102262
Blank
Black
AX102263


Similar Part No. - AX102415

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
AX102415 ETC2-AX102415 Datasheet
174Kb / 2P
   Keystone Multimedia Modules
More results

Similar Description - AX102415

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
AX102416 ETC2-AX102416 Datasheet
174Kb / 2P
   Keystone Multimedia Modules
logo
METZ CONNECT GmbH
130B21-25-E METZ-130B21-25-E Datasheet
1Mb / 7P
   25Gmodul - Keystone
2022/12/16 Version: F
logo
Tripp Lite. All Rights ...
N062-048-KJ TRIPPLITE-N062-048-KJ Datasheet
36Kb / 2P
   48-Port 1U Rack-Mount Unshielded Blank Keystone/Multimedia Patch Panel, RJ45 Ethernet, USB, HDMI, Cat5e/6
N062-024-KJ TRIPPLITE-N062-024-KJ Datasheet
478Kb / 2P
   24-Port 2U Rack-Mount Unshielded Blank Keystone/Multimedia Patch Panel, RJ45 Ethernet, USB, HDMI, Cat5e/6
logo
Infineon Technologies A...
MP2 INFINEON-MP2 Datasheet
216Kb / 2P
   Multimedia Platform?
2004
logo
Texas Instruments
OMAP4430 TI1-OMAP4430 Datasheet
7Mb / 443P
[Old version datasheet]   Multimedia Device
OMAPL137-HT TI1-OMAPL137-HT Datasheet
7Mb / 444P
[Old version datasheet]   Multimedia Device
logo
OmniVision Technologies...
OV9762 OMNIVISION-OV9762 Datasheet
1Mb / 2P
   PC Multimedia
logo
Generalplus Technology ...
GP326813A GENERALPLUS-GP326813A Datasheet
1Mb / 21P
   Multimedia Processor
GP326823A GENERALPLUS-GP326823A Datasheet
1Mb / 21P
   Multimedia Processor
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com