Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NPIS42L330MTRF Datasheet(PDF) 1 Page - NIC-Components Corp.

Part # NPIS42L330MTRF
Description  NPIS Shielded Power Inductors
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NIC [NIC-Components Corp.]
Direct Link  http://www.niccomp.com
Logo NIC - NIC-Components Corp.

NPIS42L330MTRF Datasheet(HTML) 1 Page - NIC-Components Corp.

  NPIS42L330MTRF Datasheet HTML 1Page - NIC-Components Corp. NPIS42L330MTRF Datasheet HTML 2Page - NIC-Components Corp. NPIS42L330MTRF Datasheet HTML 3Page - NIC-Components Corp. NPIS42L330MTRF Datasheet HTML 4Page - NIC-Components Corp. NPIS42L330MTRF Datasheet HTML 5Page - NIC-Components Corp. NPIS42L330MTRF Datasheet HTML 6Page - NIC-Components Corp.  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
1
®
NIC COMPONENTS CORP. www.niccomp.com
www.lowESR.com
www.RFpassives.com
www.SMTmagnetics.com
NPIS_L Series
NPIS Shielded Power Inductors
Case Size
L
W
H max.
e
e
Δ
f
NPIS30L 3.0 ±0.1 3.0 ±0.1
1.0
0.9 ± 0.2
-
1.9 ± 0.2
NPIS32L 3.0 ±0.1 3.0 ±0.1
1.2
-
NPIS35L 3.0 ±0.1 3.0 ±0.1
1.5
-
NPIS40L 4.0 ±0.2 4.0 ±0.2
1.0
1.1 ± 0.2
-
2.5 ± 0.2
NPIS42L 4.0 ±0.2 4.0 ±0.2
1.2
-
NPIS48L 4.0 ±0.2 4.0 ±0.2
1.8
-
NPIS62L 6.0 ±0.2 6.0 ±0.2
1.2
1.35 ± 0.2 0.3 ± 0.2 4.0 ± 0.2
NPIS60L 6.0 ±0.2 6.0 ±0.2
2.0
NPIS65L 6.0 ±0.2 6.0 ±0.2
4.5
NPIS80L 8.0 ±0.2 8.0 ±0.2
4.0*
1.6 ± 0.3
-
5.6 ± 0.3
DIMENSIONS (mm)
FEATURES
• SHIELDED POWER INDUCTOR
• ULTRA LOW PROFILE (1.0 ~ 4.5mm MAX. HEIGHT)
• SURFACE MOUNTABLE CONSTRUCTION
• INDUCTANCE VALUES UP TO 220
μH
• TAPED AND REELED FOR AUTOMATIC INSERTION
Case Size
NPIS30L NPIS32L NPIS35L NPIS40L NPIS42L
NPIS48L
NPIS62L
NPIS60L
NPIS65L
NPIS80L
Inductance Range
1.0 ~ 47
μH 1.0 ~ 47μH 1.0 ~ 47μH 1.0 ~ 47μH 1.0 ~ 47μH 1.0 ~ 220μH 2.5 ~ 100μH 0.8 ~ 10μH 1.0 ~ 100μH 0.9 ~ 100μH
Temperature Range
-25°C ~ +120°C*
Temperatrue Rise at I rms
+40°C max.
Inductance Change at I sat
- 30% max.
Inductance Tolerance
±20% (M), ±30% (Y)
Resistance to Solder Heat
255°C for 10 seconds
CHARACTERISTICS
Part Number
STANDARD VALUES - CASE SIZE (3.0 x 3.0 x 1.0mm)
Inductance Value
(
μH)
DC Resistance
(
Ω) ±20%
DC Current
Isat (Amps)
DC Current
Irms (Amps)
Test Frequency
NPIS30L1R0YTRF
1.0 ± 30%
0.065
1.30
1.40
100KHz
NPIS30L1R5YTRF
1.5 ± 30%
0.080
1.20
1.30
NPIS30L2R2MTRF
2.2 ± 20%
0.095
1.10
1.10
NPIS30L3R3MTRF
3.3 ± 20%
0.14
0.87
0.94
NPIS30L4R7MTRF
4.7 ± 20%
0.19
0.75
0.78
NPIS30L6R8MTRF
6.8 ± 20%
0.30
0.61
0.63
NPIS30L100MTRF
10 ± 20%
0.45
0.50
0.51
NPIS30L150MTRF
15 ± 20%
0.74
0.40
0.40
NPIS30L220MTRF
22 ± 20%
1.03
0.35
0.35
NPIS30L330MTRF
33 ± 20%
1.55
0.26
0.275
NPIS30L470MTRF
47 ± 20%
2.05
0.22
0.235
Maximum +40°C temperature rise at Irms. Maximum -30% inductance change at Isat.
NPIS 30 L 150 M TR F
Termination Finish:
F = RoHS Compliant (SnAgCu)
Packaging: TR = Tape & Reel
Inductance Tolerance Code: M=±20%, Y=±30%
Inductance Code (
μH): 1st two digits are significant, 3rd
digit is multiplier.
Construction Code (see drawing for details)
Size Code (see table for details)
Series
PART NUMBER SYSTEM
RoHS
Compliant
includes all homogeneous materials
*See Part Number System for Details
*Ambient plus temperature rise
NPIS30L, 32L, 35L, 40L, 42L, 48L & 80L
NPIS62, 60L & 65L
*NPIS80L 0.9
μH - 6R8μH is 4.2mm height


Similar Part No. - NPIS42L330MTRF

ManufacturerPart #DatasheetDescription
logo
NIC-Components Corp.
NPIS42L NIC-NPIS42L Datasheet
116Kb / 6P
   NPIS Shielded Power Inductors
NPIS42LA NIC-NPIS42LA Datasheet
359Kb / 7P
   NPIS Shielded Power Inductors
NPIS42LS NIC-NPIS42LS Datasheet
2Mb / 17P
   NPIS Shielded Power Inductors
NPIS42LS100MTRF NIC-NPIS42LS100MTRF Datasheet
1Mb / 17P
   NPIS Shielded Power Inductors
NPIS42LS120MTRF NIC-NPIS42LS120MTRF Datasheet
1Mb / 17P
   NPIS Shielded Power Inductors
More results

Similar Description - NPIS42L330MTRF

ManufacturerPart #DatasheetDescription
logo
NIC-Components Corp.
NPIS-A NIC-NPIS-A Datasheet
91Kb / 4P
   NPIS Shielded Power Inductors
NPIS64D330MTRF NIC-NPIS64D330MTRF Datasheet
139Kb / 14P
   NPIS Shielded Power Inductors
NPIS_D NIC-NPIS_D Datasheet
133Kb / 14P
   NPIS Shielded Power Inductors
NPIS_F NIC-NPIS_F Datasheet
44Kb / 4P
   NPIS Shielded Power Inductors
NPIS_P NIC-NPIS_P Datasheet
73Kb / 4P
   NPIS Shielded Power Inductors
NPIS_R NIC-NPIS_R Datasheet
101Kb / 4P
   NPIS Shielded Power Inductors
NPIS_L NIC-NPIS_L Datasheet
116Kb / 6P
   NPIS Shielded Power Inductors
NPIS_LP NIC-NPIS_LP Datasheet
230Kb / 7P
   NPIS Shielded Power Inductors
NPIS_LA NIC-NPIS_LA Datasheet
359Kb / 7P
   NPIS Shielded Power Inductors
NPIS_LS NIC-NPIS_LS Datasheet
2Mb / 17P
   NPIS Shielded Power Inductors
NPIS-E NIC-NPIS-E Datasheet
122Kb / 15P
   NPIS Shielded Power Inductors
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com