Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NPIS23PR47MTRF Datasheet(PDF) 4 Page - NIC-Components Corp.

Part # NPIS23PR47MTRF
Description  NPIS Shielded Power Inductors
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NIC [NIC-Components Corp.]
Direct Link  http://www.niccomp.com
Logo NIC - NIC-Components Corp.

NPIS23PR47MTRF Datasheet(HTML) 4 Page - NIC-Components Corp.

  NPIS23PR47MTRF Datasheet HTML 1Page - NIC-Components Corp. NPIS23PR47MTRF Datasheet HTML 2Page - NIC-Components Corp. NPIS23PR47MTRF Datasheet HTML 3Page - NIC-Components Corp. NPIS23PR47MTRF Datasheet HTML 4Page - NIC-Components Corp.  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
127
NIC COMPONENTS CORP. www.niccomp.com
www.lowESR.com
www.RFpassives.com
www.SMTmagnetics.com
®
NPIS__P Series
Part Number
STANDARD VALUES - CASE SIZE 24 (13.9 X 13.9 X 5.4mm)
Inductance Value
(
μH)
DC Resistance
(m
Ω)
DC Current
Irms (Amps)
DC Current
Isat (Amps)
Test Frequecy
NPIS24PR68MTRF
0.68
1.5
29.7
38.8
100KHz
NPIS24P1R0MTRF
1.0
2.0
25.7
33.6
NPIS24P1R2MTRF
1.2
2.6
23.1
26.9
NPIS24P2R2MTRF
2.2
4.5
17.8
19.6
NPIS24P3R3MTRF
3.3
7.0
14.4
17.5
NPIS24P4R7MTRF
4.7
8.0
12.8
14.9
Tape Width
REEL DIMENSIONS (mm)
A(mm)
B(mm)
C(mm)
D(mm)
16mm
16.0 ±0.5
100 ±2.0
13 ±0.5
330
24mm
24.5 ±0.5
Case Size
CARRIER TAPING DIMENSIONS (mm) AND REEL QUANTITY
Ao
Bo
Ko
Co
W
Po
t
Quantity
NPIS60P
7.0 ± 0.1
7.8 ± 0.1
2.6 ± 0.1
7.5 ± 0.1
16 ± 0.3 12.0 ± 0.1 0.35 ± 0.05
1000
NPIS63P
7.0 ± 0.1
7.8 ± 0.1
3.3 ± 0.1
7.5 ± 0.1
16 ± 0.3 12.0 ± 0.1 0.35 ± 0.05
1000
NPIS14P
10.5 ± 0.1 11.8 ± 0.1 4.5 ± 0.1 11.5 ± 0.1 24 ± 0.3 16.0 ± 0.1 0.35 ± 0.05
900
NPIS23P
13.5 ± 0.1 13.9 ± 0.1 4.5 ± 0.1 11.5 ± 0.1 24 ± 0.3 16.0 ± 0.1 0.35 ± 0.05
600
NPIS25P
13.5 ± 0.1 13.9 ± 0.1 5.6 ± 0.1 11.5 ± 0.1 24 ± 0.3 16.0 ± 0.1 0.35 ± 0.05
500
NPIS24P
13.9 ± 0.1 13.9 ± 0.1 5.6 ± 0.1 11.5 ± 0.1 24 ± 0.3 16.0 ± 0.1 0.40 ± 0.05
500
W
Co
Ao
Po
Ko
Bo
1.5mm ± 0.1
4.0mm
±0.1
1.75mm ±0.1
t
Maximum +40°C temperature rise at Irms. Typical -20% inductance change at Isat.
NPIS Shielded Power Inductors
B
C
D
A


Similar Part No. - NPIS23PR47MTRF

ManufacturerPart #DatasheetDescription
logo
Naina Semiconductor ltd...
NPIS20 NAINA-NPIS20 Datasheet
175Kb / 2P
   Improved glass passivation for high reliability
logo
NIC-Components Corp.
NPIS20D NIC-NPIS20D Datasheet
139Kb / 14P
   NPIS Shielded Power Inductors
NPIS20D1R2YTRF NIC-NPIS20D1R2YTRF Datasheet
139Kb / 14P
   NPIS Shielded Power Inductors
NPIS20D1R5YTRF NIC-NPIS20D1R5YTRF Datasheet
139Kb / 14P
   NPIS Shielded Power Inductors
NPIS20D1R8YTRF NIC-NPIS20D1R8YTRF Datasheet
139Kb / 14P
   NPIS Shielded Power Inductors
More results

Similar Description - NPIS23PR47MTRF

ManufacturerPart #DatasheetDescription
logo
NIC-Components Corp.
NPIS-A NIC-NPIS-A Datasheet
91Kb / 4P
   NPIS Shielded Power Inductors
NPIS64D330MTRF NIC-NPIS64D330MTRF Datasheet
139Kb / 14P
   NPIS Shielded Power Inductors
NPIS_D NIC-NPIS_D Datasheet
133Kb / 14P
   NPIS Shielded Power Inductors
NPIS_F NIC-NPIS_F Datasheet
44Kb / 4P
   NPIS Shielded Power Inductors
NPIS_P NIC-NPIS_P Datasheet
73Kb / 4P
   NPIS Shielded Power Inductors
NPIS_R NIC-NPIS_R Datasheet
101Kb / 4P
   NPIS Shielded Power Inductors
NPIS_L NIC-NPIS_L Datasheet
116Kb / 6P
   NPIS Shielded Power Inductors
NPIS_LP NIC-NPIS_LP Datasheet
230Kb / 7P
   NPIS Shielded Power Inductors
NPIS_LA NIC-NPIS_LA Datasheet
359Kb / 7P
   NPIS Shielded Power Inductors
NPIS_LS NIC-NPIS_LS Datasheet
2Mb / 17P
   NPIS Shielded Power Inductors
NPIS-E NIC-NPIS-E Datasheet
122Kb / 15P
   NPIS Shielded Power Inductors
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com