Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NPIS64D3R3YTRF Datasheet(PDF) 11 Page - NIC-Components Corp.

Part # NPIS64D3R3YTRF
Description  NPIS Shielded Power Inductors
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NIC [NIC-Components Corp.]
Direct Link  http://www.niccomp.com
Logo NIC - NIC-Components Corp.

NPIS64D3R3YTRF Datasheet(HTML) 11 Page - NIC-Components Corp.

Back Button NPIS64D3R3YTRF Datasheet HTML 6Page - NIC-Components Corp. NPIS64D3R3YTRF Datasheet HTML 7Page - NIC-Components Corp. NPIS64D3R3YTRF Datasheet HTML 8Page - NIC-Components Corp. NPIS64D3R3YTRF Datasheet HTML 9Page - NIC-Components Corp. NPIS64D3R3YTRF Datasheet HTML 10Page - NIC-Components Corp. NPIS64D3R3YTRF Datasheet HTML 11Page - NIC-Components Corp. NPIS64D3R3YTRF Datasheet HTML 12Page - NIC-Components Corp. NPIS64D3R3YTRF Datasheet HTML 13Page - NIC-Components Corp. NPIS64D3R3YTRF Datasheet HTML 14Page - NIC-Components Corp.  
Zoom Inzoom in Zoom Outzoom out
 11 / 14 page
background image
11
NIC COMPONENTS CORP. www.niccomp.com www.lowESR.com
www.RFpassives.com
www.SMTmagnetics.com
®
Part Number
Standard Values - Case Size 64 (7.0 x 7.0 x 4.0mm)
Inductance Value (
μH)
Test Conditions (L)
DC Resistance (
Ω)
DC Current Isat/Irms (Amps)
NPIS64D1R5YTRF
1.5 ± 30%*
100KHz, 0.3V
0.015
5.2
NPIS64D3R3YTRF
3.3 ± 30%*
100KHz, 0.3V
0.02
3.5
NPIS64D6R8YTRF
6.8 ± 30%*
100KHz, 0.3V
0.029
2.4
NPIS64D100MTRF
10 ± 20%
1KHz, 0.3V
0.038
2
NPIS64D120MTRF
12 ± 20%
1KHz, 0.3V
0.053
1.7
NPIS64D150MTRF
15 ± 20%
1KHz, 0.3V
0.057
1.6
NPIS64D180MTRF
18 ± 20%
1KHz, 0.3V
0.092
1.5
NPIS64D220MTRF
22 ± 20%
1KHz, 0.3V
0.096
1.3
NPIS64D270MTRF
27 ± 20%
1KHz, 0.3V
0.109
1.2
NPIS64D330MTRF
33 ± 20%
1KHz, 0.3V
0.124
1.1
NPIS64D390MTRF
39 ± 20%
1KHz, 0.3V
0.138
1
NPIS64D470MTRF
47 ± 20%
1KHz, 0.3V
0.155
0.95
NPIS64D560MTRF
56 ± 20%
1KHz, 0.3V
0.202
0.85
NPIS64D680MTRF
68 ± 20%
1KHz, 0.3V
0.234
0.75
NPIS64D820MTRF
82 ± 20%
1KHz, 0.3V
0.324
0.7
NPIS64D101MTRF
100 ± 20%
1KHz, 0.3V
0.358
0.65
NPIS64D121MTRF
120 ± 20%
1KHz, 0.3V
0.47
0.59
NPIS64D151MTRF
150 ± 20%
1KHz, 0.3V
0.58
0.54
NPIS64D181MTRF
180 ± 20%
1KHz, 0.3V
0.69
0.49
NPIS64D221MTRF
220 ± 20%
1KHz, 0.3V
0.89
0.43
NPIS64D271MTRF
270 ± 20%
1KHz, 0.3V
1.29
0.4
NPIS64D331MTRF
330 ± 20%
1KHz, 0.3V
1.7
0.37
NPIS64D391MTRF
390 ± 20%
1KHz, 0.3V
1.75
0.34
NPIS64D471MTRF
470 ± 20%
1KHz, 0.3V
2.2
0.32
NPIS64D561MTRF
560 ± 20%
1KHz, 0.3V
2.85
0.29
NPIS64D681MTRF
680 ± 20%
1KHz, 0.3V
3.2
0.25
NPIS64D821MTRF
820 ± 20%
1KHz, 0.3V
4.05
0.22
NPIS64D102MTRF
1000 ± 20%
1KHz, 0.3V
5.7
0.2
NPIS__D Series
NPIS Shielded Power Inductors
Part Number
Standard Values - Case Size 83 (10.1 x 8.3 x 3.0mm)
Inductance Value (μH)
Test Conditions (L)
DC Resistance (Ω)
DC Current Isat/Irms (Amps)
NPIS83D2R5YTRF
2.5 ± 30%*
100KHz, 0.3V
0.016
4.50
NPIS83D3R3YTRF
3.3 ± 30%*
100KHz, 0.3V
0.018
4.00
NPIS83D4R7YTRF
4.7 ± 30%*
100KHz, 0.3V
0.025
3.40
NPIS83D100MTRF
10 ± 20%
1KHz, 0.3V
0.047
2.50
NPIS83D150MTRF
15 ± 20%
1KHz, 0.3V
0.069
1.90
NPIS83D220MTRF
22 ± 20%
1KHz, 0.3V
0.099
1.60
NPIS83D330MTRF
33 ± 20%
1KHz, 0.3V
0.156
1.30
NPIS83D470MTRF
47 ± 20%
1KHz, 0.3V
0.195
1.15
NPIS83D680MTRF
68 ± 20%
1KHz, 0.3V
0.286
0.92
NPIS83D101MTRF
100 ± 20%
1KHz, 0.3V
0.43
0.75
Irms/Isat specification is based on +40°C temperature rise or -35% inductance change whichever is less.
*Also available in ± 20% tolerance (M)
Irms/Isat specification is based on +40°C temperature rise or -35% inductance change whichever is less.
*Also available in ± 20% tolerance (M)


Similar Part No. - NPIS64D3R3YTRF

ManufacturerPart #DatasheetDescription
logo
NIC-Components Corp.
NPIS64D330MTRF NIC-NPIS64D330MTRF Datasheet
139Kb / 14P
   NPIS Shielded Power Inductors
logo
Diodes Incorporated
NPIS64D330MTRF DIODES-NPIS64D330MTRF Datasheet
2Mb / 18P
   AUTOMOTIVE GRADE 30V 1.3A PWM DIMMABLE BUCK LED DRIVER
NPIS64D330MTRF DIODES-NPIS64D330MTRF Datasheet
724Kb / 22P
   AUTOMOTIVE GRADE 30V 1A LED DRIVER
More results

Similar Description - NPIS64D3R3YTRF

ManufacturerPart #DatasheetDescription
logo
NIC-Components Corp.
NPIS-A NIC-NPIS-A Datasheet
91Kb / 4P
   NPIS Shielded Power Inductors
NPIS64D330MTRF NIC-NPIS64D330MTRF Datasheet
139Kb / 14P
   NPIS Shielded Power Inductors
NPIS_D NIC-NPIS_D Datasheet
133Kb / 14P
   NPIS Shielded Power Inductors
NPIS_F NIC-NPIS_F Datasheet
44Kb / 4P
   NPIS Shielded Power Inductors
NPIS_P NIC-NPIS_P Datasheet
73Kb / 4P
   NPIS Shielded Power Inductors
NPIS_R NIC-NPIS_R Datasheet
101Kb / 4P
   NPIS Shielded Power Inductors
NPIS_L NIC-NPIS_L Datasheet
116Kb / 6P
   NPIS Shielded Power Inductors
NPIS_LP NIC-NPIS_LP Datasheet
230Kb / 7P
   NPIS Shielded Power Inductors
NPIS_LA NIC-NPIS_LA Datasheet
359Kb / 7P
   NPIS Shielded Power Inductors
NPIS_LS NIC-NPIS_LS Datasheet
2Mb / 17P
   NPIS Shielded Power Inductors
NPIS-E NIC-NPIS-E Datasheet
122Kb / 15P
   NPIS Shielded Power Inductors
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com