Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NPIS62L470MTRF Datasheet(PDF) 4 Page - NIC-Components Corp.

Part # NPIS62L470MTRF
Description  NPIS Shielded Power Inductors
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NIC [NIC-Components Corp.]
Direct Link  http://www.niccomp.com
Logo NIC - NIC-Components Corp.

NPIS62L470MTRF Datasheet(HTML) 4 Page - NIC-Components Corp.

  NPIS62L470MTRF Datasheet HTML 1Page - NIC-Components Corp. NPIS62L470MTRF Datasheet HTML 2Page - NIC-Components Corp. NPIS62L470MTRF Datasheet HTML 3Page - NIC-Components Corp. NPIS62L470MTRF Datasheet HTML 4Page - NIC-Components Corp. NPIS62L470MTRF Datasheet HTML 5Page - NIC-Components Corp. NPIS62L470MTRF Datasheet HTML 6Page - NIC-Components Corp.  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
4
®
NIC COMPONENTS CORP. www.niccomp.com
www.lowESR.com
www.RFpassives.com
www.SMTmagnetics.com
NPIS Shielded Power Inductors
NPIS_L Series
Part Number
STANDARD VALUES - CASE SIZE (6.0 x 6.0 x 2.0mm)
Inductance Value
(
μH)
DC Resistance
(
Ω) ±30%
DC Current
Isat (Amps)
DC Current
Irms (Amps)
Test Frequency
NPIS60L0R8YTRF
0.8 ± 30%
0.02
5.50
3.80
100KHz
NPIS60L1R5YTRF
1.5 ± 30%
0.026
4.00
3.20
NPIS60L2R2YTRF
2.2 ± 30%
0.034
3.20
2.70
NPIS60L3R3YTRF
3.3 ± 30%
0.040
2.80
2.60
NPIS60L4R7YTRF
4.7 ± 30%
0.058
2.40
2.00
NPIS60L6R8YTRF
6.8 ± 30%
0.085
2.00
1.80
NPIS60L100MTRF
10 ± 20%
0.125
1.70
1.40
Part Number
STANDARD VALUES - CASE SIZE (6.0 x 6.0 x 4.5mm)
Inductance Value
(
μH)
DC Resistance
(
Ω) ±30%
DC Current
Isat (Amps)
DC Current
Irms (Amps)
Test Frequency
NPIS65L1R0YTRF
1.0 ± 30%
0.014
8.50
4.20
100KHz
NPIS65L1R3YTRF
1.3 ± 30%
0.016
8.00
4.00
NPIS65L1R8YTRF
1.8 ± 30%
0.018
7.00
3.70
NPIS65L2R3YTRF
2.3 ± 30%
0.021
6.00
3.50
NPIS65L3R0YTRF
3.0 ± 30%
0.024
5.00
3.20
NPIS65L4R5MTRF
4.5 ± 20%
0.031
4.00
3.00
NPIS65L6R3MTRF
6.3 ± 20%
0.038
3.80
2.80
NPIS65L100MTRF
10 ± 20%
0.047
3.00
2.50
NPIS65L150MTRF
15 ± 20%
0.077
2.30
1.90
NPIS65L220MTRF
22 ± 20%
0.115
1.90
1.50
NPIS65L330MTRF
33 ± 20%
0.145
1.50
1.40
NPIS65L470MTRF
47 ± 20%
0.220
1.30
1.10
NPIS65L680MTRF
68 ± 20%
0.330
1.00
0.90
NPIS65L101MTRF
100 ± 20%
0.500
0.80
0.70
Maximum +40°C temperature rise at Irms. Maximum -30% inductance change at Isat.
Maximum +40°C temperature rise at Irms. Maximum -30% inductance change at Isat.
Part Number
STANDARD VALUES - CASE SIZE (8.0 x 8.0 x 4.0mm)
Inductance Value
(
μH)
DC Resistance
(
Ω) ±30%
DC Current
Isat (Amps)
DC Current
Irms (Amps)
Test Frequency
NPIS80L0R9YTRF
0.9 ± 30%
0.006
11.0
7.80
100KHz
NPIS80L1R4YTRF
1.4 ± 30%
0.007
9.00
7.00
NPIS80L2R0YTRF
2.0 ± 30%
0.009
7.40
6.30
NPIS80L3R6YTRF
3.6 ± 30%
0.015
5.30
4.90
NPIS80L4R7YTRF
4.7 ± 30%
0.018
4.70
4.10
NPIS80L6R8YTRF
6.8 ± 30%
0.025
4.00
3.70
NPIS80L100MTRF
10 ± 20%
0.034
3.40
3.10
NPIS80L150MTRF
15 ± 20%
0.050
2.70
2.40
NPIS80L220MTRF
22 ± 20%
0.066
2.20
2.20
NPIS80L330MTRF
33 ± 20%
0.100
1.90
1.70
NPIS80L470MTRF
47 ± 20%
0.150
1.50
1.40
NPIS80L680MTRF
68 ± 20%
0.230
1.20
1.10
NPIS80L101MTRF
100 ± 20%
0.290
1.00
1.00
Maximum +40°C temperature rise at Irms. Maximum -30% inductance change at Isat.


Similar Part No. - NPIS62L470MTRF

ManufacturerPart #DatasheetDescription
logo
NIC-Components Corp.
NPIS62L NIC-NPIS62L Datasheet
116Kb / 6P
   NPIS Shielded Power Inductors
NPIS62LS NIC-NPIS62LS Datasheet
2Mb / 17P
   NPIS Shielded Power Inductors
NPIS62LS2R2YTRF NIC-NPIS62LS2R2YTRF Datasheet
1Mb / 17P
   NPIS Shielded Power Inductors
NPIS62LS2R7YTRF NIC-NPIS62LS2R7YTRF Datasheet
1Mb / 17P
   NPIS Shielded Power Inductors
NPIS62LS3R3YTRF NIC-NPIS62LS3R3YTRF Datasheet
1Mb / 17P
   NPIS Shielded Power Inductors
More results

Similar Description - NPIS62L470MTRF

ManufacturerPart #DatasheetDescription
logo
NIC-Components Corp.
NPIS-A NIC-NPIS-A Datasheet
91Kb / 4P
   NPIS Shielded Power Inductors
NPIS64D330MTRF NIC-NPIS64D330MTRF Datasheet
139Kb / 14P
   NPIS Shielded Power Inductors
NPIS_D NIC-NPIS_D Datasheet
133Kb / 14P
   NPIS Shielded Power Inductors
NPIS_F NIC-NPIS_F Datasheet
44Kb / 4P
   NPIS Shielded Power Inductors
NPIS_P NIC-NPIS_P Datasheet
73Kb / 4P
   NPIS Shielded Power Inductors
NPIS_R NIC-NPIS_R Datasheet
101Kb / 4P
   NPIS Shielded Power Inductors
NPIS_L NIC-NPIS_L Datasheet
116Kb / 6P
   NPIS Shielded Power Inductors
NPIS_LP NIC-NPIS_LP Datasheet
230Kb / 7P
   NPIS Shielded Power Inductors
NPIS_LA NIC-NPIS_LA Datasheet
359Kb / 7P
   NPIS Shielded Power Inductors
NPIS_LS NIC-NPIS_LS Datasheet
2Mb / 17P
   NPIS Shielded Power Inductors
NPIS-E NIC-NPIS-E Datasheet
122Kb / 15P
   NPIS Shielded Power Inductors
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com