Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NRB-XS680M400V18x25F Datasheet(PDF) 1 Page - NIC-Components Corp.

Part # NRB-XS680M400V18x25F
Description  Miniature Aluminum Electrolytic Capacitors
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NIC [NIC-Components Corp.]
Direct Link  http://www.niccomp.com
Logo NIC - NIC-Components Corp.

NRB-XS680M400V18x25F Datasheet(HTML) 1 Page - NIC-Components Corp.

  NRB-XS680M400V18x25F Datasheet HTML 1Page - NIC-Components Corp. NRB-XS680M400V18x25F Datasheet HTML 2Page - NIC-Components Corp. NRB-XS680M400V18x25F Datasheet HTML 3Page - NIC-Components Corp. NRB-XS680M400V18x25F Datasheet HTML 4Page - NIC-Components Corp.  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
1
NIC COMPONENTS CORP. www.niccomp.com www.lowESR.com
www.RFpassives.com
www.SMTmagnetics.com
SPECIFICATIONS ARE SUBJECT TO CHANGE
Rated Voltage Range
160 ~ 500VDC
Capacitance Range
1.0 ~ 220
μF
Operating Temperature Range
-25°C ~ +105°C
Capacitance Tolerance
±20% (M)
Maximum Leakage Current @ +20°C
CV < 1,000
μF
CV > 1,000
μF
0.1CV +40
μA (1 minute)
0.03CV +15
μA (5 minutes)
0.04CV +100
μA (1 minute)
0.02CV +25
μA (5 minutes)
Max. Tan
δ at 120Hz/20°C
W.V. (Vdc)
160
200
250
350
400
450
500
S.V. (Vdc)
200
250
300
400
450
500
550
Tan
δ
0.15
0.15
0.15
0.20
0.20
0.20
0.24
Low Temperature Stability
Impedance Ratio @ 120Hz
Z-25°C/Z+20°C
3
3
3
6
6
6
6
Load Life at W.V. & 105°C
8x11.5mm, 10x12.5mm: 8,000 Hours
10x16mm, 10x20mm: 10,000 Hours
φD > 12.5mm: 12,000 Hours*
*500W.V.: 10,000 Hours
Δ Capacitance
Within ±20% of initial measured value
Δ Tan δ
Less than 200% of specified value
Δ LC
Less than specified value
Miniature Aluminum Electrolytic Capacitors
NRB-XS Series
CHARACTERISTICS
HIGH TEMPERATURE, EXTENDED LOAD LIFE, RADIAL LEADS, POLARIZED
FEATURES
• HIGH RIPPLE CURRENT AT HIGH TEMPERATURE (+105°C)
• IDEAL FOR HIGH VOLTAGE LIGHTING BALLAST
• LONG LIFE 8,000 ~ 12,000 HOURS (500WV: 10,000 HOURS)
• REDUCED SIZE (FROM NRBX)
PRECAUTIONS
Please review the notes on correct use, safety and precautions found on
pages T10 & T11 of NIC’s Electrolytic Capacitor catalog.
Also found at www.niccomp.com/precautions
If in doubt or uncertainty, please review your specific application - process
details with NIC’s technical support personnel: tpmg@niccomp.com
EXPANDED
VALUE
RANGE
PART NUMBER SYSTEM
NRB-XS 1R0 M 400V 8X11.5 TB F .
RoHS Compliant
TB = Tape & Box*
Case Size (D
φxL)
Working Voltage (Vdc)
Tolerance Code (M=20%)
Capacitance Code: First 2 characters
significant, third character is multiplier
Series
*see taping specifications for details


Similar Part No. - NRB-XS680M400V18x25F

ManufacturerPart #DatasheetDescription
logo
NIC-Components Corp.
NRB-XS680M400V18X25F NIC-NRB-XS680M400V18X25F Datasheet
160Kb / 2P
   Miniature Aluminum Electrolytic Capacitors
More results

Similar Description - NRB-XS680M400V18x25F

ManufacturerPart #DatasheetDescription
logo
RUBYCON CORPORATION
BXC RUBYCON-BXC_1 Datasheet
261Kb / 2P
   MINIATURE ALUMINUM ELECTROLYTIC CAPACITORS
NSKV RUBYCON-NSKV Datasheet
50Kb / 2P
   MINIATURE ALUMINUM ELECTROLYTIC CAPACITORS
AXW RUBYCON-AXW Datasheet
47Kb / 2P
   MINIATURE ALUMINUM ELECTROLYTIC CAPACITORS
ZLJ RUBYCON-ZLJ Datasheet
251Kb / 3P
   MINIATURE ALUMINUM ELECTROLYTIC CAPACITORS
50ML20 RUBYCON-50ML20 Datasheet
344Kb / 2P
   MINIATURE ALUMINUM ELECTROLYTIC CAPACITORS
logo
NIC-Components Corp.
NRSS101M16V5X11F NIC-NRSS101M16V5X11F Datasheet
303Kb / 6P
   Miniature Aluminum Electrolytic Capacitors
logo
United Chemi-Con, Inc.
EKMG350ELL472MMP1S CHEMI-CON-EKMG350ELL472MMP1S Datasheet
60Kb / 3P
   MINIATURE ALUMINUM ELECTROLYTIC CAPACITORS
logo
RUBYCON CORPORATION
50YXF47MEFC63X11 RUBYCON-50YXF47MEFC63X11 Datasheet
73Kb / 7P
   MINIATURE ALUMINUM ELECTROLYTIC CAPACITORS
logo
NIC-Components Corp.
NRELS NIC-NRELS Datasheet
87Kb / 2P
   Miniature Aluminum Electrolytic Capacitors
NRWPC NIC-NRWPC Datasheet
116Kb / 6P
   Miniature Aluminum Electrolytic Capacitors
NLEL NIC-NLEL Datasheet
285Kb / 5P
   Miniature Aluminum Electrolytic Capacitors
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com