Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ZXMP6A17GQ Datasheet(PDF) 4 Page - Diodes Incorporated

Part # ZXMP6A17GQ
Description  60V P-CHANNEL ENHANCEMENT MODE MOSFET
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

ZXMP6A17GQ Datasheet(HTML) 4 Page - Diodes Incorporated

  ZXMP6A17GQ Datasheet HTML 1Page - Diodes Incorporated ZXMP6A17GQ Datasheet HTML 2Page - Diodes Incorporated ZXMP6A17GQ Datasheet HTML 3Page - Diodes Incorporated ZXMP6A17GQ Datasheet HTML 4Page - Diodes Incorporated ZXMP6A17GQ Datasheet HTML 5Page - Diodes Incorporated ZXMP6A17GQ Datasheet HTML 6Page - Diodes Incorporated ZXMP6A17GQ Datasheet HTML 7Page - Diodes Incorporated ZXMP6A17GQ Datasheet HTML 8Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
ZXMP6A17GQ
Document Number DS36686 Rev. 2 - 2
4 of 8
www.diodes.com
December 2013
© Diodes Incorporated
ZXMP6A17GQ
Electrical Characteristics (@TA = +25°C, unless otherwise specified.)
Characteristic
Symbol
Min
Typ
Max
Unit
Test Condition
OFF CHARACTERISTICS
Drain-Source Breakdown Voltage
BVDSS
-60
V
ID = -250µA, VGS = 0V
Zero Gate Voltage Drain Current
IDSS
-0.5
µA
VDS = -60V, VGS = 0V
Gate-Source Leakage
IGSS
100
nA
VGS = 20V, VDS = 0V
ON CHARACTERISTICS
Gate Threshold Voltage
VGS(th)
-1
V
ID = -250μA, VDS = VGS
Static Drain-Source On-Resistance (Note 10)
RDS(ON)
0.096
0.125
VGS = -10V, ID = -2.2A
0.12
0.19
VGS = -4.5V, ID = -1.8A
Forward Transconductance (Notes 10 & 11)
gfs
4.7
S
VDS = -15V, ID = -2.2A
Diode Forward Voltage (Note 10)
VSD
-0.85
-0.95
V
IS = -2A, VGS = 0V, TJ = +25°C
Reverse recovery time (Note 11)
trr
25.1
ns
IS = -1.7A, di/dt = 100A/µs,
TJ = +25°C
Reverse recovery charge (Note 11)
Qrr
27.2
nC
DYNAMIC CHARACTERISTICS (Note 11)
Input Capacitance
Ciss
637
pF
VDS = -30V, VGS = 0V
f = 1MHz
Output Capacitance
Coss
70
pF
Reverse Transfer Capacitance
Crss
53
pF
Total Gate Charge (Note 12)
Qg

9

nC
VGS = -4.5V
VDS = -30V
ID = -2.2A
Total Gate Charge (Note 12)
Qg
17.7
nC
VGS = -10V
Gate-Source Charge (Note 12)
Qgs
1.6
nC
Gate-Drain Charge (Note 12)
Qgd
4.4
nC
Turn-On Delay Time (Note 12)
tD(on)
2.6
ns
VDD = -30V, VGS = -10V
ID = -1A, RG  6Ω
Turn-On Rise Time (Note 12)
tr
3.4
ns
Turn-Off Delay Time (Note 12)
tD(off)
26.2
ns
Turn-Off Fall Time (Note 12)
tf
11.3
ns
Notes:
10. Measured under pulsed conditions. Pulse width
 300µs; duty cycle  2%.
11. For design aid only, not subject to production testing.
12. Switching characteristics are independent of operating junction temperatures.


Similar Part No. - ZXMP6A17GQ

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
ZXMP6A17GQ DIODES-ZXMP6A17GQ_15 Datasheet
223Kb / 8P
   60V P-CHANNEL ENHANCEMENT MODE MOSFET
More results

Similar Description - ZXMP6A17GQ

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
ZXMP6A17N8 DIODES-ZXMP6A17N8_15 Datasheet
672Kb / 8P
   60V P-CHANNEL ENHANCEMENT MODE MOSFET
ZXMP6A17E6 DIODES-ZXMP6A17E6 Datasheet
671Kb / 8P
   60V P-CHANNEL ENHANCEMENT MODE MOSFET
ZXMP6A18K DIODES-ZXMP6A18K Datasheet
589Kb / 8P
   60V P-channel enhancement mode MOSFET
logo
Cystech Electonics Corp...
MTP2311M3 CYSTEKEC-MTP2311M3 Datasheet
297Kb / 9P
   60V P-Channel Enhancement Mode MOSFET
logo
Diodes Incorporated
DMP6180SK3 DIODES-DMP6180SK3 Datasheet
194Kb / 6P
   60V P-CHANNEL ENHANCEMENT MODE MOSFET
logo
Pan Jit International I...
PJL9433A PANJIT-PJL9433A Datasheet
440Kb / 7P
   60V P-Channel Enhancement Mode MOSFET
logo
Diodes Incorporated
DMP6023LE DIODES-DMP6023LE_15 Datasheet
362Kb / 7P
   60V P-CHANNEL ENHANCEMENT MODE MOSFET
DMP6185SE DIODES-DMP6185SE_15 Datasheet
294Kb / 6P
   60V P-CHANNEL ENHANCEMENT MODE MOSFET
DMP6185SK3 DIODES-DMP6185SK3_15 Datasheet
323Kb / 6P
   60V P-CHANNEL ENHANCEMENT MODE MOSFET
DMP6250SE DIODES-DMP6250SE_15 Datasheet
370Kb / 6P
   60V P-CHANNEL ENHANCEMENT MODE MOSFET
ZXMP6A13F DIODES-ZXMP6A13F_15 Datasheet
322Kb / 8P
   60V P-CHANNEL ENHANCEMENT MODE MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com