Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NRB-XW470M400V12.5X30F Datasheet(PDF) 3 Page - NIC-Components Corp.

Part # NRB-XW470M400V12.5X30F
Description  Miniature Aluminum Electrolytic Capacitors
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NIC [NIC-Components Corp.]
Direct Link  http://www.niccomp.com
Logo NIC - NIC-Components Corp.

NRB-XW470M400V12.5X30F Datasheet(HTML) 3 Page - NIC-Components Corp.

  NRB-XW470M400V12.5X30F Datasheet HTML 1Page - NIC-Components Corp. NRB-XW470M400V12.5X30F Datasheet HTML 2Page - NIC-Components Corp. NRB-XW470M400V12.5X30F Datasheet HTML 3Page - NIC-Components Corp. NRB-XW470M400V12.5X30F Datasheet HTML 4Page - NIC-Components Corp. NRB-XW470M400V12.5X30F Datasheet HTML 5Page - NIC-Components Corp.  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
3
NIC COMPONENTS CORP. www.niccomp.com www.lowESR.com
www.RFpassives.com
www.SMTmagnetics.com
SPECIFICATIONS ARE SUBJECT TO CHANGE
Part Number
Cap.
(
μF)
W.V.
(Vdc)
Dissipation Factor
+20°C/120Hz
Ripple Current Rating (Arms)
+105°C/120Hz
Max. ESR (
Ω)
+20°C/120Hz
Load Life Hours
@+105°C
NRB-XW390M200V8X25F
39
200
0.20
0.30
8.51
10000
NRB-XW560M200V8X30F
56
0.20
0.37
5.92
10000
NRB-XW680M200V8X40F
68
0.20
0.45
4.88
10000
NRB-XW680M200V10X25F
68
0.20
0.43
4.88
10000
NRB-XW820M200V8X45F
82
0.20
0.51
4.05
10000
NRB-XW820M200V10X30F
82
0.20
0.50
4.05
10000
NRB-XW101M200V10X40F
100
0.20
0.63
3.32
10000
NRB-XW121M200V10X45F
120
0.20
0.75
2.76
10000
NRB-XW121M200V12.5X25F
120
0.20
0.65
2.76
10000
NRB-XW151M200V10X50F
150
0.20
0.83
2.21
10000
NRB-XW151M200V12.5X30F
150
0.20
0.80
2.21
10000
NRB-XW181M200V12.5X35F
180
0.20
0.92
1.84
10000
NRB-XW181M200V16X25F
180
0.20
0.85
1.84
10000
NRB-XW221M200V12.5X45F
220
0.20
1.09
1.51
10000
NRB-XW221M200V16X30F
220
0.20
1.01
1.51
10000
NRB-XW221M200V18X25F
220
0.20
1.00
1.51
10000
NRB-XW271M200V12.5X50F
270
0.20
1.26
1.23
10000
NRB-XW271M200V16X30F
270
0.20
1.18
1.23
10000
NRB-XW271M200V18X30F
270
0.20
1.16
1.23
10000
NRB-XW331M200V12.5X60F
330
0.20
1.36
1.01
10000
NRB-XW331M200V16X40F
330
0.20
1.31
1.01
10000
NRB-XW331M200V18X30F
330
0.20
1.30
1.01
10000
NRB-XW391M200V16X45F
390
0.20
1.43
0.85
10000
NRB-XW391M200V18X35F
390
0.20
1.43
0.85
10000
NRB-XW471M200V16X50F
470
0.20
1.58
0.71
10000
NRB-XW471M200V18X40F
470
0.20
1.58
0.71
10000
NRB-XW561M200V18X45F
560
0.20
1.77
0.59
10000
NRB-XW101M220V10X40F
100
220
0.20
0.66
3.32
10000
NRB-XW121M220V10X45F
120
0.20
0.75
2.76
10000
NRB-XW121M220V12.5X30F
120
0.20
0.74
2.76
10000
NRB-XW151M220V12.5X35F
150
0.20
0.86
2.21
10000
NRB-XW151M220V16X25F
150
0.20
0.8
2.21
10000
NRB-XW181M220V12.5X40F
180
0.20
0.99
1.84
10000
NRB-XW181M220V16X30F
180
0.20
0.94
1.84
10000
NRB-XW221M220V12.5X50F
220
0.20
1.08
1.51
10000
NRB-XW221M220V16X30F
220
0.20
1.01
1.51
10000
NRB-XW221M220V18X25F
220
0.20
0.94
1.51
10000
NRB-XW271M220V16X35F
270
0.20
1.19
1.23
10000
NRB-XW271M220V18X30F
270
0.20
1.13
1.23
10000
NRB-XW331M220V18X35F
330
0.20
1.3
1.01
10000
NRB-XW391M220V18X40F
390
0.20
1.49
0.85
10000
NRB-XW471M220V18X45F
470
0.20
1.69
0.71
10000
NRB-XW270M250V8X25F
27
250
0.20
0.30
12.29
10000
NRB-XW390M250V8X30F
39
0.20
0.37
8.51
10000
NRB-XW470M250V10X25F
47
0.20
0.37
7.06
10000
NRB-XW560M250V8X40F
56
0.20
0.51
5.92
10000
NRB-XW560M250V10X30F
56
0.20
0.42
5.92
10000
NRB-XW680M250V8X50F
68
0.20
0.59
4.88
10000
NRB-XW680M250V10X35F
68
0.20
0.49
4.88
10000
NRB-XW820M250V10X40F
82
0.20
0.61
4.05
10000
NRB-XW820M250V12.5X25F
82
0.20
0.54
4.05
10000
NRB-XW101M250V10X45F
100
0.20
0.68
3.32
10000
NRB-XW101M250V12.5X30F
100
0.20
0.69
3.32
10000
NRB-XW121M250V12.5X35F
120
0.20
0.79
2.76
10000
NRB-XW121M250V16X25F
120
0.20
0.74
2.76
10000
NRB-XW151M250V12.5X40F
150
0.20
0.92
2.21
10000
NRB-XW151M250V16X30F
150
0.20
0.89
2.21
10000
NRB-XW181M250V12.5X50F
180
0.20
0.97
1.84
10000
NRB-XW181M250V16X30F
180
0.20
0.95
1.84
10000
NRB-XW181M250V18X25F
180
0.20
0.88
1.84
10000
Miniature Aluminum Electrolytic Capacitors
NRB-XW Series
STANDARD VALUES, SPECIFICATIONS AND CASE SIZES (mm)


Similar Part No. - NRB-XW470M400V12.5X30F

ManufacturerPart #DatasheetDescription
logo
NIC-Components Corp.
NRB-XW NIC-NRB-XW Datasheet
160Kb / 2P
   Miniature Aluminum Electrolytic Capacitors
More results

Similar Description - NRB-XW470M400V12.5X30F

ManufacturerPart #DatasheetDescription
logo
RUBYCON CORPORATION
BXC RUBYCON-BXC_1 Datasheet
261Kb / 2P
   MINIATURE ALUMINUM ELECTROLYTIC CAPACITORS
NSKV RUBYCON-NSKV Datasheet
50Kb / 2P
   MINIATURE ALUMINUM ELECTROLYTIC CAPACITORS
AXW RUBYCON-AXW Datasheet
47Kb / 2P
   MINIATURE ALUMINUM ELECTROLYTIC CAPACITORS
ZLJ RUBYCON-ZLJ Datasheet
251Kb / 3P
   MINIATURE ALUMINUM ELECTROLYTIC CAPACITORS
50ML20 RUBYCON-50ML20 Datasheet
344Kb / 2P
   MINIATURE ALUMINUM ELECTROLYTIC CAPACITORS
logo
NIC-Components Corp.
NRSS101M16V5X11F NIC-NRSS101M16V5X11F Datasheet
303Kb / 6P
   Miniature Aluminum Electrolytic Capacitors
logo
United Chemi-Con, Inc.
EKMG350ELL472MMP1S CHEMI-CON-EKMG350ELL472MMP1S Datasheet
60Kb / 3P
   MINIATURE ALUMINUM ELECTROLYTIC CAPACITORS
logo
RUBYCON CORPORATION
50YXF47MEFC63X11 RUBYCON-50YXF47MEFC63X11 Datasheet
73Kb / 7P
   MINIATURE ALUMINUM ELECTROLYTIC CAPACITORS
logo
NIC-Components Corp.
NRELS NIC-NRELS Datasheet
87Kb / 2P
   Miniature Aluminum Electrolytic Capacitors
NRWPC NIC-NRWPC Datasheet
116Kb / 6P
   Miniature Aluminum Electrolytic Capacitors
NLEL NIC-NLEL Datasheet
285Kb / 5P
   Miniature Aluminum Electrolytic Capacitors
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com