Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SUS1R52412C Datasheet(PDF) 3 Page - List of Unclassifed Manufacturers

Part # SUS1R52412C
Description  Ordering information
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

SUS1R52412C Datasheet(HTML) 3 Page - List of Unclassifed Manufacturers

  SUS1R52412C Datasheet HTML 1Page - List of Unclassifed Manufacturers SUS1R52412C Datasheet HTML 2Page - List of Unclassifed Manufacturers SUS1R52412C Datasheet HTML 3Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
*1 SUW1R5xx12/SUW1R5xx15 is available as single output, +24V/+30V.
*2 Rated input 5V, 12V, 24V or 48V DC Io=100%
*3 Ripple and Ripple Noise is measured by using measuring board with capacitor with in 25mm from output pin terminals.
*4 Drift is the change in DC output for an eight hour period after a half-hour warm-up at 25C.
* Parallel operation with other model is not possible.
Dimension : mm
5-
º0.9
type C
type B
Unit : 0.1inch
Recommended Pad and Hole dia.
(TOP VIEW)
25.22
3.2
3.2
2. DIP(type C)
1. SMD(type B)
-Vin
-Vout
TRM
+Vin
-Vin
+Vout
+Vin
+Vout
TRM
-Vout
3.68
±0.25
21.4
1.8
±0.3
20.32
21.4
23.62
±0.6
6.5
Model
Model
Coplanarity within 0.1
Pin terminal part details
Adsorption area
º6min
0.1min
0.1min
¶ Mass 2g less
¶ Plating treatment of terminal : Lead free plating
¶ Pin terminal material : Copper alloy
¶ Tolerance
±0.5
¶ Pin terminal thickness : 0.3
±0.1
¶ Dimensions in mm
SU.SUC
G-5
SUS1R5
External view
ISOLATION
SAFETY
INPUT-OUTPUT
AC500V 1minute, Cutoff current = 10mA, DC500V 50M
W min (20t15C)
ENVIRONMENT
OPERATING TEMP.,HUMID.AND ALTITUDE
STORAGE TEMP.,HUMID.AND ALTITUDE
VIBRATION
10 - 55Hz, 98.0m/s2 (10G), 3minutes period, 60minutes each along X, Y and Z axis
IMPACT
490.3m/s2 (50G), 11ms, once each along X, Y and Z axis
OTHERS
CASE SIZE/WEIGHT
21.4
AGENCY APPROVALS
UL60950-1, C-UL, EN60950-1
X6.5X12.2mm (WXHXD) / 2g max
COOLING METHOD
-40 to +85
C, 20 - 95%RH (Non condensing)(Required Derating), 3,000m (10,000feet) max
-40 to +100
C, 20 - 95%RH (Non condensing), 9,000m (30,000feet) max
GENERAL SPECIFICATIONS
Convection/Forced air


Similar Part No. - SUS1R52412C

ManufacturerPart #DatasheetDescription
logo
COSEL CO., LTD.
SUS1R52412 COSEL-SUS1R52412 Datasheet
240Kb / 11P
   DC-DC Converters PCB Mount Type
June 26, 2020
logo
List of Unclassifed Man...
SUS1R52412B ETC2-SUS1R52412B Datasheet
656Kb / 8P
   DC-DC Converters PCB Mount type
More results

Similar Description - SUS1R52412C

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
P300E-5 ETC2-P300E-5 Datasheet
1,008Kb / 18P
   Ordering information
logo
Roithner LaserTechnik G...
IC-WK1D ROITHNER-IC-WK1D Datasheet
292Kb / 5P
   ordering information
logo
Kemet Corporation
T140C226K060AS KEMET-T140C226K060AS Datasheet
568Kb / 38P
   ORDERING INFORMATION (OBSOLETE*)
T110A105J020AS KEMET-T110A105J020AS Datasheet
481Kb / 39P
   ORDERING INFORMATION (OBSOLETE*)
logo
Glenair, Inc.
800-006-06C5-3P GLENAIR-800-006-06C5-3P Datasheet
188Kb / 2P
   Plug Connector Ordering Information
logo
Vishay Siliconix
VJ0603A470JXACW1BC VISHAY-VJ0603A470JXACW1BC Datasheet
46Kb / 2P
   Part Numbering/Ordering Information
Revision: 25-Sep-12
logo
List of Unclassifed Man...
C1D0112S-A ETC2-C1D0112S-A Datasheet
122Kb / 2P
   SPECIFICATIONS AND ORDERING INFORMATION
logo
Glenair, Inc.
800-010-01C5-3PN GLENAIR-800-010-01C5-3PN Datasheet
243Kb / 4P
   Crimp Receptacle Ordering Information
logo
List of Unclassifed Man...
D2C-22 ETC2-D2C-22 Datasheet
84Kb / 2P
   SPECIFICATIONS AND ORDERING INFORMATION
logo
Xilinx, Inc
XC3S2000-5FGG456C XILINX-XC3S2000-5FGG456C Datasheet
5Mb / 272P
   Introduction and Ordering Information
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com