Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NZQFN28 Datasheet(PDF) 10 Page - Roithner LaserTechnik GmbH

Part # NZQFN28
Description  FAIL-SAFE LASER DIODE DRIVER
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROITHNER [Roithner LaserTechnik GmbH]
Direct Link  http://www.roithner-laser.com
Logo ROITHNER - Roithner LaserTechnik GmbH

NZQFN28 Datasheet(HTML) 10 Page - Roithner LaserTechnik GmbH

Back Button NZQFN28 Datasheet HTML 6Page - Roithner LaserTechnik GmbH NZQFN28 Datasheet HTML 7Page - Roithner LaserTechnik GmbH NZQFN28 Datasheet HTML 8Page - Roithner LaserTechnik GmbH NZQFN28 Datasheet HTML 9Page - Roithner LaserTechnik GmbH NZQFN28 Datasheet HTML 10Page - Roithner LaserTechnik GmbH NZQFN28 Datasheet HTML 11Page - Roithner LaserTechnik GmbH NZQFN28 Datasheet HTML 12Page - Roithner LaserTechnik GmbH NZQFN28 Datasheet HTML 13Page - Roithner LaserTechnik GmbH NZQFN28 Datasheet HTML 14Page - Roithner LaserTechnik GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 20 page
background image
iC-NZ
FAIL-SAFE LASER DIODE DRIVER
Rev B2, Page 10/20
1. Enabling the system
Before iC-NZ is put into operation for the first time the
external circuitry should be checked for the following
(see block diagram):
• Resistor RSMD should be of low impedance. It may
not, however, be lower than 250 Ω, otherwise the in-
ternal iC check will generate an error message.
• The resistors at pins RMDL, RMDM and RMDH
should be of high impedance (low output).
• Inputs LENL, LENM and LENH should be switched
to low (the driver stages switched off).
So that iC-NZ can be switched on pin EN must be
set to high and pin ENCAL to low. A current in the
milliampere range (Electrical Characteristics No. 501)
now flows into pin NERR. This indicates that the de-
vice is now in its start-up phase. The voltage at pin
RSI is set to 0.5 V and capacitor CLDA charged at pin
LDA. Once voltage V(LDA) has reached its final value
the control unit and safety monitor diode are checked,
if the latter is in use (see also Operation without a
second monitor diode). Following this check the cur-
rent into pin NERR is lowered (Electrical Characteris-
tics No. 502). The residual current still remaining (ca.
500 µA) indicates that the control unit is not yet in oper-
ation (N-type: V(MDL) < 0.5 V, P-type: VDD – V(MDL)
<
0.5 V). The entire process is described in Figure 6.
V(EN)
V(SMD)
VCHK
V(MDL)
VREF
V(LDA)
V(NERR)
Figure 6: Signal pattern when the system is enabled
Demo board
Before the demo board is put into operation trimmers
PSMDL, PML, PMM and PMH should be set to the left
and trimmer PSMDH to its centre setting.
Possible sources of error
• V(NERR) remains at low:
– Check the current in NERR. Is the impedance
of the pull-up resistor too high?
• Too high a current is flowing through pin NERR:
An error has occurred during the device self-test.
Check the following:
– Is ENCAL lo?
– Is RSMD of too low an impedance? RSMD
may not be lower than 250 Ω.
– Is pin SMD open or has it directly short-
circuited with VCC?
– Is there a direct connection between pin LDK
and ground?
– Is there a low-impedance connection between
pin LDA and ground?
– Have all CIx capacitors (x: L, M, H) been prop-
erly soldered and placed close to the iC?
– Is VCC properly back upped?
2. Calibrating the low and middle channels
So that the optical power can be regulated pin REGEN
must be set to high. The level at pin ENCAL is of no
consequence when setting the low and middle chan-
nels.
Setting the low output level
Pin LENL is first switched from low to high. The in-
tegration capacitor at CIL is then charged. Until the
control unit has settled a small amount of current flows
in pin NERR. Following this the voltage at pin MDL is
0.5 V for an N-type diode and VDD – 0.5 V for a P-type
diode. The required optical power can now be set at
resistor RML.
Demo board
By way of example, three output levels of 1 mW, 3 mW
and 5 mW are to be set. With an optical power of 1 mW
laser diode HL6339G has a typical monitor current (IM)
of 15 µA. The following value is then obtained for the
resistor at pin MDL (RMLn = PML + RML):
RMLn =
V (MDL)
IM
=
0.5 V
15 µA
= 33.34 k Ω
Setting the middle channel
Pin LENL must remain at high and LENM be switched
from low to high. Following the settling of the control
unit at CIM (N-type: V(MDL) < 0.5 V; P-type: VDD –
V(MDL) < 0.5 V) the required optical power can be set
at resistor RMM.


Similar Part No. - NZQFN28

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NZQA5V6AXV5 ONSEMI-NZQA5V6AXV5 Datasheet
31Kb / 4P
   Low Capacitance Quad Array for ESD Protection
September, 2003 ??Rev. P0
logo
Shanghai Semitech Semic...
NZQA5V6AXV5 SEMITECH-NZQA5V6AXV5 Datasheet
112Kb / 3P
   Low Capacitance
logo
ON Semiconductor
NZQA5V6AXV5T1 ONSEMI-NZQA5V6AXV5T1 Datasheet
31Kb / 4P
   Low Capacitance Quad Array for ESD Protection
September, 2003 ??Rev. P0
NZQA5V6AXV5T1 ONSEMI-NZQA5V6AXV5T1 Datasheet
159Kb / 5P
   Transient Voltage Suppressors ESD Protection Diode with Low Clamping Voltage
September, 2009 ??Rev. 7
NZQA5V6AXV5T1 ONSEMI-NZQA5V6AXV5T1 Datasheet
164Kb / 5P
   Transient Voltage Suppressors ESD Protection Diode with Low Clamping Voltage
September, 2009 ??Rev. 7
More results

Similar Description - NZQFN28

ManufacturerPart #DatasheetDescription
logo
IC-Haus GmbH
IC-NZ ICHAUS-IC-NZ Datasheet
518Kb / 20P
   FAIL-SAFE LASER DIODE DRIVER
IC-MFN ICHAUS-IC-MFN Datasheet
204Kb / 13P
   8-FOLD FAIL-SAFE N-FET DRIVER
logo
STMicroelectronics
SPC560P44L3 STMICROELECTRONICS-SPC560P44L3 Datasheet
988Kb / 112P
   Fail safe protection
September 2013 Rev 9
logo
IC-Haus GmbH
IC-MFP ICHAUS-IC-MFP Datasheet
214Kb / 13P
   8-FOLD FAIL-SAFE P-FET DRIVER
logo
ATMEL Corporation
ATA6809 ATMEL-ATA6809 Datasheet
317Kb / 16P
   Fail-safe IC with Relay Driver and Lamp Driver
U6809B ATMEL-U6809B Datasheet
257Kb / 16P
   FAIL-SAFE IC WITH RELAY DRIVER AND LAMP DRIVER
U6808B ATMEL-U6808B_05 Datasheet
266Kb / 14P
   Specia Fail-safe IC
logo
Maxim Integrated Produc...
MAX20446EVKIT MAXIM-MAX20446EVKIT Datasheet
112Kb / 2P
   Demonstrates Fail-Safe Operation
logo
ATMEL Corporation
U6808B ATMEL-U6808B Datasheet
173Kb / 12P
   Special Fail-safe IC
logo
AVAGO TECHNOLOGIES LIMI...
ALM-11136 AVAGO-ALM-11136_15 Datasheet
414Kb / 12P
   Fail-Safe Bypass Feature
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com