Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UG1113F Datasheet(PDF) 4 Page - STANLEY ELECTRIC CO.,LTD.

Part # UG1113F
Description  Right Angle Type (2.1 x 1.0 mm) Type, Milky White resin
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STANLEY [STANLEY ELECTRIC CO.,LTD.]
Direct Link  http://www.stanley.co.jp/e/
Logo STANLEY - STANLEY ELECTRIC CO.,LTD.

UG1113F Datasheet(HTML) 4 Page - STANLEY ELECTRIC CO.,LTD.

  UG1113F Datasheet HTML 1Page - STANLEY ELECTRIC CO.,LTD. UG1113F Datasheet HTML 2Page - STANLEY ELECTRIC CO.,LTD. UG1113F Datasheet HTML 3Page - STANLEY ELECTRIC CO.,LTD. UG1113F Datasheet HTML 4Page - STANLEY ELECTRIC CO.,LTD. UG1113F Datasheet HTML 5Page - STANLEY ELECTRIC CO.,LTD. UG1113F Datasheet HTML 6Page - STANLEY ELECTRIC CO.,LTD. UG1113F Datasheet HTML 7Page - STANLEY ELECTRIC CO.,LTD. UG1113F Datasheet HTML 8Page - STANLEY ELECTRIC CO.,LTD. UG1113F Datasheet HTML 9Page - STANLEY ELECTRIC CO.,LTD. Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 20 page
background image
Electro-Optical Characteristics(UB,UC,UG)
Page 4
2004.9.29
Single Color Ultra High Brightness Type
U□1113F Series
Conditions
UB
UC
UG
TYP .
3.4
3.4
3.4
MAX .
3.9
3.9
3.9
Re ve rse Curre nt
VR=5V
IR
MAX .
100
100
100
μA
Pe a k Wa ve le ng th
IF =10mA
λp
TYP .
465
502
522
nm
Domina nt
Wa ve le ng th
IF =10mA
λd
TYP .
470
508
530
nm
Spe ctra l L ine Ha lf
Width
IF =10mA
⊿λ
TYP .
26
30
35
nm
145(θx ) 145(θx ) 145(θx)
150(θy) 150(θy) 150(θy)
de g .
Ha lf Inte nsity
Ang le
IF =10mA
2θ1/2
TYP .
Ite m
S ymbol
Unit
Forw a rd Voltag e
IF =10mA
VF
V
Characte ristics
(Ta=25℃)
Conditions
UY
UR
TYP.
2.2
2.2
MAX.
2.8
2.8
Reverse Current
VR=5V
IR
MAX.
100
100
μA
Peak Wavelength
IF=20mA
λp
TYP.
592
641
nm
Dominant
Wavelength
IF=20mA
λd
TYP.
590
630
nm
Spectral Line Half
Width
IF=20mA
⊿λ
TYP.
18
18
nm
146(θx) 146(θx)
154(θy) 154(θy)
Item
Symbol
Unit
Forward Voltage
IF=20mA
VF
V
Characteristics
deg.
Half Intensity Angle
IF=20mA
2θ1/2
TYP.
Electro-Optical Characteristics(UY,UR)
(Ta=25℃)


Similar Part No. - UG1113F

ManufacturerPart #DatasheetDescription
logo
STANLEY ELECTRIC CO.,LT...
UG1113F STANLEY-UG1113F Datasheet
317Kb / 20P
   Single Color Ultra High Brightness Type
UG1113F STANLEY-UG1113F Datasheet
1Mb / 18P
   Single Color Ultra High Brightness Type
More results

Similar Description - UG1113F

ManufacturerPart #DatasheetDescription
logo
STANLEY ELECTRIC CO.,LT...
PG1113F STANLEY-PG1113F Datasheet
286Kb / 15P
   Single Color Right Angle Type (2.1 X 1.0 mm)
BRBG1201W STANLEY-BRBG1201W Datasheet
296Kb / 14P
   Bi-color Type (3.0 X 2.5 mm), Milky White resin
BRPY1204W STANLEY-BRPY1204W Datasheet
311Kb / 14P
   Bi-Color Type(3.0 x 2.0mm), Milky White resin
BRBG1204W STANLEY-BRBG1204W Datasheet
311Kb / 14P
   Bi-Color Type(3.0 x 2.0mm), Milky White resin
FY1111C-TR STANLEY-FY1111C-TR Datasheet
374Kb / 20P
   1608 (h=0.7mm) Type, Milky White resin
PG1112H-TR STANLEY-PG1112H-TR Datasheet
431Kb / 21P
   2125(h =0.8mm) Type, Milky White resin
PY1112H-TR STANLEY-PY1112H-TR Datasheet
431Kb / 21P
   2125(h 0.8mm) Type, Milky White resin
logo
Seoul Semiconductor
HB601R SEOUL-HB601R Datasheet
401Kb / 12P
   2.1*1.0*0.6 mm Side Type Wavelength: 470nm
logo
Kingbright Corporation
APA3010P3BT-P22 KINGBRIGHT-APA3010P3BT-P22 Datasheet
566Kb / 4P
   3.0 mm x 1.0 mm Right Angle Phototransistor
logo
HK TO-GRACE TECHNOLOGY ...
KPA-2107CGCK TO-GRACE-KPA-2107CGCK Datasheet
849Kb / 4P
   2.1 x 0.6 mm Right Angle Surface LED Lamp
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com