Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ZX3CD3S1M832 Datasheet(PDF) 4 Page - Diodes Incorporated

Part # ZX3CD3S1M832
Description  40V PNP LOW SATURATION TRANSISTOR AND 40V, 1A SCHOTTKY DIODE COMBINATION DUAL
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

ZX3CD3S1M832 Datasheet(HTML) 4 Page - Diodes Incorporated

  ZX3CD3S1M832 Datasheet HTML 1Page - Diodes Incorporated ZX3CD3S1M832 Datasheet HTML 2Page - Diodes Incorporated ZX3CD3S1M832 Datasheet HTML 3Page - Diodes Incorporated ZX3CD3S1M832 Datasheet HTML 4Page - Diodes Incorporated ZX3CD3S1M832 Datasheet HTML 5Page - Diodes Incorporated ZX3CD3S1M832 Datasheet HTML 6Page - Diodes Incorporated ZX3CD3S1M832 Datasheet HTML 7Page - Diodes Incorporated ZX3CD3S1M832 Datasheet HTML 8Page - Diodes Incorporated ZX3CD3S1M832 Datasheet HTML 9Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
ZX3CD3S1M832
ISSUE 3 - OCTOBER 2007
4
PARAMETER
SYMBOL
VALUE
UNIT
Schottky Diode
Continuous Reverse Voltage
VR
40
V
Forward Voltage @ IF=1000mA(typ)
VF
425
mV
Forward Current
IF
1850
mA
Average Peak Forward Current D=50%
IFAV
3A
Non Repetitive Forward Current t
≤ 100 s
t
≤ 10ms
IFSM
12
7
A
A
Power Dissipation at TA=25°C (a)(f)
Linear Derating Factor
PD
1.2
12
W
mW/°C
Power Dissipation at TA=25°C (b)(f)
Linear Derating Factor
PD
2
20
W
mW/°C
Power Dissipation at TA=25°C (c)(f)
Linear Derating Factor
PD
0.8
8
W
mW/°C
Power Dissipation at TA=25°C (d)(f)
Linear Derating Factor
PD
0.9
9
W
mW/°C
Power Dissipation at TA=25°C (d)(g)
Linear Derating Factor
PD
1.36
13.6
W
mW/°C
Power Dissipation at TA=25°C (e)(g)
Linear Derating Factor
PD
2.4
24
W
mW/°C
Storage Temperature Range
Tstg
-55 to +150
°C
Junction Temperature
Tj
125
°C
ABSOLUTE MAXIMUM RATINGS.
PARAMETER
SYMBOL
VALUE
UNIT
Junction to Ambient (a)(f)
RθJA
83
°C/W
Junction to Ambient (b)(f)
RθJA
51
°C/W
Junction to Ambient (c)(f)
RθJA
125
°C/W
Junction to Ambient (d)(f)
RθJA
111
°C/W
Junction to Ambient (d)(g)
RθJA
73.5
°C/W
Junction to Ambient (e)(g)
RθJA
41.7
°C/W
THERMAL RESISTANCE
Notes
(a) For a dual device surface mounted on 8 sq cm single sided 2oz copper on FR4 PCB, in still air conditions with all exposed pads attached. The
copper area is split down the centre line into two separate areas with one half connected to each half of the dual device.
(b) Measured at t<5 secs for a dual device surface mounted on 8 sq cm single sided 2oz copper on FR4 PCB, in still air conditions with all exposed
pads attached. The copper area is split down the centre line into two separate areas with one half connected to each half of the dual device.
(c) For a dual device surface mounted on 8 sq cm single sided 2oz copper on FR4 PCB, in still air conditions with minimal lead connections only.
(d) For a dual device surface mounted on 10 sq cm single sided 1oz copper on FR4 PCB, in still air conditions with all exposed pads attached
attached. The copper area is split down the centre line into two separate areas with one half connected to each half of the dual device.
(e) For a dual device surface mounted on 85 sq cm single sided 2oz copper on FR4 PCB, in still air conditions with all exposed pads attached
attached. The copper area is split down the centre line into two separate areas with one half connected to each half of the dual device.
(f) For a dual device with one active die.
(g) For dual device with 2 active die running at equal power.
(h) Repetitive rating - pulse width limited by max junction temperature. Refer to Transient Thermal Impedance graph.
(i) The minimum copper dimensions required for mounting are no smaller than the exposed metal pads on the base of the device as shown in the
package dimensions data. The thermal resistance for a dual device mounted on 1.5mm thick FR4 board using minimum copper 1 oz weight, 1mm
wide tracks and one half of the device active is Rth = 250°C/W giving a power rating of Ptot = 400mW.
OBSOLETE - PLEASE USE ZXTPS720MC


Similar Part No. - ZX3CD3S1M832

ManufacturerPart #DatasheetDescription
logo
Zetex Semiconductors
ZX3CD3S1M832 ZETEX-ZX3CD3S1M832 Datasheet
346Kb / 9P
   MPPS??Miniature Package Power Solutions 40V PNP LOW SATURATION TRANSISTOR AND 40V, 1A SCHOTTKY DIODE COMBINATION DUAL
ZX3CD3S1M832TA ZETEX-ZX3CD3S1M832TA Datasheet
346Kb / 9P
   MPPS??Miniature Package Power Solutions 40V PNP LOW SATURATION TRANSISTOR AND 40V, 1A SCHOTTKY DIODE COMBINATION DUAL
ZX3CD3S1M832TC ZETEX-ZX3CD3S1M832TC Datasheet
346Kb / 9P
   MPPS??Miniature Package Power Solutions 40V PNP LOW SATURATION TRANSISTOR AND 40V, 1A SCHOTTKY DIODE COMBINATION DUAL
More results

Similar Description - ZX3CD3S1M832

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
ZX3CD2S1M832 DIODES-ZX3CD2S1M832 Datasheet
482Kb / 9P
   20V PNP LOW SATURATION TRANSISTOR AND 40V, 1A SCHOTTKY DIODE COMBINATION DUAL
ZX3CD1S1M832 DIODES-ZX3CD1S1M832 Datasheet
484Kb / 9P
   12V PNP LOW SATURATION TRANSISTOR AND 40V, 1A SCHOTTKY DIODE COMBINATION DUAL
logo
Zetex Semiconductors
ZX3CD1S1M832 ZETEX-ZX3CD1S1M832 Datasheet
350Kb / 9P
   12V PNP LOW SATURATION TRANSISTOR AND 40V, 1A SCHOTTKY DIODE COMBINATION DUAL
ZX3CD3S1M832 ZETEX-ZX3CD3S1M832 Datasheet
346Kb / 9P
   MPPS??Miniature Package Power Solutions 40V PNP LOW SATURATION TRANSISTOR AND 40V, 1A SCHOTTKY DIODE COMBINATION DUAL
logo
Diodes Incorporated
ZXTNS618MC DIODES-ZXTNS618MC Datasheet
270Kb / 10P
   20V NPN LOW SATURATION TRANSISTOR AND 40V, 1A SCHOTTKY DIODE COMBINATION DUAL
logo
Zetex Semiconductors
ZX3CD2S1M832 ZETEX-ZX3CD2S1M832 Datasheet
344Kb / 9P
   MPPS Miniature Package Power Solutions 20V PNP LOW SATURATION TRANSISTOR AND 40V, 1A SCHOTTKY DIODE COMBINATION DUAL
logo
Diodes Incorporated
ZXTC6719MC DIODES-ZXTC6719MC_15 Datasheet
225Kb / 9P
   DUAL 50V NPN & 40V PNP LOW SATURATION TRANSISTOR COMBINATION
ZXTDC3M832 DIODES-ZXTDC3M832 Datasheet
474Kb / 8P
   DUAL 50V NPN & 40V PNP LOW SATURATION TRANSISTOR COMBINATION
ZXTC6719MC DIODES-ZXTC6719MC Datasheet
226Kb / 9P
   DUAL 50V NPN & 40V PNP LOW SATURATION TRANSISTOR COMBINATION
ZXTD3M832 DIODES-ZXTD3M832 Datasheet
352Kb / 6P
   DUAL 40V PNP LOW SATURATION TRANSISTOR
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com