Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

109918 Datasheet(PDF) 1 Page - ERNI Electronics

Part # 109918
Description  iBridge male 2mm pitch Single Row R/A SMT
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ERNI [ERNI Electronics]
Direct Link  http://www.erni.com
Logo ERNI - ERNI Electronics

109918 Datasheet(HTML) 1 Page - ERNI Electronics

  109918 Datasheet HTML 1Page - ERNI Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Abspulrichtung -
Reel off Direction
330
Verpackt in Gurtverpackung
Tape on Reel Packaging
Verpackungseinheit: 700 Stück
Packaging unit: 700 pcs
16
Mass E
Mass D
Mass C
Mass B
109915 109921
312,54
6
11,4
24
Mass A
Polzahl
tube
part-no.
Ident.-Nr.
tape &reel
part-no.
Ident-Nr.
24
9,4
24
109914 109920
210,5
109919 109925
8
22,514
16
21,444
109918 109924
6
18,510
1217,4
32
109917 109923
5
16,5
8
10
15,4
32
109916 109922
414,56
813,4
32
827
633
537
442
349
258
Polzahl
No. of positions
Stück / pieces
IBRIDGE
Single Row R/A SMT
iBridge male 2mm pitch
109913
Date
Index
5:1
Class
A3
prior notice.
contact one of the ERNI companies
Information:
Tolerances
Scale
www.ERNI.com
before using.
in mm
I
All Dimensions
Drawing will not be updated.
Subject to modification without
Designation
All rights reserved.
Only for Information.
To ensure that this is the latest
version of this drawing, please
Verpackung Stange /
packaging tube
2,5µm tin plating over 1,25µm Ni all over
:
Kupferlegierung 2,5µm verzinnt, 1,25µm Ni rundum
2,5µm tin plating over 1,25µm Ni all over
Copper alloy
Kontakt /
contact
Material und Oberfläche:
Material and plating:
Gehäuse /
housing: LCP, UL94V-0, natural
Halteclip /
bracket:
Kupferlegierung 2,5µm verzinnt, 1,25µm Ni rundum
Copper alloy
Masse und Toleranzen in Übereinstimmung mit ANSI Y15.5M-1994 /
Interpret dimensions according to ANSI Y15.5M-1994
0,05
vorgeschlagene Toleranz für PCB Layout
0,05
recommended PCB layout tolerance
Layout:
B
D
0,85
2,7
C
1
2
2,4
SCHNITT A-A
4
1,2
contact
Kontakt /
housing
Gehäuse /
Halteclip /
bracket
Pin 1
B
C
A
2
A
A
0,1
7,75


Similar Part No. - 109918

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
10991 ETC-10991 Datasheet
110Kb / 2P
   30.0 MM DIA OPTIC 4 LEG HOLDER
11-Feb-09
logo
ERNI Electronics
109910 ERNI-109910 Datasheet
43Kb / 1P
   iBridge male 2mm pitch Single Row Vertical SMT
109911 ERNI-109911 Datasheet
43Kb / 1P
   iBridge male 2mm pitch Single Row Vertical SMT
109912 ERNI-109912 Datasheet
43Kb / 1P
   iBridge male 2mm pitch Single Row Vertical SMT
More results

Similar Description - 109918

ManufacturerPart #DatasheetDescription
logo
ERNI Electronics
100103210097 ERNI-100103210097 Datasheet
50Kb / 1P
   iBridge male pitch Single Row R/A SMT
109900 ERNI-109900 Datasheet
43Kb / 1P
   iBridge male 2mm pitch Single Row Vertical SMT
109933 ERNI-109933 Datasheet
30Kb / 1P
   iBridge male 2mm pitch
109940 ERNI-109940 Datasheet
32Kb / 1P
   iBridge male 2mm pitch
100303210055 ERNI-100303210055 Datasheet
51Kb / 1P
   IBridge male 2mm pitch
logo
Molex Electronics Ltd.
087760-0816 MOLEX11-087760-0816 Datasheet
178Kb / 3P
   MGRID, 2MM DUAL ROW HDR. R/A
logo
Amphenol SV Microwave
3211-40093-40094 SVMICROWAVE-3211-40093-40094 Datasheet
570Kb / 2P
   SMPM MALE PCB SMT W/ R/A CONTACT
REV.A 06/20
3211-40106-40107 SVMICROWAVE-3211-40106-40107 Datasheet
554Kb / 1P
   SMPM MALE PCB SMT W/R/A CONTACT
REV.A 06/20
logo
Amphenol Corporation
3211-40093-40094 AMPHENOL-3211-40093-40094 Datasheet
146Kb / 2P
   SMPM MALE PCB SMT W R/A CONTACT
3211-40106-40107 AMPHENOL-3211-40106-40107 Datasheet
131Kb / 1P
   SMPM MALE PCB SMT W/ R/A CONTACT
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com