Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BPH1-08-00 Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # BPH1-08-00
Description  BIAS 1 Watt Power Supply BPH 1 Series
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

BPH1-08-00 Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  BPH1-08-00 Datasheet HTML 1Page - List of Unclassifed Manufacturers BPH1-08-00 Datasheet HTML 2Page - List of Unclassifed Manufacturers BPH1-08-00 Datasheet HTML 3Page - List of Unclassifed Manufacturers BPH1-08-00 Datasheet HTML 4Page - List of Unclassifed Manufacturers BPH1-08-00 Datasheet HTML 5Page - List of Unclassifed Manufacturers BPH1-08-00 Datasheet HTML 6Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
BPH 1 Series Data Sheet, Page
2 of 5
BIAS Power
Issued 12/21/2011
www.biaspower.com
Specifications subject to change
BIAS 1 Watt Power Supply
BPH 1 Series Data Sheet
Single (Vo) or Dual (Vo & Vr) output
BPH 1-08-00, -08-33, -08-50
BPH 1-14-00, -14-33, -14-50
No Load Pow e r V S Input V oltage
10
30
50
70
90
110
130
150
85
110
135
160
185
210
235
260
Input V oltage (V ac)
6
7
8
9
10
11
12
13
14
15
0
8.3
16.6
24.9
33.2
41.5
49.8
Time, mSec
Output Regulation, Vo
100% Load
50% Load
25% Load
EMI, Radiated Signal Strength, typical, dBμV/m
EMI, Conducted, dBμV
0
1
2
3
4
5
6
7
8
9
10
0
100
200
300
400
500
Io, mA
V-I, typical
Constant Power Region
P eak R epetitive P ulse Lo ading
0
250
500
750
1000
1250
1500
1750
2000
0.000
2.083
4.165
6.248
8.330
Tim e (m S)
8V M ax
Ipk
14V
m ax Ipk


Similar Part No. - BPH1-08-00

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
BPH05-08-00 ETC2-BPH05-08-00 Datasheet
816Kb / 3P
   BIAS 1/2 Watt Power Supply BPH 0.5 Series
BPH05-08-33 ETC2-BPH05-08-33 Datasheet
816Kb / 3P
   BIAS 1/2 Watt Power Supply BPH 0.5 Series
BPH05-08-50 ETC2-BPH05-08-50 Datasheet
816Kb / 3P
   BIAS 1/2 Watt Power Supply BPH 0.5 Series
BPH05-14-00 ETC2-BPH05-14-00 Datasheet
816Kb / 3P
   BIAS 1/2 Watt Power Supply BPH 0.5 Series
BPH05-14-33 ETC2-BPH05-14-33 Datasheet
816Kb / 3P
   BIAS 1/2 Watt Power Supply BPH 0.5 Series
More results

Similar Description - BPH1-08-00

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
BPH05-08-00 ETC2-BPH05-08-00 Datasheet
816Kb / 3P
   BIAS 1/2 Watt Power Supply BPH 0.5 Series
BPS1-08-00 ETC2-BPS1-08-00 Datasheet
267Kb / 6P
   BIAS 1 Watt Power Supply BPS 1 Series
BPW1-08-00 ETC2-BPW1-08-00 Datasheet
268Kb / 6P
   BIAS 1 Watt Power Supply BPW 1 Series
BPWX1-08-00 ETC2-BPWX1-08-00 Datasheet
835Kb / 3P
   BIAS 1 Watt Power Supply BPWX 1 Series
BPSX1-08-00 ETC2-BPSX1-08-00 Datasheet
833Kb / 2P
   BIAS 1 Watt Power Supply BPSX 1 Series Data
BPSX05-08-00 ETC2-BPSX05-08-00 Datasheet
827Kb / 3P
   BIAS 1/2 Watt Power Supply BPSX 0.5 Series
BPW05-08-00 ETC2-BPW05-08-00 Datasheet
268Kb / 6P
   BIAS 1/2 Watt Power Supply BPW 0.5 Series
BPWX05-08-00 ETC2-BPWX05-08-00 Datasheet
828Kb / 3P
   BIAS 1/2 Watt Power Supply BPWX 0.5 Series
logo
RF Micro Devices
SPA2118Z RFMD-SPA2118Z Datasheet
534Kb / 7P
   850MHz 1 WATT POWER AMPLIFIER WITH ACTIVE BIAS
logo
List of Unclassifed Man...
BPS2-08-00 ETC2-BPS2-08-00 Datasheet
293Kb / 6P
   BIAS 2 Watt Power Supply BPS 2 Series
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com