Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BPH05-08-33 Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # BPH05-08-33
Description  BIAS 1/2 Watt Power Supply BPH 0.5 Series
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

BPH05-08-33 Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  BPH05-08-33 Datasheet HTML 1Page - List of Unclassifed Manufacturers BPH05-08-33 Datasheet HTML 2Page - List of Unclassifed Manufacturers BPH05-08-33 Datasheet HTML 3Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
BPH 0.5 Series Data Sheet, Page
1 of 2
Revised 2/12/2014
www.biaspower.com
Specifications subject to change
BIAS 1/2 Watt Power Supply
BPH 0.5 Series Data Sheet
Single (Vo) or Dual (Vo & Vr) output
BPH 0.5-08-00, -08-33, -08-50
BPH 0.5-14-00, -14-33, -14-50
Actual Size
Features
Complies with CSA CAN3-C235-83
NO DE-RATING across entire temperature
range (-30 to +70°C )
Universal Input (100-375 VAC, 50/60Hz)
Small Size—0.55in
3 [9.0cm3]
Low no-load input power <30mW
Constant power mode, not current limit
3000 VAC Isolation
EN 55022, Class B; FCC Part 15, Class B
Meets UL/CSA and EN Product Safety (ITE)
Bias Power AC/DC power supplies are available with two
different types of outputs to fit your applications…
The characteristics of the main (Vo) and auxiliary (Vr) outputs
are different and each has application-specific benefits which
can provide high value to the system designer:
Vo is a voltage-regulated output which has a constant power
mode instead of a conventional current limit. This output is
best suited as a source for isolated DC utility power, which may
be used directly or post-regulated with either a linear regulator
or a DC/DC converter. Vo is self protecting, cannot be over-
loaded and can be shorted indefinitely. So unlike design-your-
own, or partially complete modules where significant design
margin is required to stay far away from current limit, there is
no need to oversize a Bias Power supply. The graceful transi-
tion from voltage regulation to constant power along with the
wide range of product ratings allows the designer to select a
supply tightly matched to the design load.
Vr is also a voltage-regulated output and is thermally protected
from overload. It has very low output ripple capable of driving
elements which require a low-noise, tightly-regulated supply.
In addition, Vr is supplied internally by Vo. This means that any
capacitance added to Vo can increase the hold-up time of Vr as
well.
*Note: maximum currents specified for constant voltage range
only. See V-I curve on page 2 for Vo in constant power range.
The BPH is a revolutionary, micro-sized, drop-in switching power supply
module.
It contains patented technology with unique features that
provide solutions for a wide range of applications, including low power
wireless and many other intelligent control devices. The patented SMPS
topology is totally different from any other:
It's Quiet: Switching is synchronized and occurs only 10% of the time, so
there is very little EMI / EMC interference with other circuits. This means no
extra filtering or shielding is needed, helping to achieve longer transmission
range with more reliable data communication in low power wireless
applications.
It's Powerful: No power de-rating across the full wide temperature range.
No current limit design margin needed when selecting a module. Charge
large super caps faster than any regular SMPS with twice the power rating.
It's Green: High efficiency with ultra low standby power and very little self
generated heat make it ideal for intelligent devices such as smart-sensors,
smart-meters, smart-lighting, smart-grid, M2M or IoT , and any other control
applications.
Operating Specifications
(@120VAC / 60 Hz / 25°C unless otherwise specified)
Electrical
Input Voltage Range
100 - 375 VAC (50/60Hz)
Input Surge Withstand
420V, < 30 sec
Output Power (Pmax)
0.5 W (60Hz)
0.43 W (50Hz)
Efficiency
70% nom.
Output Vo (Peak @100% load)
+/- 10% across operational voltage range
Line / Load Regulation Vo (Peak)
+/- 1% Po < Pmax
Temperature Regulation Vo (Peak)
+/- 2% Po < Pmax
Ripple Vo (@120 Hz)
(@ 100 kHz)
1.00 V p:p
0.25 V p:p
Output Vr, 3.3 volt (+/- 5%)
For Vo = 8V, Ir out 53mA max, Io+Ir ≤ 63mA*
For Vo = 14V, Ir out 23mA max, Io+Ir ≤ 36mA*
Output Vr, 5.0 volt (+/- 5%)
For Vo = 8V, Ir out 63mA max, Io+Ir ≤ 63mA*
For Vo = 14V, Ir out 28mA max, Io+Ir ≤ 36mA*
No-load Consumption
30 mW typical @ Vin=120 VAC
Isolation
3000 VAC (meets UL / CSA & EN Product Safety)
Earth Leakage @ 120 VAC
< 10 uA
Short Circuit Protection
Continuous, Pin ≤ 0.6 w @ Vin = 120 VAC
Reliability @ 25° C, MIL HDBK-217F
> 500 Khr MTBF
Thermal
Operating Temperature
-30 to +70° C
Operating Relative Humidity
0 – 95%, non-condensing
Storage Temperature
-40 to +105° C
Mechanical
Package Size
(L x W x H)
1.10 x 0.92 x 0.55 inches
[27.94 x 23.24 x 13.97 mm]
Safety
Safety Compliance
UL/EN 60950-1 2
nd Edition (CB Report Available)
Not intended for computer room use.
EMI Emissions
EN 55022, Class B, FCC Part 15, Class B


Similar Part No. - BPH05-08-33

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
BPH1-08-00 ETC2-BPH1-08-00 Datasheet
261Kb / 6P
   BIAS 1 Watt Power Supply BPH 1 Series
logo
TAI-TECH Advanced Elect...
BPH323023W5-400T TAI-TECH-BPH323023W5-400T Datasheet
189Kb / 2P
   Ferrite Bead
BPH403025R5-530T TAI-TECH-BPH403025R5-530T Datasheet
180Kb / 2P
   Ferrite Bead
BPH853025R5-101T TAI-TECH-BPH853025R5-101T Datasheet
186Kb / 2P
   Ferrite Bead
logo
LinkCom Manufacturing C...
BPHE005C201 LINKCOM-BPHE005C201 Datasheet
241Kb / 2P
   AC TO DC LED DRIVER
More results

Similar Description - BPH05-08-33

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
BPH1-08-00 ETC2-BPH1-08-00 Datasheet
261Kb / 6P
   BIAS 1 Watt Power Supply BPH 1 Series
BPSX05-08-00 ETC2-BPSX05-08-00 Datasheet
827Kb / 3P
   BIAS 1/2 Watt Power Supply BPSX 0.5 Series
BPW05-08-00 ETC2-BPW05-08-00 Datasheet
268Kb / 6P
   BIAS 1/2 Watt Power Supply BPW 0.5 Series
BPWX05-08-00 ETC2-BPWX05-08-00 Datasheet
828Kb / 3P
   BIAS 1/2 Watt Power Supply BPWX 0.5 Series
BPS1-08-00 ETC2-BPS1-08-00 Datasheet
267Kb / 6P
   BIAS 1 Watt Power Supply BPS 1 Series
BPW1-08-00 ETC2-BPW1-08-00 Datasheet
268Kb / 6P
   BIAS 1 Watt Power Supply BPW 1 Series
BPWX1-08-00 ETC2-BPWX1-08-00 Datasheet
835Kb / 3P
   BIAS 1 Watt Power Supply BPWX 1 Series
BPSX2-08-00 ETC2-BPSX2-08-00 Datasheet
857Kb / 3P
   BIAS 2 Watt Power Supply BPSX 2 Series
BPS2-08-00 ETC2-BPS2-08-00 Datasheet
293Kb / 6P
   BIAS 2 Watt Power Supply BPS 2 Series
BPWX2-08-00 ETC2-BPWX2-08-00 Datasheet
849Kb / 2P
   BIAS 2 Watt Power Supply BPWX 2 Series
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com