Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

F1740AA03 Datasheet(PDF) 3 Page - List of Unclassifed Manufacturers

Part # F1740AA03
Description  F1700/F1799 RFI Filters
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

F1740AA03 Datasheet(HTML) 3 Page - List of Unclassifed Manufacturers

  F1740AA03 Datasheet HTML 1Page - List of Unclassifed Manufacturers F1740AA03 Datasheet HTML 2Page - List of Unclassifed Manufacturers F1740AA03 Datasheet HTML 3Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
Curtis Industries
A Division of Powers Holdings, Inc.
www.curtisind.com
Specifications subject to change.
Dimensions are shown for
reference purposes only.
40
Standard Mounting Cutouts
F1200CA, F1300CA, F1400CA,
F1500CA, F1600CA, F1700CA
F1500FA, F1600FA,
1.145
(29,08)
1.417
(36,0)
1.275
(32,39)
.09 R
(2,29)
.638
(16,21)
.140 Dia.
(3,55)
2 Holes
1.20
(30.5)
.90
(22,9)
1.575
(40,0)
.187
(4,75)
.450
(11,43)
.234
(5,94)
.140 Dia.
(3,55)
2 Holes
F1300CP, F1600CP
.062 Hole Dia.
(1,57)
5 Holes
1.500
(38,1)
.600
(15,2)
.700
(17,8)
1.400
(35,6)
N
L
F5500/5600/5700 SERIES
.140 Dia.
(3,55)
2 Holes
.234 R.
(5,94)
(Typ.)
1.575
(40,01)
1.20
(30,48)
.90
(22,8)
for mounting
from back side
SERIES
PE = Power Entry
PM = Medical
Power Entry
LOAD
TERMINATION
A= Quick Connects
B= Wire Leads
D= Screw Terminals
(20 & 30 amp only)
P= Printed Circuit Pins
S= Solder Tab
LINE TERMINATION
A= Quick Connects
B= Wire Leads
C= IEC Connector
D= Screw Terminals
(20 & 30 amp only)
F = Fused IEC
P= Printed Circuit Pins
W= Dual Fused IEC
J = Switched IEC
How to Order
The Curtis part numbering system is made up of four
elements. Each element denotes a specific requirement
(mechanical or electrical) which, when properly
sequenced, fully identifies the required catalog filter. As
shown, the first five alpha/numeric characters denote
the series type; the sixth character (alpha) denotes the
type of line termination; the seventh character (alpha)
denotes the type of load termination; the last two
characters (numeric) denote the current rating.
Compose your part number as follows: Select the series
required, add two alpha character for the line and load
termination, followed by two numeric characters for
the required current rating. For example, F1100AB06
completely identifies an F1100 series filter with quick
connects on line side and wire leads on load side, with
a 6-amp rating.
F1100
X
X
X
CURRENT
RATING
01 = 1 Amp
03 = 3 Amps
06 = 6 Amps
10 = 10 Amps
15 = 15 Amps
20 = 20 Amps
30 = 30 Amps


Similar Part No. - F1740AA03

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
F1740-322-3511 VISHAY-F1740-322-3511 Datasheet
62Kb / 2P
   Suppression, (Bi-polar) Capacitors Class X1Y2 AC 275V/250V
Revision 02-Oct-00
F1740-322-3550 VISHAY-F1740-322-3550 Datasheet
62Kb / 2P
   Suppression Capacitors, (Bi-polar) Capacitors Class X1/Y2 AC 275V/250V
Revision 02-Oct-00
F1740-327-3511 VISHAY-F1740-327-3511 Datasheet
62Kb / 2P
   Suppression, (Bi-polar) Capacitors Class X1Y2 AC 275V/250V
Revision 02-Oct-00
F1740-327-3550 VISHAY-F1740-327-3550 Datasheet
62Kb / 2P
   Suppression Capacitors, (Bi-polar) Capacitors Class X1/Y2 AC 275V/250V
Revision 02-Oct-00
F1740-327-3558 VISHAY-F1740-327-3558 Datasheet
62Kb / 2P
   Suppression Capacitors, (Bi-polar) Capacitors Class X1/Y2 AC 275V/250V
Revision 02-Oct-00
More results

Similar Description - F1740AA03

ManufacturerPart #DatasheetDescription
logo
PREMO CORPORATION S.L
FA PREMO-FA Datasheet
140Kb / 1P
   RFI Power Line Filters
logo
Tyco Electronics
BLF820 MACOM-BLF820 Datasheet
39Kb / 1P
   surface Mountable RFI Filters
logo
Adam Technologies, Inc.
PLF-6DZ2KR ADAM-TECH-PLF-6DZ2KR Datasheet
93Kb / 1P
   EMI/RFI POWER LINE FILTERS
logo
Tyco Electronics
16AYA6A MACOM-16AYA6A Datasheet
1Mb / 2P
   Three Phase RFI Line Filters
logo
Schaffner International...
FN-2410 SCHAFFNER-FN-2410 Datasheet
480Kb / 4P
   EMC/RFI Filters for Industrial Electronics
logo
Adam Technologies, Inc.
PLF3P4C ADAM-TECH-PLF3P4C Datasheet
163Kb / 1P
   EMI/RFI POWER LINE FILTERS PCB & CHASSIS MOUNT FILTERS
logo
Tyco Electronics
3AYO1 MACOM-3AYO1 Datasheet
58Kb / 2P
   Lower Current Three Phase RFI Filters
3AYO1 MACOM-3AYO1_1 Datasheet
323Kb / 2P
   Lower Current Three Phase RFI Filters
20ESB6 MACOM-20ESB6 Datasheet
179Kb / 4P
   High Performance B Series RFI Line Filters
16AYA6A MACOM-16AYA6A_11 Datasheet
218Kb / 4P
   3-phase WYE RFI Power Line Filters
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com