Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BPW2-08-00 Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # BPW2-08-00
Description  BIAS 2 Watt Power Supply BPW 2 Series Data Sheet
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

BPW2-08-00 Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  BPW2-08-00 Datasheet HTML 1Page - List of Unclassifed Manufacturers BPW2-08-00 Datasheet HTML 2Page - List of Unclassifed Manufacturers BPW2-08-00 Datasheet HTML 3Page - List of Unclassifed Manufacturers BPW2-08-00 Datasheet HTML 4Page - List of Unclassifed Manufacturers BPW2-08-00 Datasheet HTML 5Page - List of Unclassifed Manufacturers BPW2-08-00 Datasheet HTML 6Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
BPW 2 Series Data Sheet, Page
1 of 5
BIAS Power
Revised 01/26/2011
www.biaspower.com
Specifications subject to change
BIAS 2 Watt Power Supply
BPW 2 Series Data Sheet
Single (Vo) or Dual (Vo & Vr) output
BPW 2-08-00, -08-33, -08-50
BPW 2-14-00, -14-33, -14-50
Features
Universal Input (90-308 VAC, 50/60Hz)
Small Size—0.87in
3 [14.3cm3]
Low no-load input power <30mW
Constant power mode, not current limit
3000 VAC Isolation
Up to 75% efficiency
EN 55022, Class B; FCC Part 15, Class B
Meets UL/CSA and EN Product Safety (ITE)
The BPW Power Supply Module is an ideal solution for numerous
control applications in lighting, sensing, smart building and power
distribution where operation from 277VAC mains is required. This
low-cost supply provides up to two watts of output power at 8 or 14
VDC (Vo) and an optional 3.3 or 5 VDC (Vr) output for logic functions
such as a microprocessor, logic, timing circuits, transceivers or sen-
sors. A patented design incorporating a custom integrated circuit into
a small package (0.87 in
3 [14.3 cm3]) the BIAS Module provides an
immediate “drop-in” solution, requiring no additional external com-
ponents.
Operating Specifications
(@120VAC / 60 Hz / 25°C unless otherwise specified)
Electrical
Input Voltage Range
90-308 VAC (50/60Hz)
Input Surge Withstand
345V, < 30 sec
Output Power (Pmax)
2.0 W min. (60Hz)
1.67 W min. (50Hz)
Efficiency
70% nom.
Output Vo (Peak)
8 or 14 VDC nom. +/- 5%
Line / Load Regulation Vo (Peak)
+/- 1% Po < Pmax
Temperature Regulation Vo (Peak)
+/- 2% Po < Pmax
Ripple Vo (@120 Hz)
(@ 100 kHz)
1.00 V p:p
0.25 V p:p
Output Vr, 3.3 volt (+/- 5%)
For Vo = 8V, Ir out 160mA max, Io+Ir ≤ 250mA*
For Vo = 14V, Ir out 70mA max, Io+Ir ≤ 143mA*
No-load Consumption
30 mW typical @ Vin=120 VAC
Isolation
3000 VAC (meets UL / CSA & EN Product Safety)
Earth Leakage @ 120 VAC
< 10 uA
Short Circuit Protection
Continuous, Pin ≤ 0.6 w @ Vin = 120 VAC
Reliability @ 25° C, MIL HDBK-217F
> 500 Khr MTBF
Thermal
Operating Temperature
-30 to +70° C
Operating Relative Humidity
0 – 95%, non-condensing
Storage Temperature
-40 to +105° C
Mechanical
Package Size
(L x W x H)
1.35 x 1.12 x 0.58 inches
[34.214 x 28.372 x 14.757 mm]
Safety
Safety Compliance
UL / EN 60950-1 2nd Ed. (CB Report Available)
EMI Emissions
EN 55022, Class B, FCC Part 15, Class B
Output Vr, 5.0 volt (+/- 5%)
For Vo = 8V, Ir out 250mA max, Io+Ir ≤ 250mA*
For Vo = 14V, Ir out 83mA max, Io+Ir ≤ 143mA*
Actual Size
Bias Power AC/DC power supplies are designed to be
applied in two major categories of applications…
Auxiliary, where the Bias supply is one of two or more sup-
plies and provides power for standby, housekeeping, bias-
ing or other requirements. Generally, these supply 3.3V or
5.0V requirements from the Vr output. In some cases a
small amount of Vo power is used.
Second is as a main or utility supply where Bias is the only
supply and provides all power necessary for the product or
system. Both Vr and Vo supplies are often utilized for opti-
mum system performance.
The characteristics of the Vo and Vr outputs are different
and each has application-specific benefits which can pro-
vide high value to the system designer.
Vo is a voltage-regulated output which has a constant
power mode instead of a conventional current limit. This
output is best suited to drive mechanical relays, solenoids,
SSRs, capacitive loads, indicating lights, LEDs and as a
source for isolated DC utility power which may be used
directly or post-regulated with either a linear regulator or a
DC/DC converter. Vo is self protecting, cannot be over-
loaded and can be shorted indefinitely. The graceful transi-
tion from voltage regulation to constant power along with
the wide range of product ratings, allows the designer to
select a supply tightly matched to the design load. There is
no need to oversize a Bias Power supply. Unlike design-
your-own, or partially complete modules where significant
design margin is required, to stay far away from current
limit, Bias’s constant power alternative requires no such
over-spec’ing.
Vr is also a voltage-regulated output and is thermally pro-
tected from overload. It has very low output ripple capable
of driving microprocessors , logic, sensors, transceivers and
other elements which require a low-noise, tightly-regulated
supply. In addition, Vr is supplied internally by Vo. This
means that any capacitance added to Vo can increase the
hold-up time of Vr as well.
*Note: maximum currents specified for constant voltage
range only. See V-I curve on page 2 for Vo in constant
power range.


Similar Part No. - BPW2-08-00

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
BPW20R VISHAY-BPW20R Datasheet
78Kb / 5P
   Silicon PN Photodiode
Rev. 2, 20-May-99
BPW20RF VISHAY-BPW20RF Datasheet
155Kb / 6P
   Silicon PN Photodiode
Rev. 1.3, 08-Mar-05
BPW20RF VISHAY-BPW20RF Datasheet
140Kb / 5P
   Silicon Photodiode
Rev. 1.6, 08-Sep-08
BPW20RF VISHAY-BPW20RF Datasheet
143Kb / 5P
   Silicon Photodiode, RoHS Compliant
Rev. 1.7, 11-Aug-11
BPW20RF VISHAY-BPW20RF Datasheet
144Kb / 5P
   Silicon Photodiode, RoHS Compliant
01-Jan-2021
More results

Similar Description - BPW2-08-00

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
BPW05-08-00 ETC2-BPW05-08-00 Datasheet
268Kb / 6P
   BIAS 1/2 Watt Power Supply BPW 0.5 Series
BPW1-08-00 ETC2-BPW1-08-00 Datasheet
268Kb / 6P
   BIAS 1 Watt Power Supply BPW 1 Series
BPSX2-08-00 ETC2-BPSX2-08-00 Datasheet
857Kb / 3P
   BIAS 2 Watt Power Supply BPSX 2 Series
BPWX2-08-00 ETC2-BPWX2-08-00 Datasheet
849Kb / 2P
   BIAS 2 Watt Power Supply BPWX 2 Series
BPS2-08-00 ETC2-BPS2-08-00 Datasheet
293Kb / 6P
   BIAS 2 Watt Power Supply BPS 2 Series
BPW4-08-00 ETC2-BPW4-08-00 Datasheet
267Kb / 4P
   BIAS Power Supply Module BPW 4 Series
BPH05-08-00 ETC2-BPH05-08-00 Datasheet
816Kb / 3P
   BIAS 1/2 Watt Power Supply BPH 0.5 Series
BPSX05-08-00 ETC2-BPSX05-08-00 Datasheet
827Kb / 3P
   BIAS 1/2 Watt Power Supply BPSX 0.5 Series
BPWX05-08-00 ETC2-BPWX05-08-00 Datasheet
828Kb / 3P
   BIAS 1/2 Watt Power Supply BPWX 0.5 Series
BPSX1-08-00 ETC2-BPSX1-08-00 Datasheet
833Kb / 2P
   BIAS 1 Watt Power Supply BPSX 1 Series Data
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com