Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BPW0.5-14-00 Datasheet(PDF) 3 Page - List of Unclassifed Manufacturers

Part # BPW0.5-14-00
Description  BIAS 1/2 Watt Power Supply BPW 0.5 Series
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

BPW0.5-14-00 Datasheet(HTML) 3 Page - List of Unclassifed Manufacturers

  BPW0.5-14-00 Datasheet HTML 1Page - List of Unclassifed Manufacturers BPW0.5-14-00 Datasheet HTML 2Page - List of Unclassifed Manufacturers BPW0.5-14-00 Datasheet HTML 3Page - List of Unclassifed Manufacturers BPW0.5-14-00 Datasheet HTML 4Page - List of Unclassifed Manufacturers BPW0.5-14-00 Datasheet HTML 5Page - List of Unclassifed Manufacturers BPW0.5-14-00 Datasheet HTML 6Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
BPW 0.5 Series Data Sheet, Page
3 of 5
BIAS Power
Revised 05/06/2011
www.biaspower.com
Specifications subject to change
BIAS 1/2 Watt Power Supply
BPW 0.5 Series Data Sheet
Single (Vo) or Dual (Vo & Vr) output
BPW 0.5-08-00, -08-33, -08-50
BPW 0.5-14-00, -14-33, -14-50
Typical Output Pow e r VS Te m pe rature
50Hz
8V Mode l
0.45
0.50
0.55
0.60
0.65
0.70
0
10
20
30
40
50
60
70
Te m p (C)
85Vac
120Vac
240Vac
265Vac
Minim um Output Pow er VS Tem perature
50Hz
8V M odel
0.40
0.45
0.50
0.55
0.60
0.65
0
10
20
30
40
50
60
70
Tem p (C)
85Vac
120Vac
240Vac
265Vac
Typical Output Pow e r VS Te m pe rature
60Hz
8V Mode l
0.55
0.60
0.65
0.70
0.75
0.80
0.85
0
10
20
30
40
50
60
70
Te m p (C)
85Vac
120Vac
240Vac
265Vac
Minim um Output Pow e r VS Te m pe rature
60Hz
8V Mode l
0.50
0.55
0.60
0.65
0.70
0.75
0
10
20
30
40
50
60
70
Tem p (C)
85Vac
120Vac
240Vac
265Vac


Similar Part No. - BPW0.5-14-00

ManufacturerPart #DatasheetDescription
logo
Actel Corporation
BPW049-0828-07CB95 ACTEL-BPW049-0828-07CB95 Datasheet
1Mb / 8P
   SE-CSG49-H, E-Tec lead free prototype socket drawing for CSG49 and CSG49 packages
BPW049-0830-07CB95 ACTEL-BPW049-0830-07CB95 Datasheet
1Mb / 8P
   SE-CSG49, E-Tec lead free prototype socket drawing for CSG49 and CSG49 packages
More results

Similar Description - BPW0.5-14-00

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
BPW1-08-00 ETC2-BPW1-08-00 Datasheet
268Kb / 6P
   BIAS 1 Watt Power Supply BPW 1 Series
BPH05-08-00 ETC2-BPH05-08-00 Datasheet
816Kb / 3P
   BIAS 1/2 Watt Power Supply BPH 0.5 Series
BPSX05-08-00 ETC2-BPSX05-08-00 Datasheet
827Kb / 3P
   BIAS 1/2 Watt Power Supply BPSX 0.5 Series
BPWX05-08-00 ETC2-BPWX05-08-00 Datasheet
828Kb / 3P
   BIAS 1/2 Watt Power Supply BPWX 0.5 Series
BPW4-08-00 ETC2-BPW4-08-00 Datasheet
267Kb / 4P
   BIAS Power Supply Module BPW 4 Series
BPW2-08-00 ETC2-BPW2-08-00 Datasheet
286Kb / 6P
   BIAS 2 Watt Power Supply BPW 2 Series Data Sheet
Revised 01/26/2011
BPH1-08-00 ETC2-BPH1-08-00 Datasheet
261Kb / 6P
   BIAS 1 Watt Power Supply BPH 1 Series
BPS1-08-00 ETC2-BPS1-08-00 Datasheet
267Kb / 6P
   BIAS 1 Watt Power Supply BPS 1 Series
BPWX1-08-00 ETC2-BPWX1-08-00 Datasheet
835Kb / 3P
   BIAS 1 Watt Power Supply BPWX 1 Series
BPSX2-08-00 ETC2-BPSX2-08-00 Datasheet
857Kb / 3P
   BIAS 2 Watt Power Supply BPSX 2 Series
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com