Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BPWX2-14-50 Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # BPWX2-14-50
Description  BIAS 2 Watt Power Supply BPWX 2 Series
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

BPWX2-14-50 Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  BPWX2-14-50 Datasheet HTML 1Page - List of Unclassifed Manufacturers BPWX2-14-50 Datasheet HTML 2Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
BPWX 2 Series Data Sheet, Page
2 of 2
Revised 12/10/2013
www.biaspower.com
Specifications subject to change
BIAS 2 Watt Power Supply
BPWX 2 Series Data Sheet
Single (Vo) or Dual (Vo & Vr) output
BPWX 2-08-00, -08-33, -08-50
BPWX 2-14-00, -14-33, -14-50
BPWX 2-24-00
Part Number Designation
Part Number
Output Configuration
Vo
Vr
BPWX 2-08-00
Single output
8 VDC
N/A
BPWX 2-14-00
Single output
14 VDC
N/A
BPWX 2-24-00
Single output
24 VDC
N/A
BPWX 2-08-33
Dual Output
8 VDC
3.3 VDC
BPWX 2-08-50
Dual Output
8 VDC
5 VDC
BPWX 2-14-33
Dual Output
14 VDC
3.3 VDC
BPWX 2-14-50
Dual Output
14 VDC
5 VDC
PIN
DESCRIPTION
L1
Input High
L2
Input Low
N/C
No Connection
Vo
Output
GND
Ground
Vr
Vr Output
N/C
No Connection
NOTES
1.
Pins 0.031” [0.787 mm] round
2.
Pins extend 0.125” [3.175 mm]
below stand-offs
Recommended Land Pattern, top view
V-I Curve (For Vo in Constant Power Range)
Recommended Isolation,
Bottom View
0
1
2
3
4
5
6
7
8
9
10
0
100
200
300
400
500
600
700
800
Io, mA
V-I, typical
Constant Power Region


Similar Part No. - BPWX2-14-50

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
BPWX0.5-08-00 ETC2-BPWX0.5-08-00 Datasheet
828Kb / 3P
   BIAS 1/2 Watt Power Supply BPWX 0.5 Series
BPWX0.5-08-33 ETC2-BPWX0.5-08-33 Datasheet
828Kb / 3P
   BIAS 1/2 Watt Power Supply BPWX 0.5 Series
BPWX0.5-08-50 ETC2-BPWX0.5-08-50 Datasheet
828Kb / 3P
   BIAS 1/2 Watt Power Supply BPWX 0.5 Series
BPWX0.5-14-00 ETC2-BPWX0.5-14-00 Datasheet
828Kb / 3P
   BIAS 1/2 Watt Power Supply BPWX 0.5 Series
BPWX0.5-14-33 ETC2-BPWX0.5-14-33 Datasheet
828Kb / 3P
   BIAS 1/2 Watt Power Supply BPWX 0.5 Series
More results

Similar Description - BPWX2-14-50

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
BPWX05-08-00 ETC2-BPWX05-08-00 Datasheet
828Kb / 3P
   BIAS 1/2 Watt Power Supply BPWX 0.5 Series
BPWX1-08-00 ETC2-BPWX1-08-00 Datasheet
835Kb / 3P
   BIAS 1 Watt Power Supply BPWX 1 Series
BPSX2-08-00 ETC2-BPSX2-08-00 Datasheet
857Kb / 3P
   BIAS 2 Watt Power Supply BPSX 2 Series
BPS2-08-00 ETC2-BPS2-08-00 Datasheet
293Kb / 6P
   BIAS 2 Watt Power Supply BPS 2 Series
BPWX4-08-00 ETC2-BPWX4-08-00 Datasheet
843Kb / 3P
   BIAS Power Supply Module BPWX 4 Series
BPH05-08-00 ETC2-BPH05-08-00 Datasheet
816Kb / 3P
   BIAS 1/2 Watt Power Supply BPH 0.5 Series
BPSX05-08-00 ETC2-BPSX05-08-00 Datasheet
827Kb / 3P
   BIAS 1/2 Watt Power Supply BPSX 0.5 Series
BPW05-08-00 ETC2-BPW05-08-00 Datasheet
268Kb / 6P
   BIAS 1/2 Watt Power Supply BPW 0.5 Series
BPH1-08-00 ETC2-BPH1-08-00 Datasheet
261Kb / 6P
   BIAS 1 Watt Power Supply BPH 1 Series
BPS1-08-00 ETC2-BPS1-08-00 Datasheet
267Kb / 6P
   BIAS 1 Watt Power Supply BPS 1 Series
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com