Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

2SK2807-01S Datasheet(PDF) 1 Page - Fuji Electric

Part # 2SK2807-01S
Description  N-channel MOS-FET
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUJI [Fuji Electric]
Direct Link  http://www.fujielectric.co.jp/eng/fdt/scd
Logo FUJI - Fuji Electric

2SK2807-01S Datasheet(HTML) 1 Page - Fuji Electric

  2SK2807-01S Datasheet HTML 1Page - Fuji Electric 2SK2807-01S Datasheet HTML 2Page - Fuji Electric 2SK2807-01S Datasheet HTML 3Page - Fuji Electric  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
2SK2807-01L,S
N-channel MOS-FET
FAP-IIS Series
30V
20m
±35A 30W
> Features
> Outline Drawing
-
High Speed Switching
-
Low On-Resistance
-
No Secondary Breakdown
-
Low Driving Power
-
High Voltage
-
VGS = ± 30V Guarantee
-
Repetitive Avalanche Rated
> Applications
-
Switching Regulators
-
UPS
-
DC-DC converters
-
General Purpose Power Amplifier
> Maximum Ratings and Characteristics
> Equivalent Circuit
-
Absolute Maximum Ratings (TC=25°C), unless otherwise specified
Item
Symbol
Rating
Unit
Drain-Source-Voltage
V DS
30
V
Continous Drain Current
I D
±35
A
Pulsed Drain Current
I D(puls)
±140
A
Gate-Source-Voltage
V GS
±16
V
Max. Avalanche Energy
E AV
129.3
mJ
Max. Power Dissipation
P D
30
W
Operating and Storage Temperature Range
T ch
150
°C
T stg
-55 ~ +150
°C
L=0,070mH, Vcc=12V
-
Electrical Characteristics (TC=25°C), unless otherwise specified
Item
Symbol
Test conditions
Min.
Typ.
Max.
Unit
Drain-Source Breakdown-Voltage
BV DSS
ID=1mA
VGS=0V
30
V
Gate Threshhold Voltage
V GS(th)
ID=1mA
VDS=VGS
1,0
1,5
2,0
V
Zero Gate Voltage Drain Current
I DSS
VDS=30V
Tch=25°C
10
500
µA
VGS=0V
Tch=125°C
0,2
1,0
mA
Gate Source Leakage Current
I GSS
VGS=±16V
VDS=0V
10
100
nA
Drain Source On-State Resistance
R DS(on)
ID=17,5A
VGS=4V
22
30
m
VGS=10V
14
20
m
Forward Transconductance
g fs
ID=17,5A
VDS=25V
16
33
S
Input Capacitance
C iss
VDS=25V
1100
1650
pF
Output Capacitance
C oss
VGS=0V
550
830
pF
Reverse Transfer Capacitance
C rss
f=1MHz
240
360
pF
Turn-On-Time ton (ton=td(on)+tr)
t d(on)
VCC=15V
9
15
ns
t r
ID=35A
75
115
ns
Turn-Off-Time toff (ton=td(off)+tf)
t d(off)
VGS=10V
15
23
ns
t f
RGS=10 Ω
50
75
ns
Avalanche Capability
I AV
L = 100µH
Tch=25°C
35
A
Diode Forward On-Voltage
V SD
IF=2xIDR VGS=0V Tch=25°C
0,98
1,71
V
Reverse Recovery Time
t rr
IF=2xIDR VGS=0V
50
ns
Reverse Recovery Charge
Q rr
-dIF/dt=100A/µs Tch=25°C
0,08
µC
-
Thermal Characteristics
Item
Symbol
Test conditions
Min.
Typ.
Max.
Unit
Thermal Resistance
R th(ch-c)
channel to case
4,16
°C/W
R th(ch-a)
channel to air
125,0
°C/W


Similar Part No. - 2SK2807-01S

ManufacturerPart #DatasheetDescription
logo
Fuji Electric
2SK2807-01S FUJI-2SK2807-01S Datasheet
322Kb / 4P
   N-CHANNEL SILICON POWER MOSFET
More results

Similar Description - 2SK2807-01S

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
HAT2088R RENESAS-HAT2088R_15 Datasheet
110Kb / 9P
   Silicon N Channel MOS FET Silicon N Channel MOS FET
H5N2802PF RENESAS-H5N2802PF_15 Datasheet
123Kb / 9P
   Silicon N Channel MOS FET Silicon N Channel MOS FET
logo
Fuji Electric
2SK1822-01M FUJI-2SK1822-01M Datasheet
185Kb / 2P
   N-channel MOS-FET
2SK1881-L FUJI-2SK1881-L Datasheet
203Kb / 2P
   N-channel MOS-FET
2SK1936-1 FUJI-2SK1936-1 Datasheet
216Kb / 2P
   N-channel MOS-FET
2SK1943-01 FUJI-2SK1943-01 Datasheet
203Kb / 2P
   N-channel MOS-FET
2SK1944-01 FUJI-2SK1944-01 Datasheet
219Kb / 2P
   N-channel MOS-FET
2SK1981-01 FUJI-2SK1981-01 Datasheet
215Kb / 2P
   N-channel MOS-FET
2SK1986-01 FUJI-2SK1986-01 Datasheet
214Kb / 2P
   N-channel MOS-FET
2SK2027-01 FUJI-2SK2027-01 Datasheet
210Kb / 2P
   N-channel MOS-FET
2SK2048-L FUJI-2SK2048-L Datasheet
206Kb / 2P
   N-channel MOS-FET
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com