Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HR5459-25B Datasheet(PDF) 1 Page - RFHIC

Part # HR5459-25B
Description  GaN Hybrid Power Amplifier
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFHIC [RFHIC]
Direct Link  http://www.rfhic.com
Logo RFHIC - RFHIC

HR5459-25B Datasheet(HTML) 1 Page - RFHIC

  HR5459-25B Datasheet HTML 1Page - RFHIC HR5459-25B Datasheet HTML 2Page - RFHIC HR5459-25B Datasheet HTML 3Page - RFHIC HR5459-25B Datasheet HTML 4Page - RFHIC HR5459-25B Datasheet HTML 5Page - RFHIC HR5459-25B Datasheet HTML 6Page - RFHIC  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
GaN Hybrid Power Amplifier
HR5459-25B
Korean Facilities : 82-31-250-5078 / rfsales@rfhic.com
All specifications may change without notice
US Facility : 919-677-8780 / sales@rfhicusa.com
1 / 6
Version 1.0
Product Features
Applications
• GaN on SiC HEMT
• Surface Mount Hybrid Type
• Compact Size & Mass
• High Efficiency
• Low Cost
• Custom design available
• Radar Systems
• Pulse amplifier application
Description
The HR5459-25B is designed for Radar system application frequencies from 5.4GHz to 5.9GHz and GaN HEMT technology has been
used that performs high breakdown voltage, wide bandwidth and high efficiency. HR5459-25B has been designed 2 stages to have
higher Gain at the wide frequency range of 5.4GHz ~5.9GHz. GaN HEMT technology has been used to every amplifier in it for better
reliability. Since it is high efficiency amplifier, it can perform at max 10% duty cycle and 50us of pulse width.
Electrical Specifications @ Vds =50V, Ta=25℃
PARAMETER
UNIT
MIN
TYP
MAX
CONDITION
Frequency Range
MHz
5400
-
5900
ZS = ZL = 50 ohm
Power Gain
dB
-
20
-
Amp : Idq1 = 10mA
Idq2 = 10mA
Power Flatness
-
-
1
Input Return Loss
-
-8
-
Pout @ Psat
W
20
25
-
Harmonics 1 to N
dBc
-25
Pulse Droop
dB
0.5
Pulse
Response
Fall Time
ns
200
Rise Time
ns
200
Drain Efficiency
%
-
40
-
Pout @ Peak
Ids
A
-
1.25
Supply Voltage
V
-3.5
-3.3
-2.7
Gate Bias (
Vgs1 and Vgs2)
V
-
50
Main Bias(Vds)
Caution
The drain voltage must be supplied to the device after the gate voltage is supplied
Turn on : Turn on the Gate Voltage supply and last turn On the Drain voltage supplies
Turn off : Turn off the Drain Voltage and last turn off the Gate voltage
Test condition = 50us (pulse width), 10%(duty cycle), Pin=25.5dBm
Note
HR Series have internal DC blocking capacitors at the RF input and output ports
Mechanical Specifications
PARAMETER
UNIT
TYP
REMARK
Mass
g
2
-
Dimension
20.5 x 12.5 x 4.8
-
Package Type : NP-36


Similar Part No. - HR5459-25B

ManufacturerPart #DatasheetDescription
logo
RFHIC
HR5459-25C RFHIC-HR5459-25C Datasheet
1Mb / 6P
   GaN Hybrid Power Amplifier
More results

Similar Description - HR5459-25B

ManufacturerPart #DatasheetDescription
logo
RFHIC
HM0225-05A RFHIC-HM0225-05A Datasheet
298Kb / 6P
   GaN Hybrid Power Amplifier
TG1000-10 RFHIC-TG1000-10 Datasheet
557Kb / 6P
   GaN Hybrid Power Amplifier
TG520-10 RFHIC-TG520-10 Datasheet
585Kb / 6P
   GaN Hybrid Power Amplifier
TG2000-10 RFHIC-TG2000-10 Datasheet
622Kb / 6P
   GaN Hybrid Power Amplifier
HS6472-20A RFHIC-HS6472-20A Datasheet
819Kb / 6P
   GaN Hybrid Power Amplifier
RTH353710X RFHIC-RTH353710X Datasheet
481Kb / 4P
   GaN Hybrid Power Amplifier
HT0808-30A RFHIC-HT0808-30A Datasheet
272Kb / 8P
   GaN Hybrid Power Amplifier
HS7785-20A RFHIC-HS7785-20A Datasheet
822Kb / 6P
   GaN Hybrid Power Amplifier
HM2060-10A RFHIC-HM2060-10A Datasheet
256Kb / 7P
   GaN Hybrid Power Amplifier
HM0005-10A RFHIC-HM0005-10A Datasheet
211Kb / 7P
   GaN Hybrid Power Amplifier
RRC31050-10 RFHIC-RRC31050-10 Datasheet
191Kb / 5P
   GaN Hybrid Power Amplifier
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com