Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ACML-7410 Datasheet(PDF) 5 Page - AVAGO TECHNOLOGIES LIMITED

Part # ACML-7410
Description  3.3 V/5 V 100 MBd High Speed CMOS Digital Isolator
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVAGO [AVAGO TECHNOLOGIES LIMITED]
Direct Link  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED

ACML-7410 Datasheet(HTML) 5 Page - AVAGO TECHNOLOGIES LIMITED

  ACML-7410 Datasheet HTML 1Page - AVAGO TECHNOLOGIES LIMITED ACML-7410 Datasheet HTML 2Page - AVAGO TECHNOLOGIES LIMITED ACML-7410 Datasheet HTML 3Page - AVAGO TECHNOLOGIES LIMITED ACML-7410 Datasheet HTML 4Page - AVAGO TECHNOLOGIES LIMITED ACML-7410 Datasheet HTML 5Page - AVAGO TECHNOLOGIES LIMITED ACML-7410 Datasheet HTML 6Page - AVAGO TECHNOLOGIES LIMITED ACML-7410 Datasheet HTML 7Page - AVAGO TECHNOLOGIES LIMITED ACML-7410 Datasheet HTML 8Page - AVAGO TECHNOLOGIES LIMITED ACML-7410 Datasheet HTML 9Page - AVAGO TECHNOLOGIES LIMITED Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 13 page
background image
5
Insulation and Safety Related Specifications
Parameter
Symbol
ACML-7400
ACML-7410
ACML-7420
Units
Conditions
Minimum External Air Gap
(Clearance)
L(101)
8.1
mm
Measured from input terminals to output terminals,
shortest distance through air.
Minimum External Tracking
(Creepage)
L(102)
8.1
mm
Measured from input terminals to output terminals,
shortest distance path along body.
Minimum Internal Plastic Gap
(Internal Clearance)
0.05
mm
Through insulation distance conductor to conductor,
usually the straight line distance thickness between the
emitter and detector.
Tracking Resistance
(Comparative Tracking Index)
CTI
>175
V
DIN IEC 112/VDE 0303 Part 1
Isolation Group
IIIa
Material Group (DIN VDE 0110, 1/89, Table 1)
All creepage and clearance pertain to the isolation component itself. These dimensions are needed as a starting point
for the designer when determining the circuit insulation requirements, and not reflective of the equipment standard
requirements.
Absolute Maximum Ratings
Parameter
Symbol
Min.
Max.
Units
Storage Temperature
TS
-55
+125
°C
Ambient Operating Temperature
TA
-40
+125
°C
Supply Voltages
VDD1, VDD2
0
6.5
Volts
Input Voltage
VI
-0.5
VDD +0.5
Volts
Output Voltage
VO
-0.5
VDD +0.5
Volts
Average Output Current
IO
±15
mA
Electrostatic Discharge
Human Body Model
HBM
±4
kV
Charge Device Model
CDM
±1
kV
Solder Reflow Temperature Profile
Please refer to Solder Reflow Temperature Profile
Recommended Operating Conditions
Parameter
Symbol
Min.
Max.
Units
Notes
Ambient Operating Temperature
TA
-40
+105
°C
Supply Voltages ( 3.3 V operation)
VDD1, VDD2
3.0
3.6
V
Supply Voltages ( 5 V operation)
VDD1, VDD2
4.5
5.5
V
Logic High Input Voltage
VIH
0.7 x VDD
VDD
V
Logic Low Input Voltage
VIL
0.0
0.3 x VDD
V


Similar Part No. - ACML-7410

ManufacturerPart #DatasheetDescription
logo
Broadcom Corporation.
ACML-7410 BOARDCOM-ACML-7410 Datasheet
849Kb / 14P
   3.3V/5V 100-MBd High-Speed CMOS Digital Isolator
More results

Similar Description - ACML-7410

ManufacturerPart #DatasheetDescription
logo
Broadcom Corporation.
ACML-7400 BOARDCOM-ACML-7400 Datasheet
849Kb / 14P
   3.3V/5V 100-MBd High-Speed CMOS Digital Isolator
logo
Texas Instruments
ISO721 TI-ISO721_10 Datasheet
594Kb / 26P
[Old version datasheet]   3.3-V / 5-V HIGH-SPEED DIGITAL ISOLATORS
ISO721_1007 TI1-ISO721_1007 Datasheet
678Kb / 29P
[Old version datasheet]   3.3-V / 5-V HIGH-SPEED DIGITAL ISOLATORS
JULY2010
ISO721M-EP TI-ISO721M-EP Datasheet
668Kb / 24P
[Old version datasheet]   3.3-V/5-V HIGH-SPEED DIGITAL ISOLATORS
ISO721 TI-ISO721 Datasheet
1Mb / 22P
[Old version datasheet]   3.3-V / 5-V HIGH-SPEED DIGITAL ISOLATORS
ISO721-Q1 TI-ISO721-Q1 Datasheet
379Kb / 19P
[Old version datasheet]   3.3-V / 5-V HIGH-SPEED DIGITAL ISOLATORS
ISO721M-EP_101 TI-ISO721M-EP_101 Datasheet
679Kb / 25P
[Old version datasheet]   3.3-V/5-V HIGH-SPEED DIGITAL ISOLATORS
ISO721M-EP TI-ISO721M-EP_10 Datasheet
640Kb / 24P
[Old version datasheet]   3.3-V/5-V HIGH-SPEED DIGITAL ISOLATORS
logo
ON Semiconductor
AMIS-42673 ONSEMI-AMIS-42673 Datasheet
159Kb / 11P
   High-Speed 3.3 V Digital Interface CAN Transceiver
January, 2009 ??Rev. 3
logo
AVAGO TECHNOLOGIES LIMI...
ACPL-M21L-500E AVAGO-ACPL-M21L-500E Datasheet
309Kb / 11P
   Low Power, 5 MBd Digital CMOS Optocoupler
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com