Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HM0220-03A Datasheet(PDF) 4 Page - RFHIC

Part # HM0220-03A
Description  GaN Hybrid Power Amplifier
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFHIC [RFHIC]
Direct Link  http://www.rfhic.com
Logo RFHIC - RFHIC

HM0220-03A Datasheet(HTML) 4 Page - RFHIC

  HM0220-03A Datasheet HTML 1Page - RFHIC HM0220-03A Datasheet HTML 2Page - RFHIC HM0220-03A Datasheet HTML 3Page - RFHIC HM0220-03A Datasheet HTML 4Page - RFHIC HM0220-03A Datasheet HTML 5Page - RFHIC HM0220-03A Datasheet HTML 6Page - RFHIC  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
GaN Hybrid Power Amplifier
HM0220-03A
Korean Facilities : 82-31-250-5078 / rfsales@rfhic.com
All specifications may change without notice
US Facility : 919-677-8780 / sales@rfhicusa.com
4 / 6
Version 1.6
Package Dimensions (Type: NP-1A)
* Unit: mm[inch] | Tolerance: ±0.15[.006]
Top & Side View
Bottom View
Pin Description
Pin No
Function
Pin No
Function
Pin No
Function
1
Input
5
Vds2
9
GND
2
Vds1
6
Output
10
GND
3
Floating
7
GND
-
-
4
-Vgs2
8
GND
-
-
Recommended Pattern
* Mounting Configuration Notes
1. For the proper performance of the device, Ground / Thermal via holes must be designed to remove heat.
2. To properly use heatsink, ensure the ground/thermal via hole region to contact the heatsink. We recommend the mounting screws
be added near the heatsink to mount the board
3. In designing the necessary RF trace, width will depend upon the PCB material and construction.
4. Use 1 oz. Copper minimum thickness for the heatsink.
5. Do not put solder mask on the backside of the PCB in the region where the board contacts the heatsink
6. We recommend adding as much copper as possible to inner and outer layers near the part to ensure optimal thermal performance.


Similar Part No. - HM0220-03A

ManufacturerPart #DatasheetDescription
logo
RFHIC
HM0220-05A RFHIC-HM0220-05A Datasheet
260Kb / 6P
   GaN Hybrid Power Amplifier
More results

Similar Description - HM0220-03A

ManufacturerPart #DatasheetDescription
logo
RFHIC
HM0225-05A RFHIC-HM0225-05A Datasheet
298Kb / 6P
   GaN Hybrid Power Amplifier
TG1000-10 RFHIC-TG1000-10 Datasheet
557Kb / 6P
   GaN Hybrid Power Amplifier
TG520-10 RFHIC-TG520-10 Datasheet
585Kb / 6P
   GaN Hybrid Power Amplifier
TG2000-10 RFHIC-TG2000-10 Datasheet
622Kb / 6P
   GaN Hybrid Power Amplifier
HS6472-20A RFHIC-HS6472-20A Datasheet
819Kb / 6P
   GaN Hybrid Power Amplifier
RTH353710X RFHIC-RTH353710X Datasheet
481Kb / 4P
   GaN Hybrid Power Amplifier
HT0808-30A RFHIC-HT0808-30A Datasheet
272Kb / 8P
   GaN Hybrid Power Amplifier
HS7785-20A RFHIC-HS7785-20A Datasheet
822Kb / 6P
   GaN Hybrid Power Amplifier
HM2060-10A RFHIC-HM2060-10A Datasheet
256Kb / 7P
   GaN Hybrid Power Amplifier
HM0005-10A RFHIC-HM0005-10A Datasheet
211Kb / 7P
   GaN Hybrid Power Amplifier
RRC31050-10 RFHIC-RRC31050-10 Datasheet
191Kb / 5P
   GaN Hybrid Power Amplifier
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com