Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LL-304UAC4B-3AD Datasheet(PDF) 3 Page - Lucky Light Electronic

Part # LL-304UAC4B-3AD
Description  Ultra Yellow Orange LED
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LUCKY-LIGHT [Lucky Light Electronic]
Direct Link  http://www.lucky-light.com
Logo LUCKY-LIGHT - Lucky Light Electronic

LL-304UAC4B-3AD Datasheet(HTML) 3 Page - Lucky Light Electronic

  LL-304UAC4B-3AD Datasheet HTML 1Page - Lucky Light Electronic LL-304UAC4B-3AD Datasheet HTML 2Page - Lucky Light Electronic LL-304UAC4B-3AD Datasheet HTML 3Page - Lucky Light Electronic LL-304UAC4B-3AD Datasheet HTML 4Page - Lucky Light Electronic LL-304UAC4B-3AD Datasheet HTML 5Page - Lucky Light Electronic LL-304UAC4B-3AD Datasheet HTML 6Page - Lucky Light Electronic LL-304UAC4B-3AD Datasheet HTML 7Page - Lucky Light Electronic  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
Luckylight
Spec No: B323 X435
Rev No: V.2
Date: Sep/17/2009
Page: 3 OF 7
Approved: JoJo
Checked: Wu
Drawn: Yao
Lucky Light Electronics Co., Ltd.
http://www.luckylightled.com
Package Dimension:
Notes:
1. All dimensions are in millimeters.
2. Tolerance is ±0.25 (.010〞) mm unless otherwise noted.
3. Protruded resin under flange is 1.0 mm (.04〞) max.
4. Specifications are subject to change without notice.
Part No.
Chip Material
Lens Color
Source Color
LL-304UAC4B-3AD
AlInGaP
Water Clear
Ultra Yellow Orange


Similar Part No. - LL-304UAC4B-3AD

ManufacturerPart #DatasheetDescription
logo
Lucky Light Electronic
LL-304UAC4B-3AD LUCKY-LIGHT-LL-304UAC4B-3AD Datasheet
134Kb / 7P
   3mm Round With Flange Type Ultra Yellow Orange LED Technical Data Sheet
LL-304UAC4B-3AD LUCKY-LIGHT-LL-304UAC4B-3AD_15 Datasheet
134Kb / 7P
   Ultra Yellow Orange LED
More results

Similar Description - LL-304UAC4B-3AD

ManufacturerPart #DatasheetDescription
logo
Lucky Light Electronic
LL-304UAC2L-1A LUCKY-LIGHT-LL-304UAC2L-1A Datasheet
134Kb / 7P
   Ultra Yellow Orange LED
LL-304UAC4B-3AD LUCKY-LIGHT-LL-304UAC4B-3AD_15 Datasheet
134Kb / 7P
   Ultra Yellow Orange LED
LL-304UAC2L-2A LUCKY-LIGHT-LL-304UAC2L-2A Datasheet
134Kb / 7P
   Ultra Yellow Orange LED
LL-304UAC4B-1AD LUCKY-LIGHT-LL-304UAC4B-1AD_15 Datasheet
134Kb / 7P
   Ultra Yellow Orange LED
LL-304UAC2L-2A LUCKY-LIGHT-LL-304UAC2L-2A_15 Datasheet
134Kb / 7P
   Ultra Yellow Orange LED
LL-304UAC2L-1A LUCKY-LIGHT-LL-304UAC2L-1A_15 Datasheet
134Kb / 7P
   Ultra Yellow Orange LED
LL-304UAC4B-1AD LUCKY-LIGHT-LL-304UAC4B-1AD Datasheet
134Kb / 7P
   Ultra Yellow Orange LED
LL-304UAC4B-2AD LUCKY-LIGHT-LL-304UAC4B-2AD Datasheet
134Kb / 7P
   Ultra Yellow Orange LED
LL-304UAC4B-2AD LUCKY-LIGHT-LL-304UAC4B-2AD_15 Datasheet
134Kb / 7P
   Ultra Yellow Orange LED
logo
Marktech Corporate
LC307PYO1-30Q-A MARKTECH-LC307PYO1-30Q-A Datasheet
52Kb / 2P
   InGaAlP Yellow−Orange Ultra Bright 3mm LED
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com