Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD024-10 Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # AD024-10
Description  Package Drawings and Specifications
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

AD024-10 Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  AD024-10 Datasheet HTML 1Page - List of Unclassifed Manufacturers AD024-10 Datasheet HTML 2Page - List of Unclassifed Manufacturers AD024-10 Datasheet HTML 3Page - List of Unclassifed Manufacturers AD024-10 Datasheet HTML 4Page - List of Unclassifed Manufacturers AD024-10 Datasheet HTML 5Page - List of Unclassifed Manufacturers AD024-10 Datasheet HTML 6Page - List of Unclassifed Manufacturers AD024-10 Datasheet HTML 7Page - List of Unclassifed Manufacturers AD024-10 Datasheet HTML 8Page - List of Unclassifed Manufacturers AD024-10 Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
Appendix
- 132 -
www.nve.com phone: 952-829-9217 fax: 952-829-9189
ackage Drawing – TDFN6 2.5 mm x 2.5 mm
P
2.00 ± 0.05
C0.10
PIN 1 ID
0.30 ± 0.05(6x)
0.30 ± 0.05(6x)
0.65 TYP. (4x)
1.30 REF (2X)
1
3
1
3
6
4
4
PIN 1 INDEX AREA
2.50 ± 0.10
6
0.0-0.05
0.80 MAX
0.20 REF.
Note: Dimensions in mm. TDFN6 package has thermal power dissipation of 320°C/Watt in free air.
ackage Drawing – TDFN SO8
Attaching the package to a circuit board improves thermal performance.
P
5
4
5
1
5
8
1
PIN 1 INDEX AREA
4.900 ± 0.20
4
0.0-0.05
0.75±0.05
0.75±0.05 MAX
Pin 1 ID
3.90 ± 0.15
0.65 ± 0.10 (8x)
1.27 Typ. (6x)
3.81REF (2x)
0.40 ± 0.05 (8x)
Note: Dimensions in mm. TDFN SO8 Package has thermal power dissipation of 240°C/Watt in free air.
Attaching the package to a circuit board improves thermal performance.


Similar Part No. - AD024-10

ManufacturerPart #DatasheetDescription
logo
RHOPOINT COMPONENTS
AD024-00 RHOPOINT-AD024-00 Datasheet
74Kb / 1P
   GMR Digital Sensor Evaluation Kit
More results

Similar Description - AD024-10

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
APD032 ETC-APD032 Datasheet
76Kb / 4P
   PACKAGE MECHANICAL SPECIFICATIONS AND PARAMETERS
logo
Kemet Corporation
CDR01BP101BKZM KEMET-CDR01BP101BKZM Datasheet
1Mb / 10P
   CAPACITOR OUTLINE DRAWINGS
C0805Z101K5GAL KEMET-C0805Z101K5GAL Datasheet
270Kb / 3P
   CAPACITOR OUTLINE DRAWINGS
C0504A109F2GAC KEMET-C0504A109F2GAC Datasheet
105Kb / 7P
   CAPACITOR OUTLINE DRAWINGS
CDR35BX474AKUS KEMET-CDR35BX474AKUS Datasheet
1Mb / 10P
   CAPACITOR OUTLINE DRAWINGS
C0805Z101K5GAH KEMET-C0805Z101K5GAH Datasheet
271Kb / 4P
   CAPACITOR OUTLINE DRAWINGS
logo
Advanced Crystal Techno...
ACT_HC49_U_STANDARD ACT-ACT_HC49_U_STANDARD Datasheet
501Kb / 4P
   family is available in industry standard package and specifications
20-11-2012
logo
ITT Industries
040-0054-000 ITT-040-0054-000 Datasheet
93Kb / 1P
   CUSTOMER DRAWINGS CUPPTTING KPTO8PIO-24
logo
List of Unclassifed Man...
MS3102R28-21PY ETC2-MS3102R28-21PY Datasheet
219Kb / 1P
   Specification and Dimensions subject to chang Drawings illustrate normal insulator positioning
22-03-2021 ETC1-22-03-2021 Datasheet
126Kb / 1P
   FEATURES AND SPECIFICATIONS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com