Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD106-00 Datasheet(PDF) 5 Page - List of Unclassifed Manufacturers

Part # AD106-00
Description  Package Drawings and Specifications
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

AD106-00 Datasheet(HTML) 5 Page - List of Unclassifed Manufacturers

  AD106-00 Datasheet HTML 1Page - List of Unclassifed Manufacturers AD106-00 Datasheet HTML 2Page - List of Unclassifed Manufacturers AD106-00 Datasheet HTML 3Page - List of Unclassifed Manufacturers AD106-00 Datasheet HTML 4Page - List of Unclassifed Manufacturers AD106-00 Datasheet HTML 5Page - List of Unclassifed Manufacturers AD106-00 Datasheet HTML 6Page - List of Unclassifed Manufacturers AD106-00 Datasheet HTML 7Page - List of Unclassifed Manufacturers AD106-00 Datasheet HTML 8Page - List of Unclassifed Manufacturers AD106-00 Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
Appendix
- 135 -
www.nve.com phone: 952-829-9217 fax: 952-829-9189
Magnet Data
NVE supplies Ceramic 8 magnets in some of our GMR sensor evaluation kits. The characteristics for
these magnets are given below:
Material Type
Ceramic 8 (C8)
Maximum Operating Temperature
300
°C
Curie Temperature
450
°C
Temperature Coefficient of Flux Density
-0.20 %/
°C
Maximum Energy Product
3.5 MGOe
Residual Induction
3850 Gauss
Coercive Force
2950 Oersteds
Ceramic 8 M agnetic Characteristics
500
1000
1500
2000
2500
3000
3500
4000
4500
-35C
+25C
+85C
0
-5000
-4000
-3000
-2000
-1000
0
D e magne tiz ing Force , O e rste ds (O e )


Similar Part No. - AD106-00

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
AD1065C5 INFINEON-AD1065C5 Datasheet
844Kb / 11P
   650V/10A Silicon Carbide Schottky Diode in TO247-3 CoolSiC™ Automotive Schottky Diode 650V G5
V3.0 26.11.2018
logo
Analog Devices
AD10677 AD-AD10677 Datasheet
643Kb / 10P
   16-Bit, 65 MSPS A/D Converter
REV. B
AD10677/PCB AD-AD10677/PCB Datasheet
643Kb / 10P
   16-Bit, 65 MSPS A/D Converter
REV. B
AD10677BWS AD-AD10677BWS Datasheet
643Kb / 10P
   16-Bit, 65 MSPS A/D Converter
REV. B
AD10677PCB AD-AD10677PCB Datasheet
902Kb / 28P
   High Speed ADC USB FIFO Evaluation Kit
REV. 0
More results

Similar Description - AD106-00

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
APD032 ETC-APD032 Datasheet
76Kb / 4P
   PACKAGE MECHANICAL SPECIFICATIONS AND PARAMETERS
logo
Kemet Corporation
CDR01BP101BKZM KEMET-CDR01BP101BKZM Datasheet
1Mb / 10P
   CAPACITOR OUTLINE DRAWINGS
C0805Z101K5GAL KEMET-C0805Z101K5GAL Datasheet
270Kb / 3P
   CAPACITOR OUTLINE DRAWINGS
C0504A109F2GAC KEMET-C0504A109F2GAC Datasheet
105Kb / 7P
   CAPACITOR OUTLINE DRAWINGS
CDR35BX474AKUS KEMET-CDR35BX474AKUS Datasheet
1Mb / 10P
   CAPACITOR OUTLINE DRAWINGS
C0805Z101K5GAH KEMET-C0805Z101K5GAH Datasheet
271Kb / 4P
   CAPACITOR OUTLINE DRAWINGS
logo
Advanced Crystal Techno...
ACT_HC49_U_STANDARD ACT-ACT_HC49_U_STANDARD Datasheet
501Kb / 4P
   family is available in industry standard package and specifications
20-11-2012
logo
ITT Industries
040-0054-000 ITT-040-0054-000 Datasheet
93Kb / 1P
   CUSTOMER DRAWINGS CUPPTTING KPTO8PIO-24
logo
List of Unclassifed Man...
MS3102R28-21PY ETC2-MS3102R28-21PY Datasheet
219Kb / 1P
   Specification and Dimensions subject to chang Drawings illustrate normal insulator positioning
22-03-2021 ETC1-22-03-2021 Datasheet
126Kb / 1P
   FEATURES AND SPECIFICATIONS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com