Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DPX4024WD12 Datasheet(PDF) 1 Page - TDK Electronics

Part # DPX4024WD12
Description  Single, Dual Triple Output 40W to 60W DIN Mount DC-DC Converters
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TDK [TDK Electronics]
Direct Link  http://www.tdk.com
Logo TDK - TDK Electronics

DPX4024WD12 Datasheet(HTML) 1 Page - TDK Electronics

  DPX4024WD12 Datasheet HTML 1Page - TDK Electronics DPX4024WD12 Datasheet HTML 2Page - TDK Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
5
1-800-526-2324 • www.us.tdk-lambda.com/lp/
DPX Series
Features
u DIN Rail Mount Version of TDK-Lambda’s PX Series
u 1600VDC Input to Output Isolation
u Wide Operating Temperature Range
u Internally Protected
u All In One Package
Single, Dual & Triple Output 40W to 60W DIN Mount DC-DC Converters
1. No load operation will not damage the unit
Model
DPX40
DPX60
Max Output Power
W
40W
60W
Efficiency
%
85% typical at nominal input & full load
Voltage Accuracy
%
Single, Dual & Triple Main ±1%, Triple auxiliaries ±5%
Volt. Adjust. (Single Output Only)
%
±10%
Minimum Load, each output
(1)
%
Single output 0%, Dual & Triple outputs 10%
Line Regulation
%
Single / Dual ±0.5%, Triple (main) ±1%, (auxiliaries) ±5%
Load Regulation (10% to 100%)
%
Single ±0.5%, Dual ±1%, Triple (main) ±2%, (auxiliaries) ±5%
Cross Regulation (25% to 100%)
%
Triple (main) ±1%, Dual / Triple (auxiliaries) ±5%
Start up time
ms
100ms typ.
Remote on/off (ref. to neg. input)
-
Positive Logic: ON: Open or 3.5-12V, OFF: Short or <1.2V
Temperature Coefficient
%/°C
<±0.02%/°C
Operating Temperature
-
-40 to 85°C, derate linearly to 20% load from 60°C to 85°C
Storage Temperature
°C
-40 to 85°C
Thermal Shock
-
MIL-STD-810D
Relative Humidity
%RH
5 to 95%RH (non condensing)
Trans. Resp.(25% step load chng.)
ms
250μs recovery
Overvolt. Protection (Zener clamp)
-
5V: 6.2V, 12V: 15V, 15V: 18V
Overcurr. & Short Circuit Protection
-
Typically at 150%, hiccup with self recovery
Input Surge Volt. (Max. for 100ms)
-
12V input: 36V, 24V input: 50V, 48V input: 100V
Isolation Voltage
VDC
1600VDC minimum
Isolation Resistance
Ω
109 Ohms minimum
Typical Switching Frequency (Fixed)
kHz
300kHz (typ)
Shock & Vibration
-
MIL-STD-810F
Conducted & Radiated Emissions
-
EN55022 Level B
Immunity
-
EN61000-4-2, -3, -4, -5, -6 Pref Criteria A
Safety Agency Approval
-
CE Mark
Size (W x H x L)
In(mm)
0.96 x 2.27 x 4.92” (24.5 x 57.6 x 125mm)
Weight
g
182g
Warranty
Years
Two Years
Specifications
Key Market Segments & Applications


Similar Part No. - DPX4024WD12

ManufacturerPart #DatasheetDescription
logo
TDK Electronics
DPX40-12T0512 TDK-DPX40-12T0512 Datasheet
181Kb / 2P
   DC-DC Converters
May 17, 2022
DPX40-12T0515 TDK-DPX40-12T0515 Datasheet
181Kb / 2P
   DC-DC Converters
May 17, 2022
DPX40-24T0512 TDK-DPX40-24T0512 Datasheet
181Kb / 2P
   DC-DC Converters
May 17, 2022
DPX40-24T0515 TDK-DPX40-24T0515 Datasheet
181Kb / 2P
   DC-DC Converters
May 17, 2022
DPX40-24WD12 TDK-DPX40-24WD12 Datasheet
181Kb / 2P
   DC-DC Converters
May 17, 2022
More results

Similar Description - DPX4024WD12

ManufacturerPart #DatasheetDescription
logo
TDK Electronics
PXD40 TDK-PXD40 Datasheet
1Mb / 7P
   40W Single and Dual Output DC-DC converters
April 20, 2022 V1
PXD60 TDK-PXD60 Datasheet
2Mb / 7P
   60W Single and Dual Output DC-DC converters
April 13th, 2022 V2
logo
Vicor Corporation
MEGA_MODULE VICOR-MEGA_MODULE Datasheet
154Kb / 4P
   25 to 600 Watts DC-DC Converters Single, Dual,Triple Output Chassis Mount
logo
List of Unclassifed Man...
TP1101 ETC1-TP1101 Datasheet
167Kb / 2P
   25 to 30 WATT SINGLE, DUAL and TRIPLE OUTPUT DC-DC CONVERTERS
logo
Intronics Power, Inc.
DC1800 INTRONICS-DC1800 Datasheet
182Kb / 1P
   25 Watt Single Dual Triple & 3.3V Output DC-DC Converters
logo
CINCON ELECTRONICS Corp...
CFM40D CINCON-CFM40D Datasheet
450Kb / 3P
   40W DUAL/TRIPLE OUTPUT AC-DC OPEN FRAME
logo
MicroPower Direct, LLC
C4000ERW MPD-C4000ERW Datasheet
250Kb / 2P
   Compact, 2:1 Input 40W, Single Output DC/DC Converters
logo
Delta Electronics, Inc.
S24SP12004 DELTA-S24SP12004 Datasheet
636Kb / 6P
   40W Single Output DC/DC Converter
S24SP24002 DELTA-S24SP24002 Datasheet
655Kb / 6P
   40W Single Output DC/DC Converter
S24SP05008 DELTA-S24SP05008 Datasheet
628Kb / 6P
   40W Single Output DC/DC Converter
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com