Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DSS5160T Datasheet(PDF) 4 Page - Diodes Incorporated

Part # DSS5160T
Description  60V LOW VCE(sat) PNP SURFACE MOUNT TRANSISTOR
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

DSS5160T Datasheet(HTML) 4 Page - Diodes Incorporated

  DSS5160T Datasheet HTML 1Page - Diodes Incorporated DSS5160T Datasheet HTML 2Page - Diodes Incorporated DSS5160T Datasheet HTML 3Page - Diodes Incorporated DSS5160T Datasheet HTML 4Page - Diodes Incorporated DSS5160T Datasheet HTML 5Page - Diodes Incorporated DSS5160T Datasheet HTML 6Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
DSS5160T
Document number: DS35532 Rev. 1 - 2
4 of 6
www.diodes.com
January 2012
© Diodes Incorporated
DSS5160T
0
100
200
300
400
500
600
700
800
1
10
100
1,000
-I , COLLECTOR CURRENT (mA)
C
Fig. 5 Typical DC Current Gain vs. Collector Current
T = 150°C
A
T = 25°C
A
T = -55°C
A
T = 85°C
A
V
= -5V
CE
0.1
1
10
100
1,000
-I , COLLECTOR CURRENT (mA)
C
Fig. 6 Typical Collector-Emitter Saturation Voltage
vs. Collector Current
0.001
0.01
0.1
1
I/I = 10
CB
T = 85°C
A
T = 25°C
A
T = -55°C
A
T = 150°C
A
0.1
1
10
100
1,000
-I , COLLECTOR CURRENT (mA)
C
Fig. 7 Typical Base-Emitter Turn-On Voltage
vs. Collector Current
0
0.2
0.4
0.6
0.8
1.0
1.2
T = 150°C
A
T = 25°C
A
T = -55°C
A
T = 85°C
A
V
= -5V
CE
0.1
1
10
100
1,000
-I , COLLECTOR CURRENT (mA)
C
Fig. 8 Typical Base-Emitter Saturation Voltage
vs. Collector Current
0
0.2
0.4
0.6
0.8
1.0
1.2
T = 150°C
A
T = 25°C
A
T = -55°C
A
T = 85°C
A
I
= 10
CB
/I
0
30
60
90
120
150
180
0.1
1
10
100
V , REVERSE VOLTAGE (V)
R
Fig. 9 Typical Capacitance Characteristics
Cibo
C
obo
f = 1MHz


Similar Part No. - DSS5160T

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
DSS5160TQ DIODES-DSS5160TQ Datasheet
383Kb / 6P
   LOW VCE(SAT) PNP SURFACE MOUNT TRANSISTOR
DSS5160TQ-7 DIODES-DSS5160TQ-7 Datasheet
383Kb / 6P
   LOW VCE(SAT) PNP SURFACE MOUNT TRANSISTOR
DSS5160T DIODES-DSS5160T_15 Datasheet
117Kb / 6P
   60V LOW VCE(sat) PNP SURFACE MOUNT TRANSISTOR
More results

Similar Description - DSS5160T

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
DSS5160T DIODES-DSS5160T_15 Datasheet
117Kb / 6P
   60V LOW VCE(sat) PNP SURFACE MOUNT TRANSISTOR
DSS60600MZ4 DIODES-DSS60600MZ4_17 Datasheet
603Kb / 8P
   60V PNP LOW VCE(SAT) TRANSISTOR
DPLS160 DIODES-DPLS160_15 Datasheet
171Kb / 4P
   LOW VCE(SAT) PNP SURFACE MOUNT TRANSISTOR
DXT751 DIODES-DXT751_15 Datasheet
170Kb / 4P
   LOW VCE(SAT) PNP SURFACE MOUNT TRANSISTOR
DSS5140V DIODES-DSS5140V_15 Datasheet
122Kb / 5P
   LOW VCE(SAT) PNP SURFACE MOUNT TRANSISTOR
2DB1689 DIODES-2DB1689_15 Datasheet
95Kb / 4P
   LOW VCE(SAT) PNP SURFACE MOUNT TRANSISTOR
DSS5240T DIODES-DSS5240T Datasheet
101Kb / 4P
   LOW VCE(SAT) PNP SURFACE MOUNT TRANSISTOR
DSS5220V DIODES-DSS5220V Datasheet
125Kb / 5P
   LOW VCE(SAT) PNP SURFACE MOUNT TRANSISTOR
DZT955 DIODES-DZT955 Datasheet
196Kb / 4P
   LOW VCE(SAT) PNP SURFACE MOUNT TRANSISTOR
DPLS325E DIODES-DPLS325E Datasheet
162Kb / 4P
   LOW VCE(SAT) PNP SURFACE MOUNT TRANSISTOR
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com