Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AE308 Datasheet(PDF) 2 Page - RFHIC

Part # AE308
Description  CATV Amplifier
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFHIC [RFHIC]
Direct Link  http://www.rfhic.com
Logo RFHIC - RFHIC

AE308 Datasheet(HTML) 2 Page - RFHIC

  AE308_14 Datasheet HTML 1Page - RFHIC AE308_14 Datasheet HTML 2Page - RFHIC AE308_14 Datasheet HTML 3Page - RFHIC AE308_14 Datasheet HTML 4Page - RFHIC  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
E-pHEMT
AE308
Korean Facilities : 82-31-250-5078 / rfsales@rfhic.com
All specifications may change without notice
US Facility : 919-677-8780 / sales@rfhicusa.com
2 / 4
Version 1.4
Single-Ended CATV 75ohm Evaluation Circuit : (50MHz ~1GHz)
Typical RF Performance @ 25℃
PARAMETER
UNIT
TYPICAL
Operating Frequency(fo)
MHz
50
450
1000
Gain (S21)
dB
22
22
22
Input Return Loss(S11)
dB
-15
-15
-15
Output Return Loss(S22)
dB
-15
-15
-15
Output IP3(OIP3)
dBm
29
30
28
1dB Compression Point(P1dB)
dBm
19
19
17
Output IP2(OIP3)
dBc
45
42
54
Noise Figure(NF)
dB
1.3
1.5
2
CSO
(1)
dBc
-58
CTB
(1)
dBc
-64
XMD
(1)
dBc
-67
Supply Voltage
V
5
Current
mA
40~70
(1) 135channels, 16dBmV/ch, Single
Application Circuit @ 50MHz~1GHz
R8
150 ohm
C4
1.8pF
RF IN
C9 4.7uF/16V
C8
10nF
R2
160 ohm
C6
1.8pF
R4
10 ohm
C5
1.8pF
L1
560nH
AE308
L6
6.8nH
R6
1.5k ohm
+5V
L2
560nH
C2
10nF
L4
27nH
RF OUT
R1
18 ohm
L5
12nH
C7 10nF
R5
18 ohm
L3
10nH
R3
1k ohm
R7
1.5k ohm
C1
10nF
C3
10nF


Similar Part No. - AE308_14

ManufacturerPart #DatasheetDescription
logo
RFHIC
AE308 RFHIC-AE308 Datasheet
308Kb / 3P
   E-pHEMT
More results

Similar Description - AE308_14

ManufacturerPart #DatasheetDescription
logo
SJM Prewell. All Rights...
PK857 SJM-PK857 Datasheet
220Kb / 3P
   CATV Amplifier
PW111 SJM-PW111_V01 Datasheet
214Kb / 3P
   CATV Amplifier
PT818 SJM-PT818 Datasheet
462Kb / 5P
   CATV Amplifier
PW470 SJM-PW470 Datasheet
326Kb / 4P
   CATV Amplifier
PW450 SJM-PW450 Datasheet
368Kb / 6P
   CATV Amplifier
PT815 SJM-PT815 Datasheet
457Kb / 4P
   CATV Amplifier
PW125 SJM-PW125 Datasheet
321Kb / 5P
   CATV Amplifier
PW210 SJM-PW210 Datasheet
205Kb / 3P
   CATV Amplifier
PW290 SJM-PW290 Datasheet
204Kb / 3P
   CATV Amplifier
PG885 SJM-PG885 Datasheet
311Kb / 3P
   CATV Amplifier
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com