Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AE305 Datasheet(PDF) 9 Page - RFHIC

Part # AE305
Description  a drive or pre-drive amplifier designed in a low cost SOT-89 package.
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFHIC [RFHIC]
Direct Link  http://www.rfhic.com
Logo RFHIC - RFHIC

AE305 Datasheet(HTML) 9 Page - RFHIC

Back Button AE305 Datasheet HTML 3Page - RFHIC AE305 Datasheet HTML 4Page - RFHIC AE305 Datasheet HTML 5Page - RFHIC AE305 Datasheet HTML 6Page - RFHIC AE305 Datasheet HTML 7Page - RFHIC AE305 Datasheet HTML 8Page - RFHIC AE305 Datasheet HTML 9Page - RFHIC AE305 Datasheet HTML 10Page - RFHIC AE305 Datasheet HTML 11Page - RFHIC  
Zoom Inzoom in Zoom Outzoom out
 9 / 11 page
background image
E-pHEMT MMIC
AE305
Korean Facilities : 82-31-250-5078 / rfsales@rfhic.com
All specifications may change without notice
US Facility : 919-677-8780 / sales@rfhicusa.com
9 / 11
Version 1.3
Typical Performance @ Voltage = 5V, 50ohm System (Temperature)
Gain vs Frequency
0
5
10
15
20
30
600
1200
1800
2400
3000
Freq(MHz)
85°C
25°C
- 40°C
Input R/L vs Frequency
-20
-15
-10
-5
0
30
600
1200
1800
2400
3000
Freq(MHz)
85°C
25°C
- 40°C
Output R/L vs Frequency
-40
-30
-20
-10
0
30
600
1200
1800
2400
3000
Freq(MHz)
85°C
25°C
- 40°C
Noise Figure vs Frequency
0
1
2
3
4
5
30
600
1200
1800
2400
3000
Freq(MHz)
85°C
25°C
- 40°C
OIP3 vs Frequency
25
30
35
40
45
30
900
1800
2700
Freq(MHz)
85°C
25°C
- 40°C
P1dB vs Frequency
10
15
20
25
30
30
900
1800
2700
Freq(MHz)
85°C
25°C
- 40°C


Similar Part No. - AE305

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
AE30 ETC2-AE30 Datasheet
85Kb / 1P
   CPRIIRNCTEUDI TCI RICMUPITR BIMOA횋RD
logo
RFHIC
AE308 RFHIC-AE308 Datasheet
308Kb / 3P
   E-pHEMT
AE308 RFHIC-AE308_14 Datasheet
347Kb / 4P
   CATV Amplifier
More results

Similar Description - AE305

ManufacturerPart #DatasheetDescription
logo
RFHIC
AE367 RFHIC-AE367 Datasheet
820Kb / 12P
   a drive or pre-drive amplifier designed in a low cost SOT-89 package.
AE366 RFHIC-AE366_14 Datasheet
239Kb / 5P
   a drive or pre-drive amplifier designed in a low cost SOT-89 package.
AE314 RFHIC-AE314_14 Datasheet
19Mb / 13P
   a drive or pre-drive amplifier designed in a low cost SOT-89 package.
AE410 RFHIC-AE410 Datasheet
740Kb / 6P
   drive or pre-drive amplifier designed in a low cost SOT-89 package
AE362 RFHIC-AE362_14 Datasheet
695Kb / 9P
   drive or pre-drive amplifier designed in a low cost SOT-89 package.
AE368 RFHIC-AE368 Datasheet
14Mb / 14P
   a drive or pre-drive amplifier designed in a low cost SOIC-8 package.
AE379 RFHIC-AE379 Datasheet
206Kb / 5P
   drive or pre-drive amplifier designed in a low cost SOIC-8 package.
logo
Foshan Blue Rocket Elec...
MCR100T FOSHAN-MCR100T Datasheet
727Kb / 6P
   Thyristor in a SOT-89 Plastic Package
78L06T FOSHAN-78L06T Datasheet
700Kb / 6P
   Voltage Regulator in a SOT-89 Plastic Package
78L09T FOSHAN-78L09T Datasheet
883Kb / 6P
   Voltage Regulator in a SOT-89 Plastic Package
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com