Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

GPP10B Datasheet(PDF) 3 Page - Vishay Siliconix

Part # GPP10B
Description  Glass Passivated Junction Plastic Rectifier
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

GPP10B Datasheet(HTML) 3 Page - Vishay Siliconix

  GPP10B Datasheet HTML 1Page - Vishay Siliconix GPP10B Datasheet HTML 2Page - Vishay Siliconix GPP10B Datasheet HTML 3Page - Vishay Siliconix GPP10B Datasheet HTML 4Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
GPP10A, GPP10B, GPP10D, GPP10G, GPP10J, GPP10K, GPP10M
www.vishay.com
Vishay General Semiconductor
Revision: 13-Aug-13
3
Document Number: 88641
For technical questions within your region: DiodesAmericas@vishay.com, DiodesAsia@vishay.com, DiodesEurope@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
Fig. 3 - Typical Reverse Characteristics
Fig. 4 - Typical Junction Capacitance
PACKAGE OUTLINE DIMENSIONS in inches (millimeters)
0.01
0.1
1
10
020
40
60
80
100
Percent of Rated Peak Reverse Voltage (%)
T
A = 125 °C
T
A = 25 °C
1
10
100
0.1
1
10
100
Reverse Voltage (V)
DO-204AL (DO-41)
0.107 (2.7)
0.080 (2.0)
DIA.
0.034 (0.86)
0.028 (0.71)
DIA.
1.0 (25.4)
MIN.
1.0 (25.4)
MIN.
0.205 (5.2)
0.160 (4.1)


Similar Part No. - GPP10B

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
GPP10B VISHAY-GPP10B Datasheet
19Kb / 2P
   Glass Passivated Junction Rectifiers
18-Mar-02
logo
CHENG-YI ELECTRONIC CO....
GPP10B CHENG-YI-GPP10B Datasheet
131Kb / 2P
   GLASS PASSIVATED RECTIFIER
logo
Vishay Siliconix
GPP10B VISHAY-GPP10B Datasheet
66Kb / 4P
   Glass Passivated Junction Rectifier
Revision: 28-Oct-09
logo
Shenzhen Taychipst Elec...
GPP10B TAYCHIPST-GPP10B Datasheet
4Mb / 2P
   GLASS PASSIVATED JUNCTION RECTIFIER
logo
SUNMATE electronic Co.,...
GPP10B SUNMATE-GPP10B Datasheet
308Kb / 2P
   AXIAL LEADED SILICON RECTIFIER DIODES
More results

Similar Description - GPP10B

ManufacturerPart #DatasheetDescription
logo
Transys Electronics
TE150 TRSYS-TE150 Datasheet
105Kb / 2P
   GLASS PASSIVATED JUNCTION PLASTIC RECTIFIER
TE600A TRSYS-TE600A Datasheet
160Kb / 2P
   GLASS PASSIVATED JUNCTION PLASTIC RECTIFIER
logo
Shanghai Lunsure Electr...
1N4001G CHENYI-1N4001G Datasheet
140Kb / 2P
   GLASS PASSIVATED JUNCTION PLASTIC RECTIFIER
logo
Vishay Siliconix
1N539XGP VISHAY-1N539XGP Datasheet
77Kb / 4P
   Glass Passivated Junction Plastic Rectifier
Revision: 13-Jun-16
logo
Pan Jit International I...
PG4001 PANJIT-PG4001_07 Datasheet
98Kb / 2P
   GLASS PASSIVATED JUNCTION PLASTIC RECTIFIER
PG5391 PANJIT-PG5391_09 Datasheet
61Kb / 2P
   GLASS PASSIVATED JUNCTION PLASTIC RECTIFIER
logo
Vishay Siliconix
GP30A VISHAY-GP30A Datasheet
75Kb / 4P
   Glass Passivated Junction Plastic Rectifier
Revision: 15-Mar-11
1N4001GP VISHAY-1N4001GP_V01 Datasheet
84Kb / 5P
   Glass Passivated Junction Plastic Rectifier
01-Jan-2022
1N4245GP VISHAY-1N4245GP_V01 Datasheet
79Kb / 5P
   Glass Passivated Junction Plastic Rectifier
01-Jan-2022
GP10-4002 VISHAY-GP10-4002_V01 Datasheet
79Kb / 4P
   Glass Passivated Junction Plastic Rectifier
01-Jan-2022
GP15A VISHAY-GP15A_V01 Datasheet
75Kb / 5P
   Glass Passivated Junction Plastic Rectifier
01-Jan-2022
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com